Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8174B Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK8174B
Description  Single Clock Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8174B Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK8174B Datasheet HTML 1Page - Asahi Kasei Microsystems AK8174B Datasheet HTML 2Page - Asahi Kasei Microsystems AK8174B Datasheet HTML 3Page - Asahi Kasei Microsystems AK8174B Datasheet HTML 4Page - Asahi Kasei Microsystems AK8174B Datasheet HTML 5Page - Asahi Kasei Microsystems AK8174B Datasheet HTML 6Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
[AK8174B]
MS1164 -J-00
2010/3
- 5 -
3.
パッケージ外形寸法図(4USON 単位mm)
・4pinUSON (1.3mm x 1.1mm)
<マーキング図>
a. 1ピン表示
b. マーケティングコード
c. 日付コード
1pin
Y M A
a
7 4 B
b
c
M
0.05
1.10±0.05
S
0.05
0.50
0.25±0.05
C0
.05
S


Similar Part No. - AK8174B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8170B AKM-AK8170B Datasheet
426Kb / 6P
   1.8V Single Clock Generator
AK8170BU AKM-AK8170BU Datasheet
473Kb / 6P
   1.8V Single Clock Generato節
AK8171A AKM-AK8171A Datasheet
479Kb / 6P
   Single Clock Generator
AK8172A AKM-AK8172A Datasheet
330Kb / 7P
   Single Clock Generator
AK8173A AKM-AK8173A Datasheet
346Kb / 6P
   Single Clock Generator
More results

Similar Description - AK8174B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8113 AKM-AK8113 Datasheet
164Kb / 6P
   Single Clock Generator
AK8116 AKM-AK8116 Datasheet
264Kb / 6P
   Single Clock Generator
AK8112 AKM-AK8112 Datasheet
46Kb / 6P
   Single Clock Generator
AK8111 AKM-AK8111 Datasheet
156Kb / 6P
   Single Clock Generator
AK8110L AKM-AK8110L Datasheet
305Kb / 7P
   Single Clock Generator
AK8110BU AKM-AK8110BU Datasheet
244Kb / 7P
   Single Clock Generator
AK8172A AKM-AK8172A Datasheet
330Kb / 7P
   Single Clock Generator
AK8171A AKM-AK8171A Datasheet
479Kb / 6P
   Single Clock Generator
AK8118 AKM-AK8118 Datasheet
281Kb / 6P
   Single Clock Generator
AK8114 AKM-AK8114 Datasheet
155Kb / 6P
   Single Clock Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com