Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT001D6-25 Datasheet(PDF) 2 Page - Alpha Industries

Part # AT001D6-25
Description  GaAs IC 4 Bit Digital Attenuator 3 dB LSB DC-1 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AT001D6-25 Datasheet(HTML) 2 Page - Alpha Industries

  AT001D6-25 Datasheet HTML 1Page - Alpha Industries AT001D6-25 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 3/99A
GaAs IC 4 Bit Digital Attenuator 3 dB LSB DC–1 GHz
AT001D6-25
V1
V2
V3
V4
V5
V6
V7
V8
Attenuation
12 dB
3 dB
6 dB
24 dB
J1–J2
-5
0
-5
0
0
-5
0
-5
Reference I.L.
-5
0
0
-5
0
-5
0
-5
3 dB
-5
0
-5
0
-5
0
0
-5
6 dB
0
-5
-5
0
0
-5
0
-5
12 dB
-5
0
-5
0
0
-5
-5
0
24 dB
0
-5
0
-5
-5
0
-5
0
45 dB
5
4
3
2
1
DC
0.5
1.0
Frequency (GHz)
Insertion Loss vs. Frequency
0
+85˚C
-40˚C
Frequency (GHz)
45
40
35
30
25
20
DC
0.5
1.0
24, 36, 45 dB States
Frequency (GHz)
15
DC
0.5
1.0
12
9
6
3
0
3, 6, 12 dB States
Typical Performance Data (0, -5 V)
J1
J2
GND GND
GND GND
GND GND
V1
V2
V3
V4
V5
V6
V7
V8
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
24 dB
6 dB
3 dB
12 dB
Characteristic
Value
RF Input Power
2 W > 500 MHz 0/-8 V
0.5 W @ 50 MHz 0/-8 V
Control Voltage
+0.2 V, -8 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
ΘJC
25°C/W
Absolute Maximum Ratings
Pin Out
Frequency (GHz)
VSWR vs. Frequency (All States)
2.5
2.2
1.9
1.6
1.3
1.0
1.0
0.5
DC
Truth Table
Note: Exceeding these parameters may cause irreversible damage.


Similar Part No. - AT001D6-25

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AT001D6-25 SKYWORKS-AT001D6-25 Datasheet
171Kb / 4P
   GaAs IC 4-Bit Digital Attenuator 3 dB LSB 300 kHz-1 GHz
AT001D6-25LF SKYWORKS-AT001D6-25LF Datasheet
171Kb / 4P
   GaAs IC 4-Bit Digital Attenuator 3 dB LSB 300 kHz-1 GHz
More results

Similar Description - AT001D6-25

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA210-25 ALPHA-AA210-25 Datasheet
38Kb / 2P
   GaAs IC 4 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA230-24 ALPHA-AA230-24 Datasheet
38Kb / 2P
   GaAs IC 3 Bit Digital Attenuator 4 dB LSB DC-2 GHz
AD310-25 ALPHA-AD310-25 Datasheet
133Kb / 2P
   GaAs IC Bit Digital Attenuator 1 dB LSB DC-2 GHz
logo
Skyworks Solutions Inc.
AT001D6-25 SKYWORKS-AT001D6-25 Datasheet
171Kb / 4P
   GaAs IC 4-Bit Digital Attenuator 3 dB LSB 300 kHz-1 GHz
logo
Alpha Industries
AA103-72 ALPHA-AA103-72 Datasheet
24Kb / 2P
   GaAs IC 1 Bit Digital Attenuator 10 dB LSB DC-2.5 GHz
AA260-85 ALPHA-AA260-85 Datasheet
162Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
logo
Skyworks Solutions Inc.
AA116-72 SKYWORKS-AA116-72 Datasheet
215Kb / 4P
   GaAs IC 1-Bit Digital Attenuator 15 dB LSB DC-2 GHz
AA226-87 SKYWORKS-AA226-87 Datasheet
536Kb / 7P
   GaAs IC 4-Bit Digital Attenuator, 1 dB LSB LF-2.5 GHz
AA105-86 SKYWORKS-AA105-86 Datasheet
605Kb / 7P
   GaAs IC 4-Bit Digital Attenuator, 1 dB LSB 0.5-3.0 GHz
logo
Alpha Industries
AA220-25 ALPHA-AA220-25 Datasheet
38Kb / 2P
   GaAs IC 4 Bit Digital Attenuator 2 dB LSB DC-2 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com