Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0225C1C3R6WD05 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # GRM0225C1C3R6WD05
Description  Chip Monolithic Ceramic Capacitors
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0225C1C3R6WD05 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button GRM0225C1C3R6WD05 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM0225C1C3R6WD05 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM0225C1C3R6WD05 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM0225C1C3R6WD05 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM0225C1C3R6WD05 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM0225C1C3R6WD05 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM0225C1C3R6WD05 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM0225C1C3R6WD05 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRM0225C1C3R6WD05 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 182 page
background image
C02E.pdf
Sep.25,2013
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
6
Temperature
Characteristic Codes
Public
STD Code
Reference
Temperature
Temperature Characteristics
Capacitance Change Each Temperature (%)
Capacitance Change
or Temperature
Coefficient
Operating
Temperature
Range
–55°C
Max.
*2
–10°C
Temperature
Range
C0G
CK
CJ
CH
SL
U2J
UJ
X7R
X7S
X7T
X7U
R
X6S
X6T
X5R
X5S
B
EIA
JIS
JIS
JIS
JIS
EIA
JIS
EIA
EIA
EIA
EIA
JIS
EIA
EIA
EIA
EIA
JIS
25°C
20°C
20°C
20°C
20°C
25°C
20°C
25°C
25°C
25°C
25°C
20°C
25°C
25°C
25°C
25°C
20°C
25 to 125°C
20 to 125°C
20 to 125°C
20 to 125°C
20 to 85°C
25 to 125°C *1
20 to 85°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 105°C
–55 to 105°C
–55 to 85°C
–55 to 85°C
–25 to 85°C
0±30ppm/°C
0±250ppm/°C
0±120ppm/°C
0±60ppm/°C
+350 to –1000ppm/°C
–750±120ppm/°C
–750±120ppm/°C
±15%
±22%
+22%, –33%
+22%, –56%
±15%
±22%
+22%, –33%
±15%
±22%
±10%
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–25 to 85°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 105°C
–55 to 105°C
–55 to 85°C
–55 to 85°C
–25 to 85°C
0.58
2.56
1.37
0.82
-
8.78
-
-
-
-
-
-
-
-
-
-
-
Min.
–0.24
–1.88
–0.9
–0.45
-
5.04
-
-
-
-
-
-
-
-
-
-
-
Max.
0.4
1.54
0.82
0.49
-
6.04
4.94
-
-
-
-
-
-
-
-
-
-
Min.
–0.17
–1.13
–0.54
–0.27
-
3.47
2.84
-
-
-
-
-
-
-
-
-
-
Max.
0.25
1.02
0.55
0.33
-
3.84
3.29
-
-
-
-
-
-
-
-
-
-
Min.
–0.11
–0.75
–0.36
–0.18
-
2.21
1.89
-
-
-
-
-
-
-
-
-
-
*1 Rated Voltage 100Vdc max: 25 to 85°C
*2 –25°C (Reference Temperature 20°C) / –30°C (Reference Temperature 25°C)
c GRM Series
For the Capacitance Table of General Purpose GRM Series,
please review the inserted Capacitance Table of
"Chip Monolithic Ceramic Capacitors For General Purpose GRM Series".
Capacitance Table
Chip Monolithic Ceramic Capacitors
For General Purpose GRM Series
Chi M
li hiC
iC
i
Chip Monolithic Ceramic Capacitors
le
l
Capacitance Tabl
pp
For General Purpose GRM Series
le
l
Capacitance Tabl
C0G U2J
EIA:
X7R X7S
JIS:
X7T
X7U X6S
X6T
X5R X5S
CK
CJ
CH
SL
UJ
R
B
p87
p87
p87
p87
p84
p84
p84
p84
p93
p94
p94
p94
p90
p90
p91
p91
p97
p97
p97
p97
p98
C
Δ
25
0.22
0.4×0.2
0.6×0.3
C0G
C
Δ
C0G
C0G
0.33
25
5
0.
1.0
0.10pF
0.20pF
1.0pF
2.0pF
3.0pF
L×W (mm)
T max. (mm)
Rated Voltage (Vdc)
Cap. / TC Code
How to read the Capacitance Table
Temperature Characteristics Table
The Table is colored by temperature characteristic codes.
Refer to the following Table for the meaning of each code.
The values can be narrowed down in the order of size,
rated voltage, and temperature characteristics.
Refers to the page of the part number list.
Check the part number list for the applicable product number.
Capacitance Table


Similar Part No. - GRM0225C1C3R6WD05

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0225C1C3R6WD05 MURATA-GRM0225C1C3R6WD05 Datasheet
4Mb / 237P
   Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
GRM0225C1C3R6WD05 MURATA-GRM0225C1C3R6WD05 Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C3R6WD05L MURATA-GRM0225C1C3R6WD05L Datasheet
4Mb / 221P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GRM0225C1C3R6WD05

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com