Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8139A Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK8139A
Description  26MHz Clock Source Multi Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8139A Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK8139A Datasheet HTML 4Page - Asahi Kasei Microsystems AK8139A Datasheet HTML 5Page - Asahi Kasei Microsystems AK8139A Datasheet HTML 6Page - Asahi Kasei Microsystems AK8139A Datasheet HTML 7Page - Asahi Kasei Microsystems AK8139A Datasheet HTML 8Page - Asahi Kasei Microsystems AK8139A Datasheet HTML 9Page - Asahi Kasei Microsystems AK8139A Datasheet HTML 10Page - Asahi Kasei Microsystems AK8139A Datasheet HTML 11Page - Asahi Kasei Microsystems AK8139A Datasheet HTML 12Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
[AK8139A]
rev.J_04
2013/2
- 9 -
6.水晶振動子
日本電波工業社製 NX2520SA
項目
Symbol
MIN.
TYP.
MAX.
Unit
Remark
公称周波数
f0
26.000
MHz
CL=8pF
等価抵抗
R1
29.0
60
Ω
並列容量
C0
0.87
pF
±20%
等価直列容量
C1
2.40
fF
±20%
等価直列インダクタンス
L1
15.6
mH
±20%
励振レベル
30
100
uW
Crystal unit
Load capacitance CL
L1
R1
C1
C0
CL
Figure 1: Equivalent parameter and load
capacitance


Similar Part No. - AK8139A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8130 AKM-AK8130 Datasheet
114Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8130A AKM-AK8130A Datasheet
116Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8130AH AKM-AK8130AH Datasheet
176Kb / 8P
   Multi Clock Generator with VCXO
AK8130B AKM-AK8130B Datasheet
115Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8130BV AKM-AK8130BV Datasheet
184Kb / 8P
   Multi Clock Generator with VCXO
More results

Similar Description - AK8139A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8132A AKM-AK8132A Datasheet
357Kb / 11P
   Multi Clock Generator
logo
Burr-Brown (TI)
PLL1700 BURR-BROWN-PLL1700 Datasheet
137Kb / 9P
   MULTI-CLOCK GENERATOR
logo
Texas Instruments
PLL1700 TI1-PLL1700_09 Datasheet
395Kb / 15P
[Old version datasheet]   MULTI-CLOCK GENERATOR
logo
Asahi Kasei Microsystem...
AK8146A AKM-AK8146A Datasheet
399Kb / 6P
   Multi Clock Generator
AK8128S AKM-AK8128S Datasheet
395Kb / 10P
   Multi Clock Generator
logo
PulseCore Semiconductor
PCS1P2858A PULSECORE-PCS1P2858A_1 Datasheet
347Kb / 7P
   Multi-Output Clock Generator
PCS1P2857A PULSECORE-PCS1P2857A Datasheet
374Kb / 8P
   Multi-Output Clock Generator
logo
Asahi Kasei Microsystem...
AK8160B AKM-AK8160B Datasheet
528Kb / 14P
   Multi Clock Generator IC
logo
ON Semiconductor
PCS1P2858A ONSEMI-PCS1P2858A Datasheet
102Kb / 6P
   Multi-Output Clock Generator
August, 2011 ??Rev. P2
logo
Asahi Kasei Microsystem...
AK8130D AKM-AK8130D Datasheet
194Kb / 8P
   Multi Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com