Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W2F15C1038AT Datasheet(PDF) 4 Page - AVX Corporation

Part # W2F15C1038AT
Description  Feedthru 0805/1206 Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

W2F15C1038AT Datasheet(HTML) 4 Page - AVX Corporation

  W2F15C1038AT Datasheet HTML 1Page - AVX Corporation W2F15C1038AT Datasheet HTML 2Page - AVX Corporation W2F15C1038AT Datasheet HTML 3Page - AVX Corporation W2F15C1038AT Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
4
Feedthru 0805/1206 Capacitors
W2F/W3F Series
PERFORMANCE CHARACTERISTICS
30.00
35.00
40.00
25.00
20.00
0.3
0.5
0.7
Current (A)
0.8
1.00
1.20
100pf
220pf
47pf
470pf
30.00
35.00
40.00
25.00
20.00
0.3
0.5
0.7
Current (A)
0.8
1.00
1.20
1000pf
2200pf
4700pf
10nf
47nf
22nf
100pf
22pf
47pf
470pf
220pf
40.00
20.00
0.00
0.3
0.5
0.75
Current (A)
0.87
1.00
1.20
2200pf
40.00
20.00
0.00
0.3
0.5
0.75
Current (A)
0.87
1.00
1.20
22,000pf
1000pf
0805 NP0
Current vs. Temperature
0805 X7R
Current vs. Temperature
1206 NP0
Current vs. Temperature
1206 X7R
Current vs. Temperature


Similar Part No. - W2F15C1038AT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W2F15C1038AT AVX-W2F15C1038AT Datasheet
264Kb / 4P
   Feedthru 0805/1206 Capacitors
W2F15C1038AT AVX-W2F15C1038AT Datasheet
72Kb / 4P
   Feedthru 0805/1206 Capacitors
W2F15C1038ATxx AVX-W2F15C1038ATxx Datasheet
72Kb / 4P
   Feedthru 0805/1206 Capacitors
More results

Similar Description - W2F15C1038AT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W3F15C2238 AVX-W3F15C2238 Datasheet
72Kb / 4P
   Feedthru 0805/1206 Capacitors
W2F AVX-W2F Datasheet
72Kb / 4P
   Feedthru 0805/1206 Capacitors
W2F15C4738AT1A AVX-W2F15C4738AT1A Datasheet
264Kb / 4P
   Feedthru 0805/1206 Capacitors
W3F11A2218AT1F AVX-W3F11A2218AT1F Datasheet
81Kb / 4P
   Feedthru 0805/1206 Capacitors
W3F11A2218AT3A AVX-W3F11A2218AT3A Datasheet
81Kb / 4P
   Feedthru 0805/1206 Capacitors
W2F11A22084T AVX-W2F11A22084T Datasheet
288Kb / 4P
   Automotive Feedthru Capacitors
W2H13C1048AT AVX-W2H13C1048AT Datasheet
196Kb / 4P
   h Current Feedthru Capacitors
W2H AVX-W2H_13 Datasheet
196Kb / 4P
   High Current Feedthru Capacitors
W2H13C1048AT AVX-W2H13C1048AT Datasheet
196Kb / 4P
   High Current Feedthru Capacitors
logo
List of Unclassifed Man...
500F15W102KV4T ETC2-500F15W102KV4T Datasheet
94Kb / 2P
   Multilayer Ceramic Feedthru Chip Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com