Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8135C Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK8135C
Description  Multi Clock Generator with VCFO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8135C Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK8135C Datasheet HTML 2Page - Asahi Kasei Microsystems AK8135C Datasheet HTML 3Page - Asahi Kasei Microsystems AK8135C Datasheet HTML 4Page - Asahi Kasei Microsystems AK8135C Datasheet HTML 5Page - Asahi Kasei Microsystems AK8135C Datasheet HTML 6Page - Asahi Kasei Microsystems AK8135C Datasheet HTML 7Page - Asahi Kasei Microsystems AK8135C Datasheet HTML 8Page - Asahi Kasei Microsystems AK8135C Datasheet HTML 9Page - Asahi Kasei Microsystems AK8135C Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
[AK8135C]
MS1254-J-01
2010/11
-
6
-
3-4)DC特性
VDD=3.0~3.6V,Ta=-20~85℃
項目
端子
MIN
TYP
MAX
単位
備考
高レベル入力電圧
REF0PD
REF1PD
HDSEL
TEST1
TEST2
0.7*VDD
V
低レベル入力電圧
同上
0.3*VDD
V
入力リーク電流 1
TEST1
TEST2
-1
+1
μA
入力リーク電流 2
REF0PD
REF1PD
HDSEL
-1
+1
μA
57kΩプルアップ
VDD 入力時電流
入力リーク電流 3
REF0PD
REF1PD
HDSEL
-97
-58
-25
μA
57kΩプルアップ
VSS 入力時電流
入力リーク電流 4
VIN
-3
+3
μA
出力高レベル電圧
CLK1-5
REF1-3
0.8*VDD
V
IOH=-4mA
出力低レベル電圧
同上
0.2*VDD
V
IOL=4mA


Similar Part No. - AK8135C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8135F AKM-AK8135F Datasheet
338Kb / 12P
   Multi Clock Generator with VCFS
AK8135S AKM-AK8135S Datasheet
389Kb / 16P
   Multi Clock Generator with VCFS
More results

Similar Description - AK8135C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8130D AKM-AK8130D Datasheet
194Kb / 8P
   Multi Clock Generator with VCXO
AK8158A AKM-AK8158A Datasheet
326Kb / 10P
   Multi Clock Generator with VCXO
AK8135F AKM-AK8135F Datasheet
338Kb / 12P
   Multi Clock Generator with VCFS
AK8130F AKM-AK8130F Datasheet
293Kb / 8P
   Multi Clock Generator with VCXO
AK8138C AKM-AK8138C Datasheet
211Kb / 8P
   Multi Clock Generator with VCXO
AK8131C AKM-AK8131C Datasheet
193Kb / 8P
   Multi Clock Generator with VCXO
AK8130BV AKM-AK8130BV Datasheet
184Kb / 8P
   Multi Clock Generator with VCXO
AK8130C AKM-AK8130C Datasheet
191Kb / 8P
   Multi Clock Generator with VCXO
AK8135S AKM-AK8135S Datasheet
389Kb / 16P
   Multi Clock Generator with VCFS
AK8130AH AKM-AK8130AH Datasheet
176Kb / 8P
   Multi Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com