Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3F15C1028AT Datasheet(PDF) 3 Page - AVX Corporation

Part # W3F15C1028AT
Description  Feedthru 0805/1206 Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

W3F15C1028AT Datasheet(HTML) 3 Page - AVX Corporation

  W3F15C1028AT Datasheet HTML 1Page - AVX Corporation W3F15C1028AT Datasheet HTML 2Page - AVX Corporation W3F15C1028AT Datasheet HTML 3Page - AVX Corporation W3F15C1028AT Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
3
Feedthru 0805/1206 Capacitors
W2F/W3F Series
PERFORMANCE CHARACTERISTICS
S21 0805 – 100V
IMPEDANCE 0805 – 100V
S21 1206 – 100V
IMPEDANCE 1206 – 100V
S21 1206 – 50V
IMPEDANCE 1206 – 50V
0
-10
-20
-30
-40
-50
-60
-70
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
Freq (0.3 MHz – 9 GHz)
10000
1000
100
10
1
0.1
0.01
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
Freq (0.3 MHz – 9 GHz)
W2F11A2208AT
W2F11A4708AT
W2F11A1018AT
W2F11A2218AT
W2F11A4718AT
W2F11A2208
W2F11A4708
W2F11A1018
W2F11A2218
W2F11A4718
0
-10
-20
-30
-40
-50
-60
-70
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
Freq (0.3 MHz – 9 GHz)
10000
1000
100
10
1
0.1
0.01
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
Freq (0.3 MHz – 9 GHz)
W3F11A2208
W3F11A4708
W3F11A1018
W3F11A2218
W3F11A2208
W3F11A4708
W3F11A1018
W3F11A2218
0
-10
-20
-30
-40
-50
-60
-70
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
Freq (0.3 MHz – 9 GHz)
1000
100
10
1
0.1
0.01
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
Freq (0.3 MHz – 9 GHz)
W3F15C2228
W3F15C4728
W3F15C1038
W3F15C2238
W3F15C4738
W3F15C2228
W3F15C4728
W3F15C1038
W3F15C2238
W3F15C4738


Similar Part No. - W3F15C1028AT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W3F15C1028AT AVX-W3F15C1028AT Datasheet
264Kb / 4P
   Feedthru 0805/1206 Capacitors
W3F15C1028AT AVX-W3F15C1028AT Datasheet
72Kb / 4P
   Feedthru 0805/1206 Capacitors
W3F15C1028ATxx AVX-W3F15C1028ATxx Datasheet
72Kb / 4P
   Feedthru 0805/1206 Capacitors
More results

Similar Description - W3F15C1028AT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W3F15C2238 AVX-W3F15C2238 Datasheet
72Kb / 4P
   Feedthru 0805/1206 Capacitors
W2F AVX-W2F Datasheet
72Kb / 4P
   Feedthru 0805/1206 Capacitors
W2F15C4738AT1A AVX-W2F15C4738AT1A Datasheet
264Kb / 4P
   Feedthru 0805/1206 Capacitors
W3F11A2218AT1F AVX-W3F11A2218AT1F Datasheet
81Kb / 4P
   Feedthru 0805/1206 Capacitors
W3F11A2218AT3A AVX-W3F11A2218AT3A Datasheet
81Kb / 4P
   Feedthru 0805/1206 Capacitors
W2F11A22084T AVX-W2F11A22084T Datasheet
288Kb / 4P
   Automotive Feedthru Capacitors
W2H13C1048AT AVX-W2H13C1048AT Datasheet
196Kb / 4P
   h Current Feedthru Capacitors
W2H AVX-W2H_13 Datasheet
196Kb / 4P
   High Current Feedthru Capacitors
W2H13C1048AT AVX-W2H13C1048AT Datasheet
196Kb / 4P
   High Current Feedthru Capacitors
logo
List of Unclassifed Man...
500F15W102KV4T ETC2-500F15W102KV4T Datasheet
94Kb / 2P
   Multilayer Ceramic Feedthru Chip Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com