Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12103D107KAT2A Datasheet(PDF) 3 Page - AVX Corporation

Part # 12103D107KAT2A
Description  General Specifications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12103D107KAT2A Datasheet(HTML) 3 Page - AVX Corporation

  12103D107KAT2A Datasheet HTML 1Page - AVX Corporation 12103D107KAT2A Datasheet HTML 2Page - AVX Corporation 12103D107KAT2A Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
25
X5R Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
0201
0402
0603
0805
1206
1210
1812
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow Only
Packaging
All Paper
All Paper
All Paper
Paper/Embossed
Paper/Embossed
Paper/Embossed
All Embossed
(L) Length
MM
0.60 ± 0.03
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
3.20 ± 0.20
4.50 ± 0.30
(in.)
(0.024 ± 0.001)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(0.126 ± 0.008)
(0.177 ± 0.012)
(W) Width
MM
0.30 ± 0.03
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
2.50 ± 0.20
3.20 ± 0.20
(in.)
(0.011 ± 0.001)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(0.098 ± 0.008)
(0.126 ± 0.008)
(t)
Terminal
MM
0.15 ± 0.05
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
0.50 ± 0.25
0.61 ± 0.36
(in.)
(0.006 ± 0.002)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
(0.020 ± 0.010)
(0.024 ± 0.014)
WVDC
4
6.3 10 16 25
4
6.3 10 16 25 50
4
6.3 10 16 25 35 50 6.3 10 16 25 35 50 6.3 10 16 25 35 50
4
6.3 10 16 25 35 50 6.3 10 25 50
Cap
100
A
(pF)
150
A
220
A
C
330
A
C
470
A
C
680
A
C
1000
A
A
C
1500
A
C
2200
A
A
C
3300
A
C
4700
A
C
G
6800
A
C
G
Cap
0.010
A
C
G
(μF)
0.015
C
G
G
G
0.022
A
C
C
G
G
G
N
0.033
C
G
G
G
N
0.047
A
C
G
G
G
N
0.068
C
G
G
N
0.10
A
C
C
G
G
N
N
0.15
GN
N
0.22
C
G
G
N
N
Q
0.33
G
G
N
0.47
C
C
G
N
Q
Q
X
0.68
G
N
1.0
C
C
C
G
G
G
J
N
N
P*
Q
Q
X
X
X
1.5
2.2
C
G
G
J
J
N
N
N
Q
Q
Z
X
3.3
NN
Q
Q
4.7
J
J
N
N
N
N*
Q
Q
Q
Q
Q
Z
10
K
NNN
Q
Q
Q
Q
X
Z
Z
Z
22
N*
Q
Q
Q
ZZZZ
47
*Q
Z
100
ZZ*
WVDC
4
6.3 10 16 25
4
6.3 10 16 25 50
4
6.3 10 16 25 35 50 6.3 10 16 25 35 50 6.3 10 16 25 35 50
4
6.3 10 16 25 35 50 6.3 10 25 50
SIZE
0201
0402
0603
0805
1206
1210
1812
= Under Development
L
W
T
t
*Optional Specifications – Contact factory
NOTE: Contact factory for non-specified capacitance values
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED


Similar Part No. - 12103D107KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12103D107KAT2A AVX-12103D107KAT2A Datasheet
69Kb / 3P
   Dielectric General Specifications
12103D107KAT2A AVX-12103D107KAT2A Datasheet
85Kb / 3P
   X5R Dielectric General Specifications
12103D107KAT2A AVX-12103D107KAT2A Datasheet
85Kb / 3P
   X5R Dielectric General Specifications
12103D107KAT2A AVX-12103D107KAT2A Datasheet
85Kb / 3P
   X5R Dielectric
12103D107KAT2A AVX-12103D107KAT2A Datasheet
85Kb / 3P
   General Specifications
More results

Similar Description - 12103D107KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com