Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10100 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # MBR10100
Description  SCHOTTKY BARRIER RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MBR10100 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  MBR10100 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
TO-220AC
1
. ANODE
3.CATHODE
MBR10100
SCHOTTKY BARRIER RECTIFIER
FEATURE
· Schottky
Barrier Chip
· Guard Ring Die Construction for Transient Protection
· Low Power Loss, High Efficiency
· High Surge Capability
· High Current Capability and Low Forward Voltage Drop
· For Use in Low Voltage, High Frequency Inverters, Free
Wheeling. and Polarity Protection Applications
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Output Current
(Note
1)
IO
10
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load
IFSM
150
A
Repetitive Peak Reverse Surge Current
@ t
≤ 2.0µs
IRRM
0.5
A
Voltage Rate of Change(Rated VR)
dv/dt
10000
V/
µs
Forward Voltage Drop
@ IF=10A, TC=125
@ IF=10A, TC=25
@ IF=20A, TC=125
@ IF=20A, TC=25
VF
0.7
0.8
0.85
0.95
V
Peak Reverse Current
@ TC= 25
at Rated DC Blocking Voltage
@ TC=125
IR
0.1
6.0
mA
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
Notes: 1. Thermal resistance junction to case mounted heat sink.
1 2 3
1
3
TO-220AC
1
. CATHODE
3. ANODE
MBR10100
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - MBR10100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR10100 MOTOROLA-MBR10100 Datasheet
83Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
Sangdest Microelectroni...
MBR10100 SMC-MBR10100 Datasheet
139Kb / 5P
   SCHOTTKY RECTIFIER
logo
Formosa MS
MBR10100 FORMOSA-MBR10100 Datasheet
104Kb / 6P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
MBR10100 MCC-MBR10100 Datasheet
112Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Nantong Hornby Electron...
MBR10100 HORNBY-MBR10100 Datasheet
292Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR10100

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com