Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2536-1BM Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2536-1BM
Description  Dual USB Power Distributibution Switch Final Information
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2536-1BM Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2536-1BM Datasheet HTML 3Page - Micrel Semiconductor MIC2536-1BM Datasheet HTML 4Page - Micrel Semiconductor MIC2536-1BM Datasheet HTML 5Page - Micrel Semiconductor MIC2536-1BM Datasheet HTML 6Page - Micrel Semiconductor MIC2536-1BM Datasheet HTML 7Page - Micrel Semiconductor MIC2536-1BM Datasheet HTML 8Page - Micrel Semiconductor MIC2536-1BM Datasheet HTML 9Page - Micrel Semiconductor MIC2536-1BM Datasheet HTML 10Page - Micrel Semiconductor MIC2536-1BM Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
March 2000
7
MIC2536
MIC2536
Micrel
Ramped Into Short Circuit
(MIC2536-1)
V
IN = 5V
C
IN = 4.7µF
R
L = 0Ω
Thermal Shutdown
Time (100ms/div)
Inrush Current
(MIC2536-1)
V
IN = 5V
C
IN = 4.7µF
R
L = 35Ω
C
L = 410µF
C
L = 310µF
C
L = 210µF
C
L = 110µF
C
L = 10
Time (5
µs/div)
Current-Loop Response
(MIC2536-1)
Time (5
µs/div)
V
EN = 5V
V
IN = 5V
C
IN = 4700µF
C
L = 47µF
output = ground
output = open


Similar Part No. - MIC2536-1BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2536-1BM MICREL-MIC2536-1BM Datasheet
132Kb / 12P
   Dual USB Power Distribution Switch Preliminary Information
MIC2536-1BM MICREL-MIC2536-1BM Datasheet
115Kb / 13P
   Dual USB Power Distribution Switch Final Information
MIC2536-1BMM MICREL-MIC2536-1BMM Datasheet
132Kb / 12P
   Dual USB Power Distribution Switch Preliminary Information
MIC2536-1BMM MICREL-MIC2536-1BMM Datasheet
115Kb / 13P
   Dual USB Power Distribution Switch Final Information
More results

Similar Description - MIC2536-1BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2536 MICREL-MIC2536_11 Datasheet
115Kb / 13P
   Dual USB Power Distribution Switch Final Information
MIC2536 MICREL-MIC2536 Datasheet
132Kb / 12P
   Dual USB Power Distribution Switch Preliminary Information
logo
Unisonic Technologies
US1528 UTC-US1528 Datasheet
248Kb / 8P
   USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
logo
Micrel Semiconductor
MIC2027 MICREL-MIC2027 Datasheet
550Kb / 16P
   Quad USB Power Distribution Switch Preliminary Information
logo
Global Mixed-mode Techn...
G525A GMT-G525A Datasheet
243Kb / 8P
   USB High-Side Power Switch Advance Information
G528 GMT-G528 Datasheet
194Kb / 8P
   USB High-Side Power Switch Advance Information
G525 GMT-G525_15 Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
logo
Unisonic Technologies
US1528 UTC-US1528_15 Datasheet
248Kb / 8P
   USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
logo
Global Mixed-mode Techn...
G525 GMT-G525 Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
logo
Micrel Semiconductor
MIC861 MICREL-MIC861 Datasheet
173Kb / 12P
   Teeny Ultra Low Power Op Amp Final Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com