Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL1210 Datasheet(PDF) 8 Page - YAGEO Corporation

Part # RL1210
Description  LOW OHMIC CHIP RESISTORS sizes 0402/0603/0805/1206/ 1210/1218/2010/2512 RoHS compliant & Halogen Free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RL1210 Datasheet(HTML) 8 Page - YAGEO Corporation

  RL1210 Datasheet HTML 1Page - YAGEO Corporation RL1210 Datasheet HTML 2Page - YAGEO Corporation RL1210 Datasheet HTML 3Page - YAGEO Corporation RL1210 Datasheet HTML 4Page - YAGEO Corporation RL1210 Datasheet HTML 5Page - YAGEO Corporation RL1210 Datasheet HTML 6Page - YAGEO Corporation RL1210 Datasheet HTML 7Page - YAGEO Corporation RL1210 Datasheet HTML 8Page - YAGEO Corporation RL1210 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Mar 22, 2010 V.5
Product specification
8
9
SERIES
RL
0402 to 2512
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Solderability
- Wetting
IPC/JEDECJ-STD-002B test B
Electrical Test not required
Magnification 50X
SMD conditions:
1st step: method B, aging 4 hours at 155 °C
dry heat
2nd step: leadfree solder bath at 245±3 °C
Dipping time: 3±0.5 seconds
Well tinned (≥95% covered)
No visible damage
- Leaching
IPC/JEDECJ-STD-002B test D
Leadfree solder, 260 °C, 30 seconds
immersion time
No visible damage
- Resistance to
Soldering Heat
IEC 60068-2-58
Condition B, no pre-heat of samples.
Leadfree solder, 260 °C, 10 seconds
immersion time
Procedure 2 for SMD: devices fluxed and
cleaned with isopropanol
±1%
No visible damage


Similar Part No. - RL1210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL1210 ETC1-RL1210 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
RL1210 YAGEO-RL1210 Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
Ruilongyuan Electronics...
RL1210A RUILON-RL1210A Datasheet
624Kb / 5P
   Metal Oxide Varistors
logo
YAGEO Corporation
RL1210FK-070R105L YAGEO-RL1210FK-070R105L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL1210FK-070R12L YAGEO-RL1210FK-070R12L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
More results

Similar Description - RL1210

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-1GEJ101C PANASONIC-ERJ-1GEJ101C Datasheet
297Kb / 4P
   Thick Film Chip Resistors 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-2GEJ472X PANASONIC-ERJ-2GEJ472X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-2GEJ104X PANASONIC-ERJ-2GEJ104X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-3GEYJ106V PANASONIC-ERJ-3GEYJ106V Datasheet
218Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-1TYJ1R0U PANASONIC-ERJ-1TYJ1R0U Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-1GEJ104C PANASONIC-ERJ-1GEJ104C Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-1GEJ8R2C PANASONIC-ERJ-1GEJ8R2C Datasheet
127Kb / 5P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-2GEJ221X PANASONIC-ERJ-2GEJ221X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-2GEJ183X PANASONIC-ERJ-2GEJ183X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
logo
YAGEO Corporation
RC0805JR-0747KL YAGEO-RC0805JR-0747KL Datasheet
388Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series 20%, 10%, 5% sizes 0805/1206 RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com