Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV102-12 Datasheet(PDF) 1 Page - Alpha Industries

Part # AV102-12
Description  HIP3??Variable Attenuator 1.70.2.00 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AV102-12 Datasheet(HTML) 1 Page - Alpha Industries

  AV102-12 Datasheet HTML 1Page - Alpha Industries AV102-12 Datasheet HTML 2Page - Alpha Industries AV102-12 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 6/01A
HIP3™ Variable Attenuator
1.70–2.00 GHz
Features
I +50 dBm IP3 Typical
I Low Loss 1 dB Typical
I Attenuation 30 dB Typical
I Good VSWR <1.5:1 Typical
I Small SOIC-8 Package
AV102-12
Description
The AV102-12 is a current controlled variable attenuator
from Alpha’s series of HIP3™ components. It is designed
to meet the wide dynamic range required in spread
spectrum wireless base station applications. A monolithic
quadrature hybrid is teamed with a silicon PIN diode pair
in a plastic surface mount package reducing size and
assuring consistency from part to part.
Parameter
Min.
Typ.
Max.
Unit
Frequency
1.70
2.00
GHz
Insertion Loss (0 mA Control Current)
1
1.5
dB
Attenuation @ 3.0 mA Control Current (1850 MHz)
18.5
25.0
dB
VSWR All Ports
1.5
1.8
Input 3rd Order Intercept
+47
+50
dBm
Group Delay
0.6
1.0
ns
Electrical Specifications at 25°C
Parameter1
Condition
Frequency
Min.
Typ.
Max.
Unit
Switching Characteristics2
Rise, Fall (10/90% or 90/10% RF)
5
µs
On, Off (50% CTL to 90/10% RF)
8
µs
Video Feedthru (Peak)
2
mV
Maximum Input Power for <1 dB
Attenuation Variation
+15
dBm
Operating Characteristics at 25°C (0, +5 V)
1. All measurements made in a 50
Ω system, unless otherwise specified.
2. 0–4 mA square wave total control current.


Similar Part No. - AV102-12

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AV102-12 SKYWORKS-AV102-12 Datasheet
164Kb / 5P
   HIP3 Variable Attenuator 1.7-2 GHz
AV102-12LF SKYWORKS-AV102-12LF Datasheet
164Kb / 5P
   HIP3 Variable Attenuator 1.7-2 GHz
More results

Similar Description - AV102-12

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV101-12 ALPHA-AV101-12 Datasheet
814Kb / 3P
   HIP3??Variable Attenuator 0.80.1.00 GHz
AV113-12 ALPHA-AV113-12 Datasheet
801Kb / 3P
   HIP3??Variable Attenuator 2.10-2.30 GHz
logo
Skyworks Solutions Inc.
AV102-12 SKYWORKS-AV102-12 Datasheet
164Kb / 5P
   HIP3 Variable Attenuator 1.7-2 GHz
AV112-12 SKYWORKS-AV112-12 Datasheet
495Kb / 3P
   HIP3 Variable Attenuator 1.7-2.0 GHz
AV101-12 SKYWORKS-AV101-12 Datasheet
185Kb / 4P
   HIP3 Variable Attenuator 0.7-1 GHz
AV113-12 SKYWORKS-AV113-12_07 Datasheet
141Kb / 5P
   HIP3 Variable Attenuator 2.1-2.3 GHz
logo
Alpha Industries
AV111-12 ALPHA-AV111-12 Datasheet
831Kb / 3P
   HIP3??Variable Attenuator 0.80-1.00 GHz
logo
Skyworks Solutions Inc.
SKY12145-315 SKYWORKS-SKY12145-315 Datasheet
114Kb / 4P
   HIP3??Variable Attenuator for UMTS Base Stations
logo
Alpha Industries
AV133-315 ALPHA-AV133-315 Datasheet
250Kb / 3P
   HIP3??Variable Attenuator for UMTS Base Stations
logo
Skyworks Solutions Inc.
AV131-315 SKYWORKS-AV131-315 Datasheet
265Kb / 4P
   HIP3 Variable Attenuator for AMPS and GSM Base Stations
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com