Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8352 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP8352
Description  3V-6V Input, 6A, 600kHz Step-Down Converter with Synchronizable Gate Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8352 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP8352 Datasheet HTML 4Page - Monolithic Power Systems MP8352 Datasheet HTML 5Page - Monolithic Power Systems MP8352 Datasheet HTML 6Page - Monolithic Power Systems MP8352 Datasheet HTML 7Page - Monolithic Power Systems MP8352 Datasheet HTML 8Page - Monolithic Power Systems MP8352 Datasheet HTML 9Page - Monolithic Power Systems MP8352 Datasheet HTML 10Page - Monolithic Power Systems MP8352 Datasheet HTML 11Page - Monolithic Power Systems MP8352 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP8352 – 3V to 6V INPUT, 6A, 600KHz STEP-DOWN WITH SYNCHRONOUS GATE DRIVER
MP8352 Rev. 1.0
www.MonolithicPower.com
11
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the regulator, the applicable
conditions of external BST diode are:
Duty cycle is high: D=
IN
OUT
V
V
>65%
In these cases, an external BST diode is
recommended from VCC to BST pin, as shown
in Fig.4
SW
BST
C
L
BST
C
2.5V
OUT
External BS
External VCC
T Diode
MP8352
IN4148
Figure 4—Add Optional External Bootstrap
Diode to Enhance Efficiency
The recommended external BST diode is
IN4148, and the BST cap is 0.1~1µF, when the
BST diode is used.
Vcc Bias Supply Consideration
The MP8352 does not have the LDO inside. It
needs external bias power supply to make the
device work properly.


Similar Part No. - MP8352

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
MP83C151C-12 TEMIC-MP83C151C-12 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
MP83C151C-16 TEMIC-MP83C151C-16 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
MP83C151C-20 TEMIC-MP83C151C-20 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
MP83C151C-25 TEMIC-MP83C151C-25 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
MP83C151C-30 TEMIC-MP83C151C-30 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
More results

Similar Description - MP8352

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8666 MPS-MP8666 Datasheet
375Kb / 11P
   6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38872 MPS-MP38872 Datasheet
360Kb / 11P
   6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38874 MPS-MP38874 Datasheet
633Kb / 11P
   8A, 21V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38870 MPS-MP38870 Datasheet
543Kb / 10P
   3A, 14V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38671 MPS-MP38671 Datasheet
393Kb / 11P
   10A, 25V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP8768 MPS-MP8768 Datasheet
387Kb / 13P
   8A, 28V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP8675 MPS-MP8675 Datasheet
556Kb / 11P
   6A, 42V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP38891 MPS-MP38891 Datasheet
399Kb / 13P
   6A, 30V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP8670 MPS-MP8670 Datasheet
494Kb / 15P
   6A, 30V, 420KHz Step-Down Converter with Synchronizable Gate Driver
MP38892 MPS-MP38892 Datasheet
368Kb / 10P
   6A, 42V, 420KHz Step-Down Converter with Synchronizable Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com