Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8352DL Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8352DL
Description  3V-6V Input, 6A, 600kHz Step-Down Converter with Synchronizable Gate Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8352DL Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8352DL Datasheet HTML 1Page - Monolithic Power Systems MP8352DL Datasheet HTML 2Page - Monolithic Power Systems MP8352DL Datasheet HTML 3Page - Monolithic Power Systems MP8352DL Datasheet HTML 4Page - Monolithic Power Systems MP8352DL Datasheet HTML 5Page - Monolithic Power Systems MP8352DL Datasheet HTML 6Page - Monolithic Power Systems MP8352DL Datasheet HTML 7Page - Monolithic Power Systems MP8352DL Datasheet HTML 8Page - Monolithic Power Systems MP8352DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP8352 – 3V to 6V INPUT, 6A, 600KHz STEP-DOWN WITH SYNCHRONOUS GATE DRIVER
MP8352 Rev. 1.0
www.MonolithicPower.com
3
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, VCC = 5V, TA = +25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
3V
≤ VIN ≤ 6V
0.788
0.808 0.828
V
Feedback Current
IFB
VFB = 0.8V
10
nA
Switch On Resistance
RDS(ON)
45
mΩ
Switch Leakage
VEN = 0V, VSW = 0V
0
10
µA
Current Limit
(5)
8
A
Oscillator Frequency
fSW
VFB = 0.6V
400
600
800
KHz
Fold-back Frequency
VFB = 0V
60
150
240
KHz
Maximum Duty Cycle
VFB = 0.6V
85
90
%
Minimum On Time
tON
100
ns
VCC Under Voltage Lockout Threshold Rising
2.8
V
VCC Under Voltage Lockout Threshold
Hysteresis
200
mV
EN Input Low Voltage
0.4
V
En Input High Voltage
2.0
V
VEN = 2V
2
EN Input Current
VEN = 0V
0.1
µA
Sync Frequency Range (Low)
FSYNCL
300
KHz
Sync Frequency Range (High)
FSYNCH
1.5
MHz
Enable Turnoff Delay
TOFF
5.0
us
Supply Current (Shutdown)
VEN = 0V, VCC=5V
45
65
µA
Supply Current (Quiescent)
VEN = 2V, VFB = 1V
0.75
1.0
mA
Thermal Shutdown
150
°C
Gate Driver Sink Impedance
RSINK
1
Gate Driver Source Impedance
RSOURCE
4
Gate Drive Current Sense Trip Threshold
20
mV
Power Good Threshold Rising
0.69
0.74
0.79
V
Power Good Threshold Hysteresis
40
mV
PG Pin Level
VPG
PG Sink 4mA
0.4
V
Note:
5) Guaranteed by design.


Similar Part No. - MP8352DL

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
MP83C151C-12 TEMIC-MP83C151C-12 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
MP83C151C-16 TEMIC-MP83C151C-16 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
MP83C151C-20 TEMIC-MP83C151C-20 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
MP83C151C-25 TEMIC-MP83C151C-25 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
MP83C151C-30 TEMIC-MP83C151C-30 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
More results

Similar Description - MP8352DL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8666 MPS-MP8666 Datasheet
375Kb / 11P
   6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38872 MPS-MP38872 Datasheet
360Kb / 11P
   6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38874 MPS-MP38874 Datasheet
633Kb / 11P
   8A, 21V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38870 MPS-MP38870 Datasheet
543Kb / 10P
   3A, 14V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38671 MPS-MP38671 Datasheet
393Kb / 11P
   10A, 25V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP8768 MPS-MP8768 Datasheet
387Kb / 13P
   8A, 28V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP8675 MPS-MP8675 Datasheet
556Kb / 11P
   6A, 42V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP38891 MPS-MP38891 Datasheet
399Kb / 13P
   6A, 30V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP8670 MPS-MP8670 Datasheet
494Kb / 15P
   6A, 30V, 420KHz Step-Down Converter with Synchronizable Gate Driver
MP38892 MPS-MP38892 Datasheet
368Kb / 10P
   6A, 42V, 420KHz Step-Down Converter with Synchronizable Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com