Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-SM013-250V Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-SM013-250V
Description  Telecom PTC Resettable Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-SM013-250V Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-SM013-250V Datasheet HTML 1Page - Bourns Electronic Solutions MF-SM013-250V Datasheet HTML 2Page - Bourns Electronic Solutions MF-SM013-250V Datasheet HTML 3Page - Bourns Electronic Solutions MF-SM013-250V Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Surface Mount Device
Reduced footprint size
High voltage surge capabilities
Assists in meeting ITU K.20/K.21/K.45
specifications
RoHS compliant*
Agency recognition:
Applications
Provides overcurrent protection in:
Customer Premise Equipment (CPE)
Central Office (CO)
Access/Outside Plant Equipment
*
RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TV Rheinland
MF-SM013/250V - Telecom PTC Resettable Fuses
Electrical Characteristics
Operating Temperature ............................................-40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State......................................................125 °C
Passive Aging ..........................................................+85 °C, 1000 hours..........................................................±5 % typical resistance change
+60 °C, 1000 hours
±5 % typical resistance change
Humidity Aging ........................................................+85 °C, 85 % R.H. 500 hours ..........................................±5 % typical resistance change
Thermal Shock ........................................................MIL-STD-202F, Method 107G, ........................................±10 % typical resistance change
+125 °C to -55 °C,10 times
±15 % typical resistance change
Solvent Resistance ..................................................MIL-STD-202, Method 215B............................................No change
Lead Solerability ......................................................ANSI/J-STD-002
Flammability ............................................................IEC 695-2-2......................................................................No Flame for 60 secs.
Vibration ..................................................................MIL-STD-883C, Method 2007.1, Condition A ................No change
Environmental Characteristics
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech. ............................................................Verify dimensions and materials ......................Per MF physical description
Resistance ..............................................................In still air @ 23 °C ............................................Rmin ≤ R ≤ Rmax
Time to Trip ..............................................................At specified current, Vmax, 23 °C ..................T ≤ max. time to trip (seconds)
Hold Current ............................................................30 min. at Ihold ................................................No trip
Trip Cycle Life ..........................................................Vmax, Imax, 100 cycles ..................................No arcing or burning
Trip Endurance ........................................................Vmax, 48 hours................................................No arcing or burning
Solderability ............................................................MIL-STD-202F, Method 208F ..........................95 % min. coverage
UL File Number........................................................E 174545S
CSA File Number ....................................................CA 110338
TÜV File Number ....................................................R2057213
Test Procedures And Requirements For Model SM013/250V Series
Max.
Max.
One Hour
Tripped
Operating
Interrupt
Hold
Initial
Post-Trip
Power
Voltage
Ratings
Current
Resistance
Resistance Dissipation
Model
Volts
Volts
Amps
Amps
Ohms
Ohms
Ohms
Watts
(V)
(A)
at
at
at
at
at
23
°C
23
°C
23
°C
23
°C
23
°C
Max.
Max.
IH
Min.
Max.
Max.
Typ.
MF-SM013/250V
60
250
3.0
0.13
6.5
12.0
20.0
3.0
Thermal Derating Chart -Ihold / Itrip (Amps)
Ambient Operating Temperature
Model
-40
°C
-20
°C0 °C
23
°C
40
°C
50
°C
60
°C
70
°C
85
°C
MF-SM013/250V
0.21 / 0.42
0.18 / 0.37
0.16 / 0.31 0.13 / 0.26
0.10 / 0.23
0.09 / 0.18 0.08 / 0.15
0.07 / 0.12
0.05 / 0.10


Similar Part No. - MF-SM013-250V

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM013-250-2 BOURNS-MF-SM013-250-2 Datasheet
301Kb / 4P
   Telecom PTC Resettable Fuses
More results

Similar Description - MF-SM013-250V

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SD013 BOURNS-MF-SD013_11 Datasheet
331Kb / 3P
   Telecom PTC Resettable Fuses
MF-SM013-250-2 BOURNS-MF-SM013-250-2 Datasheet
301Kb / 4P
   Telecom PTC Resettable Fuses
MFRX250 BOURNS-MFRX250 Datasheet
329Kb / 5P
   Telecom PTC Resettable Fuses
MF-SM013 BOURNS-MF-SM013 Datasheet
203Kb / 4P
   Telecom PTC Resettable Fuses
MF-SD013-250 BOURNS-MF-SD013-250 Datasheet
278Kb / 3P
   Telecom PTC Resettable Fuses
MF-RX012-250 BOURNS-MF-RX012-250 Datasheet
728Kb / 6P
   Telecom PTC Resettable Fuses
MF-RX250 BOURNS-MF-RX250_11 Datasheet
283Kb / 5P
   Telecom PTC Resettable Fuses
MF-SD013 BOURNS-MF-SD013_12 Datasheet
340Kb / 3P
   Telecom PTC Resettable Fuses
MF-R600 BOURNS-MF-R600 Datasheet
209Kb / 4P
   Telecom PTC Resettable Fuses
MF-RX012 BOURNS-MF-RX012_07 Datasheet
337Kb / 5P
   Telecom PTC Resettable Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com