Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-SVS170 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-SVS170
Description  PTC Resettable Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-SVS170 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-SVS170 Datasheet HTML 1Page - Bourns Electronic Solutions MF-SVS170 Datasheet HTML 2Page - Bourns Electronic Solutions MF-SVS170 Datasheet HTML 3Page - Bourns Electronic Solutions MF-SVS170 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Industry’s lowest internal resistance
Switches at optimum temperature
Axial leaded, with flexible design options
available
Fully compatible with current industry
standards
Weldable nickel terminals
Agency recognition:
RoHS compliant*
MF-SVS Series - PTC Resettable Fuses
Environmental Characteristics
Operating Temperature......................................... -40 °C to +85 °C
Storage Conditions ............................................... +40 °C max. 70 % R.H. max.
Maximum Device Surface Temperature
in Tripped State ................................................ 125 °C
Passive Aging ....................................................... +60 °C, 1000 hours............................................... ±10 % typical resistance change
Humidity Aging...................................................... +60 °C, 85 % R.H. 1000 hours ............................. ±10 % typical resistance change
Thermal Shock ..................................................... MIL-STD-202F, Method 107G,.............................. ±5 % typical resistance change
+85 °C to -40 °C, 10 times
Vibration ............................................................... MIL-STD-883C,..................................................... No change
Condition A
Test Procedures And Requirements For Model MF-SVS Series
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech. ......................................................... Verify dimensions and materials ........................... Per MF physical description
Resistance............................................................ In still air @ 23 °C ................................................. Rmin
≤ R ≤ R1max
Time to Trip........................................................... At specified current, Vmax, 23 °C......................... T
≤ max. time to trip (seconds)
Hold Current ......................................................... 30 min. at Ihold ..................................................... No trip
Trip Cycle Life....................................................... Vmax, Imax, 100 cycles........................................ No arcing or burning
Trip Endurance ..................................................... Vmax, 48 hours..................................................... No arcing or burning
UL File Number .................................................... E174545
http://www.ul.com/ Follow link to Certifications, then UL File No., enter E174545
CSA File Number.................................................. CA110338
http://directories.csa-international.org/ Under “Certification Record” and “File Number”
enter 110338-0-000
TÜV Certificate Number ....................................... R 02057213
http://www.tuvdotcom.com/ Follow link to “other certificates”, enter File No. 2057213
Electrical Characteristics
Model
V max.
Volts
I max.
Amps
Ihold
Itrip
Initial
Resistance
1 Hour (R1)
Post-Trip
Resistance
Max. Time
to Trip
Tripped
Power
Dissipation
Amperes
at 23 °C
Ohms
at 23 °C
Ohms
at 23 °C
Amperes
at 23 °C
Seconds
at 23 °C
Watts
at 23 °C
Hold
Trip
Min.
Max.
Typ.
Max.
Typ.
MF-SVS170
10
100
1.7
4.1
0.018
0.032
0.023
0.064
8.5
5.0
2.1
MF-SVS175
10
100
1.75
4.2
0.017
0.031
0.022
0.063
8.5
5.0
2.1
MF-SVS210
10
100
2.1
5.0
0.010
0.020
0.016
0.040
10.5
5.0
2.4
MF-SVS230
10
100
2.3
5.2
0.010
0.018
0.014
0.036
12.5
5.0
2.6
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
SVS
210
2018S
Thermal Derating Chart - Ihold (Amps)
Model
Ambient Operating Temperature
-40 ºC
-20 ºC
0 ºC
23 ºC
40 ºC
50 ºC
60 ºC
70 ºC
85 ºC
MF-SVS170
3.3
2.8
2.3
1.7
1.3
1.0
0.8
0.5
0.1
MF-SVS175
3.4
2.9
2.3
1.75
1.3
1.1
0.8
0.5
0.1
MF-SVS210
3.8
3.3
2.7
2.1
1.6
1.3
1.1
0.8
0.4
MF-SVS230
4.2
3.6
3.0
2.3
1.8
1.4
1.1
0.8
0.4
*Itrip is approximately two times Ihold.
The slotted lead option is currently
available but not, recommended for
new designs.


Similar Part No. - MF-SVS170

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SVS170NSLU-0 BOURNS-MF-SVS170NSLU-0 Datasheet
133Kb / 3P
   PTC Resettable Fuses
MF-SVS170NSLU-2 BOURNS-MF-SVS170NSLU-2 Datasheet
133Kb / 3P
   PTC Resettable Fuses
MF-SVS170NSSLU-0 BOURNS-MF-SVS170NSSLU-0 Datasheet
133Kb / 3P
   PTC Resettable Fuses
MF-SVS170NSSLU-2 BOURNS-MF-SVS170NSSLU-2 Datasheet
133Kb / 3P
   PTC Resettable Fuses
More results

Similar Description - MF-SVS170

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
   PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
   PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
   PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
   PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
   PTC Resettable Fuses
MF-USMD005 BOURNS-MF-USMD005 Datasheet
70Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R_15 Datasheet
375Kb / 6P
   PTC Resettable Fuses
MF-SM030 BOURNS-MF-SM030_16 Datasheet
379Kb / 4P
   PTC Resettable Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com