Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT5406A Datasheet(PDF) 11 Page - Texas Instruments

Part # PT5406A
Description  Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5406A Datasheet(HTML) 11 Page - Texas Instruments

Back Button PT5406A Datasheet HTML 7Page - Texas Instruments PT5406A Datasheet HTML 8Page - Texas Instruments PT5406A Datasheet HTML 9Page - Texas Instruments PT5406A Datasheet HTML 10Page - Texas Instruments PT5406A Datasheet HTML 11Page - Texas Instruments PT5406A Datasheet HTML 12Page - Texas Instruments PT5406A Datasheet HTML 13Page - Texas Instruments PT5406A Datasheet HTML 14Page - Texas Instruments PT5406A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Jan-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
PT5401A
LIFEBUY SIP MODULE
EFL
5
30
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT5401C
LIFEBUY SIP MODULE
EFM
5
30
Pb-Free
(RoHS)
Call TI
Level-3-215C-168HRS
PT5401N
LIFEBUY SIP MODULE
EFK
5
30
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT5402A
LIFEBUY SIP MODULE
EFL
5
30
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT5402C
LIFEBUY SIP MODULE
EFM
5
30
Pb-Free
(RoHS)
Call TI
Level-3-215C-168HRS
PT5402N
LIFEBUY SIP MODULE
EFK
5
30
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT5403A
OBSOLETE SIP MODULE
EFL
5
TBD
Call TI
Call TI
PT5403C
OBSOLETE SIP MODULE
EFM
5
TBD
Call TI
Call TI
PT5404A
LIFEBUY SIP MODULE
EFL
5
30
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT5404C
LIFEBUY SIP MODULE
EFM
5
30
Pb-Free
(RoHS)
Call TI
Level-3-215C-168HRS
PT5404N
LIFEBUY SIP MODULE
EFK
5
30
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT5405A
LIFEBUY SIP MODULE
EFL
5
30
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT5405C
LIFEBUY SIP MODULE
EFM
5
30
Pb-Free
(RoHS)
Call TI
Level-3-215C-168HRS
PT5405N
LIFEBUY SIP MODULE
EFK
5
30
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT5406A
LIFEBUY SIP MODULE
EFL
5
30
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT5406C
LIFEBUY SIP MODULE
EFM
5
30
Pb-Free
(RoHS)
Call TI
Level-3-215C-168HRS
PT5406N
LIFEBUY SIP MODULE
EFK
5
30
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT5407A
LIFEBUY SIP MODULE
EFL
5
30
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type


Similar Part No. - PT5406A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5406 TI-PT5406 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT5406 TI-PT5406 Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5406 TI-PT5406 Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
More results

Similar Description - PT5406A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5401A TI-PT5401A Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5401C TI-PT5401C Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5406 TI-PT5406 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT5405 TI-PT5405 Datasheet
218Kb / 11P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT??Power Module
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
   CMOS-compatible input (3.3 or 5 V)
logo
Texas Instruments
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
TPS51313 TI-TPS51313 Datasheet
1Mb / 19P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
PT6653E TI-PT6653E Datasheet
351Kb / 16P
[Old version datasheet]   Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
logo
Analog Devices
AD7943BRZ AD-AD7943BRZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplyingnull
REV. B
ADCMP573BCPZ-R2 AD-ADCMP573BCPZ-R2 Datasheet
410Kb / 16P
   Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com