Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6653E Datasheet(PDF) 5 Page - Texas Instruments

Part # PT6653E
Description  Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6653E Datasheet(HTML) 5 Page - Texas Instruments

  PT6653E Datasheet HTML 1Page - Texas Instruments PT6653E Datasheet HTML 2Page - Texas Instruments PT6653E Datasheet HTML 3Page - Texas Instruments PT6653E Datasheet HTML 4Page - Texas Instruments PT6653E Datasheet HTML 5Page - Texas Instruments PT6653E Datasheet HTML 6Page - Texas Instruments PT6653E Datasheet HTML 7Page - Texas Instruments PT6653E Datasheet HTML 8Page - Texas Instruments PT6653E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Application Notes
For technical support and further information, visit http://power.ti.com
Using the Standby Function on the PT6650 Series
of 12/24-V Input Bus Converters
For applications requiring output voltage On/Off control,
the 14-pin PT6650 ISR series incorporates a standby
function. This feature may be used for power-up/shut-
down sequencing, and wherever there is a requirement
for the output status of the module to be controlled by
external circuitry.
The standby function is provided by the STBY* control,
pin 3. If pin 3 is left open-circuit the regulator operates
normally, providing a regulated output whenever a valid
supply voltage is applied to Vin (pins 4, 5, & 6) with respect
to GND (pins 7-10). Connecting pin 3 to ground 1 will
disable the regulator output and reduce the input current
to less than 30 mA 3. Grounding the standby control will
also hold-off the regulator output during the period that
input power is applied.
The standby input is ideally controlled with an open-drain
discrete transistor (See Figure 2-1). It can also be driven
directly from a dedicated TTL 2 compatible gate. Table 2-1
provides details of the threshold requirements.
Table 2-1 Inhibit Control Thresholds (1, 2)
Parameter
Min
Max
Enable (VIH)
1 V
5 V
Disable (VIL)
–0.1 V
0.3 V
Notes:
1. The Standby input on the PT6650 regulator series may be
controlled using either an open-collector (or open-drain)
discrete transistor, or a device with a totem-pole output. A
pull-up resistor is not necessary. The control input has an
open-circuit voltage of about 1.5 Vdc. To disable the
regulator output, the control pin must be “pulled” to less
than 0.3 Vdc with a low-level 0.25 mA maximum sink to
ground.
2. The Standby input on the PT6650 series is also compatible
with TTL logic. A standard TTL logic gate will meet the
0.3 V VIL(max) requirement (Table 2-1 ) at 0.25 mA sink
current. Do not drive the Standby control input above 5 Vdc.
3. When the regulator output is disabled the current drawn
from the input source is reduced to approximately 15 mA
(30 mA maximum).
4. The turn-off time of Q1, or rise time of the standby input
is not critical on the PT6650 series. Turning Q1 off over
periods up to 100 ms will not damage the regulator. However,
a slow turn-off time will increase both the initial delay and
rate-of-rise of the output voltage.
Figure 2-1
Turn-On Time:
Turning Q1 off in Figure 2-1, removes the
low-voltage signal at pin 3 and enables the output. The
PT6650 series of regulators will provide a fully regulated out-
put voltage within 12 ms. The actual turn-on time may
vary with load and the total amount of output capacitance.
Figure 2-2 shows the typical output voltage waveform of a
PT6653 (5 V) following the prompt turn-off of Q1 at time
t =0 secs. The waveform was measured with a 24 V input
voltage, and 5 A resistive load.
Figure 2-2
C
in
+
C
out
+
Inhibit
V
in
V
o
COM
COM
Q1
BSS138
+5V V
in
PT6650
11,12,13
14
7,8,9,10
4,5,6
Vin
Vo
GND
Vo(adj)
STBY
3
Vsense
1
PT6650 Series
0
2468
10
12
t (milli - secs)
Vo (2V/Div)


Similar Part No. - PT6653E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6653 TI-PT6653 Datasheet
242Kb / 5P
[Old version datasheet]   5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
PT6653 TI1-PT6653 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6653E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340EVM-017 TI1-TPS55340EVM-017 Datasheet
783Kb / 21P
[Old version datasheet]   TPS55340EVM-017, 5-V to 12-V Input, 24-V Output Boost Evaluation Module
TPSM84209 TI1-TPSM84209_19 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
UCC25230 TI1-UCC25230_14 Datasheet
1Mb / 22P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI1-UCC25230 Datasheet
859Kb / 21P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI-UCC25230_15 Datasheet
1Mb / 21P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
PT5406A TI-PT5406A Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Bel Fuse Inc.
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com