Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6654 Datasheet(PDF) 6 Page - Texas Instruments

Part # PT6654
Description  Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6654 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PT6654 Datasheet HTML 2Page - Texas Instruments PT6654 Datasheet HTML 3Page - Texas Instruments PT6654 Datasheet HTML 4Page - Texas Instruments PT6654 Datasheet HTML 5Page - Texas Instruments PT6654 Datasheet HTML 6Page - Texas Instruments PT6654 Datasheet HTML 7Page - Texas Instruments PT6654 Datasheet HTML 8Page - Texas Instruments PT6654 Datasheet HTML 9Page - Texas Instruments PT6654 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Application Notes
For technical support and further information, visit http://power.ti.com
PT6650 Series
Adjusting the Output Voltage of the
PT6650 5-A 24-V Bus Converter Series
The output voltage of the PT6650 Series ISRs may be
adjusted higher or lower than the factory trimmed pre-
set voltage with the addition of a single external resistor.
Table 3-1 gives the allowable adjustment range for each
model in the series as Va (min) and Va (max).
Adjust Up:
An increase in the output voltage is obtained
by adding a resistor R2, between pin 14 (Vo adj) and pins
7-10 (GND).
Adjust Down:
To decrease the output voltage, add a resis-
tor (R1), between pin 14 (Vo adj) and pins 11-13 (Vout).
Refer to Figure 3-1 and Table 3-2 for both the placement and
value of the required resistor, either (R1) or R2 as appropriate.
Notes:
1. Use only a single 1 % resistor in either the (R1) or R2
location. Place the resistor as close to the ISR as possible.
2. Never connect capacitors from Vo adjust to either GND,
Vout, or the Remote Sense pin. Any capacitance added to the
Vo adjust pin will affect the stability of the ISR.
3. If the remote sense feature is being used, connecting the
resistor (R1) between pin 14 (Vo adj) and pin 1 (Remote
Sense) can benefit load regulation.
4. Adjustments to the output voltage may place additional
limits on the input voltage for the part. The revised limits
must comply with the following requirements.
Vin (min)
= (Vout + 3) V or 9 V, whichever is higher.
Vin (max)
= (10 x Vout ) V or 28 V, whichever is less.
5. For output voltages above 12.5 Vdc, the maximum output
current must be limited to 4 Adc.
The values of (R
1) [adjust down], and R2 [adjust up], can
also be calculated using the following formulae.
Ro (Vo – 1.25) (Va – 1.25)
(R1)
=
1.25 (Vo – Va)
– Rs
k
Ro (Vo – 1.25)
– Rs
k
R2
=
Va - Vo
Where: Vo = Original output voltage
Va = Adjusted output voltage
Ro = The resistance value in Table 3-1
Rs = The series resistance from Table 3-1
Figure 3-1
Table 3-1
PT6650 ADJUSTMENT AND FORMULA PARAMETERS
Series Pt #
PT6652
PT6651
PT6653
PT6654
PT6656
PT6655
Vo (nom)
2.5 V
3.3 V
5 V
9 V
12 V
15 V
Va (min)
1.8 V
2.2 V
3 V
6 V
9 V
10 V
Va (max)
4.3 V
4.7 V
6.5 V
10.2 V
13.6 V
17 V
Ro (k
Ω)
4.99
4.22
2.49
2
2
2
Rs (k
Ω)
2.49
4.99
4.99
12.7
12.7
12.7
C
in
+
C
out
+
(R1)
Adj Down
R2
Adjust
Up
Vo
COM
COM
Vin
L
O
A
D
PT6650
11,12,13
14
7,8,9,10
4,5,6
Vin
V o
GND
Vo(adj)
STBY
3
Vsense
1


Similar Part No. - PT6654

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6654 TI-PT6654 Datasheet
242Kb / 5P
[Old version datasheet]   5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
PT6654 TI1-PT6654 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6654

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340EVM-017 TI1-TPS55340EVM-017 Datasheet
783Kb / 21P
[Old version datasheet]   TPS55340EVM-017, 5-V to 12-V Input, 24-V Output Boost Evaluation Module
TPSM84209 TI1-TPSM84209_19 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
UCC25230 TI1-UCC25230_14 Datasheet
1Mb / 22P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI1-UCC25230 Datasheet
859Kb / 21P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI-UCC25230_15 Datasheet
1Mb / 21P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
PT5406A TI-PT5406A Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Bel Fuse Inc.
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com