Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6654 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6654
Description  Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6654 Datasheet(HTML) 3 Page - Texas Instruments

  PT6654 Datasheet HTML 1Page - Texas Instruments PT6654 Datasheet HTML 2Page - Texas Instruments PT6654 Datasheet HTML 3Page - Texas Instruments PT6654 Datasheet HTML 4Page - Texas Instruments PT6654 Datasheet HTML 5Page - Texas Instruments PT6654 Datasheet HTML 6Page - Texas Instruments PT6654 Datasheet HTML 7Page - Texas Instruments PT6654 Datasheet HTML 8Page - Texas Instruments PT6654 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
For technical support and further information, visit http://power.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the regulator.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
Typical Characteristics
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
PT6650 Series @VIN= 24 V (See Note A)
Safe Operating Area @VIN= 24 V (See Note B)
PT6651P, 3.3 V
PT6652P, 2.5 V
PT6653P, 5 V
PT6650 Series
5-A 12 /24-V Input Adjustable
Integrated Switching Regulator
SLTS038B -FEBRUARY 1999 - REVISED MARCH 2004
40
50
60
70
80
90
100
012
345
Output Current (A)
PT6651
PT6652
PT6653
PT6654
PT6655
PT6656
0
20
40
60
80
100
120
012345
Output Current (A)
PT6655
PT6656
PT6654
PT6653
PT6651
PT6652
0
1
2
3
4
5
012345
Output Current (A)
PT6656
PT6655
PT6654
PT6653
PT6651
PT6652
20
30
40
50
60
70
80
90
01
234
5
Output Current (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
0123
45
Output Current (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
01
234
5
Output Current (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
0123
45
Output Current (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
PT6656, 12 V


Similar Part No. - PT6654

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6654 TI-PT6654 Datasheet
242Kb / 5P
[Old version datasheet]   5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
PT6654 TI1-PT6654 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6654

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340EVM-017 TI1-TPS55340EVM-017 Datasheet
783Kb / 21P
[Old version datasheet]   TPS55340EVM-017, 5-V to 12-V Input, 24-V Output Boost Evaluation Module
TPSM84209 TI1-TPSM84209_19 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
UCC25230 TI1-UCC25230_14 Datasheet
1Mb / 22P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI1-UCC25230 Datasheet
859Kb / 21P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI-UCC25230_15 Datasheet
1Mb / 21P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
PT5406A TI-PT5406A Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Bel Fuse Inc.
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com