Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH03000WAZ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTH03000WAZ
Description  Up to 6-A Output Current 3.3 V Input Voltage Wide-Output Voltage Adjust
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH03000WAZ Datasheet(HTML) 2 Page - Texas Instruments

  PTH03000WAZ Datasheet HTML 1Page - Texas Instruments PTH03000WAZ Datasheet HTML 2Page - Texas Instruments PTH03000WAZ Datasheet HTML 3Page - Texas Instruments PTH03000WAZ Datasheet HTML 4Page - Texas Instruments PTH03000WAZ Datasheet HTML 5Page - Texas Instruments PTH03000WAZ Datasheet HTML 6Page - Texas Instruments PTH03000WAZ Datasheet HTML 7Page - Texas Instruments PTH03000WAZ Datasheet HTML 8Page - Texas Instruments PTH03000WAZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
For technical support and further information visit http://power.ti.com
Pin Descriptions
Vin:
The positive input voltage power node to the mod-
ule, which is referenced to common GND.
Vout:
The regulated positive power output with respect
to the GND node.
GND:
This is the common ground connection for the
‘Vin’ and ‘Vout’ power connections. It is also the 0 VDC
reference for the ‘Inhibit’ and ‘Vo Adjust’ control inputs.
Inhibit:
The Inhibit pin is an open-collector/drain negative
logic input that is referenced to GND. Applying a low-
level ground signal to this input disables the module’s
output and turns off the output voltage. When the Inhibit
control is active, the input current drawn by the regulator
is significantly reduced. If the Inhibit pin is left open-
circuit, the module will produce an output whenever a
valid input source is applied.
Vo Adjust:
A 0.1 W 1 % resistor must be directly connected
between this pin and the GND pin to set the output voltage
to a value higher than 0.9 V. The temperature stability
of the resistor should be 100 ppm/°C (or better). The set
point range for the output voltage is from 0.9 V to 2.5 V.
The resistor required for a given output voltage may be
calculated from the following formula. If left open circuit,
the output voltage will default to its lowest value. For
further information on output voltage adjustment, consult
the related application note.
Rset
= 10 k
Ω ·
0.891 V
– 4.99 k
Vout – 0.9 V
The specification table gives the preferred resistor values
for a number of standard output voltages.
Ordering Information
Package Options (PTH03000x
HH)(1)
Code
Description
Pkg Ref. (2)
AH
Horiz. T/H
(EUS)
AS
SMD, Standard (3)
(EUT)
Output Voltage (PTH03000
Hxx)
Code
Voltage
W
0.9 V – 2.5 V (Adjust)
Notes:
(1) Add “T” to end of part number for tape and reel on SMD packages only.
(2) Reference the applicable package reference drawing for the dimensions and PC board layout
(3) “Standard” option specifies 63/37, Sn/Pb pin solder material.
PTH03000W —3.3-V Input
6-A, 3.3-V Input Non-Isolated
Wide-Output Adjust Power Module
SLTS200C – MAY 2003 – REVISED DECEMBER 2003


Similar Part No. - PTH03000WAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03000W TI-PTH03000W Datasheet
279Kb / 11P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03000W TI-PTH03000W_15 Datasheet
368Kb / 13P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
More results

Similar Description - PTH03000WAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03000W TI-PTH03000W_15 Datasheet
368Kb / 13P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03050W TI-PTH03050W_15 Datasheet
574Kb / 19P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03000W TI-PTH03000W Datasheet
279Kb / 11P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH06T033 ASTEC-ATH06T033 Datasheet
532Kb / 14P
   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTN04050A TI-PTN04050A_15 Datasheet
666Kb / 19P
[Old version datasheet]   6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
PTV03020W TI-PTV03020W_15 Datasheet
398Kb / 19P
[Old version datasheet]   18-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTN04050A TI-PTN04050A Datasheet
1Mb / 18P
[Old version datasheet]   6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
PTV03010W TI-PTV03010W Datasheet
895Kb / 18P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W_15 Datasheet
348Kb / 19P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTH03020W TI1-PTH03020W Datasheet
515Kb / 19P
[Old version datasheet]   22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com