Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6936N Datasheet(PDF) 8 Page - Texas Instruments

Part # PT6936N
Description  Internal Sequencing Short Circuit Protection 23-pin Space-Saving Package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6936N Datasheet(HTML) 8 Page - Texas Instruments

Back Button PT6936N Datasheet HTML 4Page - Texas Instruments PT6936N Datasheet HTML 5Page - Texas Instruments PT6936N Datasheet HTML 6Page - Texas Instruments PT6936N Datasheet HTML 7Page - Texas Instruments PT6936N Datasheet HTML 8Page - Texas Instruments PT6936N Datasheet HTML 9Page - Texas Instruments PT6936N Datasheet HTML 10Page - Texas Instruments PT6936N Datasheet HTML 11Page - Texas Instruments PT6936N Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Table 1: Input/Output Capacitors
N/R –Not recommended. The voltage rating does not meet the minimum operating limits.
Capacitor Recommendations for
the
Dual-Output PT6935 Regulator Series
Input Capacitors:
The recommended input capacitance is determined by 1.0
ampere minimum ripple current rating and 330µF minimum
capacitance (300µF for Oscon® or low ESR tantalum).
Ripple current and <100m
Ω equivalent series resistance
(ESR) values are the major considerations, along with tem-
perature, when designing with different types of capacitors.
Tantalum capacitors have a recommended minimum voltage
rating of 2
× the maximum DC voltage + AC ripple. This is
necessary to insure reliability for input voltage bus applica-
tions
Output Capacitors: C2(Required), C3(Optional)
The ESR of the required capacitor (C2) must not be greater
than 150m
Ω. Electrolytic capacitors have poor ripple per-
formance at frequencies greater than 400kHz but excellent
low frequency transient response. Above the ripple fre-
quency, ceramic capacitors are necessary to improve the
transient response and reduce any high frequency noise
components apparent during higher current excursions.
Preferred low ESR type capacitor part numbers are identified
in Table 1. The optional 100µF capacitor (C3) for V2out can
have an ESR of up to 200m
Ω for optimum performance
and ripple reduction. (Note: Vendor part numbers for the
optional capacitor, C3, are not identified in the table. Use the
same series selected for C2)
PT6935 Series
Tantalum Capacitors
Tantalum type capacitors can be used for the output but only
the AVX TPS series, Sprague 593D/594/595 series or Kemet
T495/T510 series. These capacitors are recommended
over many other tantalum types due to their higher rated
surge, power dissipation, and ripple current capability. As a
caution the TAJ series by AVX is not recommended. This
series has considerably higher ESR, reduced power dissipa-
tion, and lower ripple current capability. The TAJ series is
less reliable than the AVX TPS series when determining
power dissipation capability. Tantalum or Oscon® types
are recommended for applications where ambient tem-
peratures fall below 0°C.
Capacitor Table
Table 1 identifies the characteristics of capacitors from a
number of vendors with acceptable ESR and ripple current
(rms) ratings. The number of capacitors required at both the
input and output buses is identified for each capacitor type.
This is not an extensive capacitor list. Capacitors from other
vendors are available with comparable specifications. Those listed
are for guidance. The RMS ripple current rating and ESR
(Equivalent Series Resistance at 100kHz) are critical parameters
necessary to insure both optimum regulator performance and
long capacitor life.
Application Notes
r
o
t
i
c
a
p
a
C
/
r
o
d
n
e
V
t
n
e
n
o
p
m
o
C
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V)
F
µ
(
e
u
l
a
V
t
n
e
l
a
v
i
u
q
E
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
e
l
p
p
i
R
m
u
m
i
x
a
M
C
°
5
8
)
s
m
r
I
(
t
n
e
r
r
u
C
l
a
c
i
s
y
h
P
)
m
m
(
e
z
i
S
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
r
e
b
m
u
N
r
o
d
n
e
V
c
i
n
o
s
a
n
a
P
C
F
V
5
2
V
5
3
V
5
3
F
µ
0
6
5
F
µ
0
9
3
F
µ
0
3
3
5
6
0
0
.
0
5
6
0
.
0
7
1
1
.
0
A
m
5
0
2
1
A
m
5
0
2
1
A
m
5
5
5
5
1
x
5
.
2
1
5
1
x
5
.
2
1
5
.
1
1
x
8
1
2
R
/
N
1
1
1
S
1
6
5
E
1
C
F
U
E
E
S
1
9
3
V
1
C
F
U
E
E
1
3
3
C
1
C
F
U
E
E
d
e
t
i
n
U
n
o
C
-
i
m
e
h
C
/
S
F
/
V
X
L
Z
X
L
V
6
1
V
5
3
V
0
1
V
0
2
F
µ
0
3
3
F
µ
0
7
4
F
µ
0
3
3
F
µ
0
5
1
0
2
1
.
0
2
5
0
.
0
5
2
0
.
0
0
3
0
.
0
÷2 Ω
A
m
5
5
5
A
m
0
2
2
1
A
m
0
0
5
3
A
m
0
0
2
3
2
1
x
8
0
2
x
0
1
5
.
0
1
x
0
1
5
.
0
1
x
0
1
R
/
N
1
1
2
1
1
1
2
L
L
2
1
X
8
M
1
3
3
B
V
6
1
Z
X
L
L
L
0
2
X
0
1
M
1
7
4
B
V
5
3
Z
X
L
M
0
3
3
S
F
0
1
M
0
5
1
S
F
0
2
n
o
c
i
h
c
i
N
M
P
/
L
P
V
5
3
V
5
3
V
0
5
0
6
5F
µ
0
3
3F
µ
0
7
4F
µ
8
4
0
.
0
5
6
0
.
0
÷2 Ω
6
4
0
.
0
A
m
0
6
3
1
A
m
0
2
0
1
A
m
0
7
4
1
5
1
x
6
1
5
1
x
5
.
2
1
5
1
x
8
1
1
1
1
1
1
1
6
H
H
M
1
6
5
V
1
L
P
U
6
H
H
M
1
3
3
V
1
L
P
U
6
H
H
M
1
1
7
4
H
1
M
P
U
c
i
n
o
s
a
n
a
P
C
F
)
g
t
M
e
c
a
f
r
u
S
(
V
0
1
V
5
3
V
6
1
0
0
0
1F
µ
0
3
3F
µ
0
3
3F
µ
3
4
0
.
0
5
6
0
.
0
0
5
1
.
0
A
m
5
0
2
1
A
m
5
0
2
1
A
m
0
7
6
5
.
6
1
x
2
1
6
1
x
5
.
2
1
2
.
0
1
x
0
1
1
1
R
/
N
1
1
1
Q
L
2
0
1
A
1
C
F
V
E
E
Q
L
1
3
3
V
1
C
F
V
E
E
P
1
3
3
C
1
C
F
V
E
E
S
S
-
n
o
c
s
O
V
S
V
0
1
V
0
1
V
0
2
0
3
3F
µ
F
µ
0
3
3
0
5
1F
µ
5
2
0
.
0
5
2
0
.
0
4
2
0
.
0
÷2 Ω
A
m
0
0
5
3
>
A
m
0
0
8
3
>
A
m
0
0
6
3
5
.
0
1
x
0
.
0
1
3
.
0
1
x
3
.
0
1
3
.
0
1
x
3
.
0
1
1
1
2
1
1
2
M
0
3
3
S
S
0
1
M
0
0
3
V
S
0
1
M
0
5
1
V
S
0
2
t
n
u
o
M
e
c
a
f
r
u
S
=
V
S
X
V
A
m
u
l
a
t
n
a
T
S
P
T
V
0
1
V
0
1
V
0
1
F
µ
0
3
3
F
µ
0
3
3
F
µ
0
2
2
0
0
1
.
0
÷2 Ω
0
0
1
.
0
÷2 Ω
5
9
0
.
0
A
m
0
0
5
2
>
A
m
0
0
0
3
>
A
m
0
0
0
2
>
x
L
3
.
7
x
W
3
.
4
H
1
.
4
2
2
2
1
1
2
0
0
1
0
R
0
1
0
M
7
3
3
V
S
P
T
0
6
0
0
R
0
1
0
M
7
3
3
V
S
P
T
0
0
1
0
R
5
0
1
0
M
7
2
2
V
S
P
T
t
e
m
e
K
/
0
1
5
T
5
9
4
T
V
0
1
V
0
1
F
µ
0
3
3
F
µ
0
2
2
3
3
0
.
0
7
0
.
0
÷
5
3
0
.
0
=
2
A
m
0
0
4
1
A
m
0
0
0
2
>
W
7
.
5
x
L
3
.
7
H
0
.
4
x
2
2
1
2
S
A
0
1
0
M
7
3
3
X
0
1
5
T
S
A
0
1
0
M
7
2
2
X
5
9
4
T
e
u
g
a
r
p
S
D
4
9
5
V
0
1
V
0
1
F
µ
0
3
3
F
µ
0
2
2
5
4
0
.
0
5
6
0
.
0
A
m
0
5
3
2
A
m
0
0
0
2
>
x
L
3
.
7
x
W
0
.
6
H
1
.
4
2
2
1
2
T
2
R
0
1
0
0
X
7
3
3
D
4
T
2
D
0
1
0
0
X
7
2
2
D
4
9
5
Not Recommended For New Designs


Similar Part No. - PT6936N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6936 TI-PT6936 Datasheet
242Kb / 12P
[Old version datasheet]   11-A 5V/3.3V-Input Dual Output Integrated Switching Regulator
More results

Similar Description - PT6936N

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZX21200 IDT-9ZX21200 Datasheet
220Kb / 17P
   Space-saving 56-pin package
9ZXL1251 IDT-9ZXL1251 Datasheet
377Kb / 20P
   Space-saving 64-pin VFQFPN package
logo
Texas Instruments
PT6305 TI1-PT6305_14 Datasheet
347Kb / 6P
[Old version datasheet]   Internal Short Circuit Protection
LP3982ILD-ADJ TI-LP3982ILD-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   MAX8860 Pin, Package and Spec. Compatible, WSON Space Saving Package
logo
Integrated Device Techn...
9ZXL1231 IDT-9ZXL1231 Datasheet
201Kb / 18P
   Space-saving 64 VFQFPN package
logo
Maxim Integrated Produc...
MAX15020EVKIT MAXIM-MAX15020EVKIT Datasheet
417Kb / 7P
   Space-Saving 5mm x 5mm, 20-pin TQFN Package
Rev 3; 5/15
logo
P-tec Corporation
PL104-1R1Y2G240113 P-TEC-PL104-1R1Y2G240113 Datasheet
32Kb / 1P
   Space saving Circuit Board Indicator
PL103-1R1Y1G120113 P-TEC-PL103-1R1Y1G120113 Datasheet
32Kb / 1P
   Space saving Circuit Board Indicator
PL104-1Y1G1Y1G0113 P-TEC-PL104-1Y1G1Y1G0113 Datasheet
32Kb / 1P
   Space saving Circuit Board Indicator
PL311A-3G13 P-TEC-PL311A-3G13 Datasheet
361Kb / 4P
   Space-Saving Circuit Board Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com