Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6655G Datasheet(PDF) 11 Page - Texas Instruments

Part # PT6655G
Description  Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6655G Datasheet(HTML) 11 Page - Texas Instruments

Back Button PT6655G Datasheet HTML 7Page - Texas Instruments PT6655G Datasheet HTML 8Page - Texas Instruments PT6655G Datasheet HTML 9Page - Texas Instruments PT6655G Datasheet HTML 10Page - Texas Instruments PT6655G Datasheet HTML 11Page - Texas Instruments PT6655G Datasheet HTML 12Page - Texas Instruments PT6655G Datasheet HTML 13Page - Texas Instruments PT6655G Datasheet HTML 14Page - Texas Instruments PT6655G Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MECHANICAL DATA
MPSI014A – MARCH 2001 – REVISED FEBRUARY 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
EEK (R–PSIP–G14)
PLASTIC SINGLE-IN-LINE MODULE
NOTES: A. All linear dimensions are in inches (mm).
B. This drawing is subject to change without notice.
C.
D.
E. Recommended mechanical keep-out area.
F. The metal tab is isolated but electrically conductive.
No signal traces are allowed under the metal tab area.
A solid copper island is recommended, which may be
grounded.
G. Power pin connections should utilize two or more
vias per input, ground and output pin.
H. No copper, power or signal traces in this area.
2–place decimals are
" 0.030 (" 0, 76 mm).
3–place decimals are
" 0.010 (" 0, 25 mm).
1
(13,20)
0.52
0.100 (2,54) TYP.
0.017 (0,43) TYP.
0.205 (5,20)
Note E, F
Note F
0.080
(2,02)
MIN
PC LAYOUT
1.22 (30,98)
MAX.
0.38
(9,65)
(14,98)
0.59
1.71 (43,43) MAX.
2.36 (62,48) MAX.
(8,25)
0.325
2.000 (50,80)
0.61 (15,49)
0.41(10,41)
(21,08)
0.83
0.19 (4,82)
0.350 (8,89)
ø0.187 (4,74)
(30,06)
1.42
(44,95)
1.77
2.000 (50,80)
(61,46)
2.42
(4,44)
0.175
0.325 (8,25)
Hole for #6–32 screws
Note H
0.64 (16,25)
(21,84)
0.86
(34,29)
1.35
0.235 (5,97)
0.350 (8,89)
0.100 (2,54) 13 Places
0.040 (1,01) 14 Places
Note G
0.150
(3,81)
(4,32)
0.17
(2,54)
0.10
0.040 (1,01)
(0,43)
Gage Plane
0.017
TYP.
Seating Plane
MAX.
(10,66)
0.42
2 Places
4202006/B 02/02
0
°–7°
0.006 (0,15) MAX.
Suffix B


Similar Part No. - PT6655G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6655 TI-PT6655 Datasheet
242Kb / 5P
[Old version datasheet]   5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
PT6655 TI1-PT6655 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6655G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340EVM-017 TI1-TPS55340EVM-017 Datasheet
783Kb / 21P
[Old version datasheet]   TPS55340EVM-017, 5-V to 12-V Input, 24-V Output Boost Evaluation Module
TPSM84209 TI1-TPSM84209_19 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
UCC25230 TI1-UCC25230_14 Datasheet
1Mb / 22P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI1-UCC25230 Datasheet
859Kb / 21P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI-UCC25230_15 Datasheet
1Mb / 21P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
PT5406A TI-PT5406A Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Bel Fuse Inc.
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com