Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM-301 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DM-301
Description  THERMOCOUPLE & RESISTANCE THERMOMETER SENSORS & PROBES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM-301 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DM-301 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Alternatives made to order –
MINERAL INSULATED Pt100 PROBE WITH
EXTENSION LEAD. STYLE MIRA
q
High temperature, rugged flexible Pt100 probe
q
Pt100 Class B, 4-wire connection
q
Sensor Temperature rating -100 to 500°C
q
2m PFA insulated screened lead, 7/0.2mm, 4 core
q
Stainless steel sheath
DUPLEX MINERAL INSULATED Pt100 PROBE
WITH EXTENSION LEAD. STYLE MIRA
q
High temperature, rugged, flexible Pt100 probe
q
2 independent Pt100 sensors in single sheath
q
2 x Pt100, Class B, 3 wire connection
q
Sensor temperature range -100 to 500°C
q
2m PTFE insulated, screened lead, 6 core, 7/0.2mm
q
Stainless steel sheath
8
PLATINUM RESISTANCE
THERMOMETERS
www.labfacility.co.uk
MINERAL INSULATED, FLEXIBLE SHEATH RESISTANCE THERMOMETERS
Mineral Insulated Resistance Thermometers are for use up to 500°C depending on the configuration. They are rugged, steel sheathed probes with flexible
sheaths allowing bending or forming. They offer long life (depending on use) are resistant to vibration and can be used in high pressure applications.
Alternative cable types available
4 wire thermometer can be connected as 4,3 or 2 wire; 3 wire can be connected as 3 or 2 wire
FABRICATED, RIGID SHEATH RESISTANCE THERMOMETERS
Fabricated or general purpose resistance thermometers are for use up to 350°C. The rigid, steel probes and alternative sensor configurations suit many applications.
Alternative cable types available.
4 wire thermometer can be connected as 4,3 or 2 wire; 3 wire can be connected as 3 or 2 wire
ORDER CODES
Dia
length Code
(mm) (mm)
3.0
150 MIRAA-S4B-30-150-PI-2.0-C2-T
3.0
250 MIRAA-S4B-30-250-PI-2.0-C2-T
6.0
150 MIRAA-S4B-60-150-PI-2.0-C2-T
6.0
250 MIRAA-S4B-60-250-PI-2.0-C2-T
Pt100 PROBE WITH EXTENSION LEAD.
STYLE RA
q
Accurate, general purpose temperature sensor
q
Pt100, Class B, 4 wire connection
q
Stainless steel probe
q
Sensor Temperature range -50 to 250°C
q
2m PFA insulated screened lead, 7/0.2mm for 6.0mm probe
q
2m PFA insulated screened lead, 7/0.1mm for 3.0mm probe
Pt100 GENERAL PURPOSE TEMPERATURE
SENSOR. STYLE RA
q
A heavy duty industrial probe with a tough, silicone rubber insulated
lead
q
Pt100, Class B, 4 wire
q
Stainless steel rigid sheath
q
6mm diameter, 50mm and 100mm lengths
q
2m, 4 core 7/0.2mm silicone rubber insulated lead
q
Sensor temperature range -50°C to 200°C
Pt100 PRECISION PROBES. STYLE RA
q
High accuracy, close tolerance Pt100 sensors
q
Suitable as reference probes
q
Pt100 1/5DIN tolerance element, 4 wire connection
q
Accuracy better than ±0.6°C at 0°C
q
2m PTFE insulated, screened lead, 7/0.2mm
q
Sensor temperature range -50 to 250°C
q
Alternative 450°C version
q
Stainless steel sheath
ORDER CODES
Dia
length Code
(mm) (mm)
3.0
100
RAA-S4B-30-100-NP-2.0-C2-T
6.0
100
RAA-S4B-60-100-NP-2.0-C2-T
3.0
150
RAA-S4B-30-150-NP-2.0-C2-T
6.0
150
RAA-S4B-60-150-NP-2.0-C2-T
3.0
250
RAA-S4B-30-250-NP-2.0-C2-T
ORDER CODES
Max temperature
dia (mm)
length (mm)
Code
250°C
6.0
250
L250
450°C
6.0
350
H450
ORDER CODES
Dia (mm)
length (mm)
Code
6.0
50
010632TD/A
6.0
100
010632TD/B
ORDER CODES
Dia
length Code
(mm) (mm)
6.0
150
MIRAA-D3B-60-150-PI-2.0-C2-T
6.0
250
MIRAA-D3B-60-250-P1-2.0-C2-T


Similar Part No. - DM-301

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DM-3000 MURATA-DM-3000 Datasheet
2Mb / 8P
   Multifunctional Digital Panel Meter and Counter Display
More results

Similar Description - DM-301

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EA15 EXTECH-EA15 Datasheet
303Kb / 8P
   Thermocouple Datalogging Thermometer
logo
List of Unclassifed Man...
205-TC ETC2-205-TC Datasheet
907Kb / 22P
   THERMOCOUPLE MINIATURE PANEL THERMOMETER
logo
Cynergy3 Co
ITTP100A CYNERGY3-ITTP100A Datasheet
111Kb / 1P
   Programmable Temperature Probes - Thermocouple and PT100 Assemblies
logo
Carlo Gavazzi Holding A...
CLH CARLOGAVAZZI-CLH Datasheet
152Kb / 2P
   Conductive Sensors Level Probes
08.04.2011
logo
TT Electronics.
DS2101 TTELEC-DS2101 Datasheet
477Kb / 2P
   Averaging Multi Resistance Thermometer (MRT)
logo
Keysight Technologies
N8482H KEYSIGHT-N8482H Datasheet
2Mb / 23P
   Series Thermocouple Power Sensors
U8487A KEYSIGHT-U8487A Datasheet
3Mb / 21P
   USB Thermocouple Power Sensors
U8481A KEYSIGHT-U8481A Datasheet
3Mb / 21P
   USB Thermocouple Power Sensors
N8487A KEYSIGHT-N8487A Datasheet
2Mb / 23P
   Series Thermocouple Power Sensors
U8488A KEYSIGHT-U8488A Datasheet
3Mb / 21P
   USB Thermocouple Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com