Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9186 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP9186
Description  20V, 6A Synchronous Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9186 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP9186 Datasheet HTML 2Page - Monolithic Power Systems MP9186 Datasheet HTML 3Page - Monolithic Power Systems MP9186 Datasheet HTML 4Page - Monolithic Power Systems MP9186 Datasheet HTML 5Page - Monolithic Power Systems MP9186 Datasheet HTML 6Page - Monolithic Power Systems MP9186 Datasheet HTML 7Page - Monolithic Power Systems MP9186 Datasheet HTML 8Page - Monolithic Power Systems MP9186 Datasheet HTML 9Page - Monolithic Power Systems MP9186 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MP9186 – 20V, 6A SYNCHRONOUS STEP-DOWN CONVERTER
MP9186 Rev. 1.0
www.MonolithicPower.com
6
2/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 1V, L = 1.5 H, fS=500kHz, TA = +25°C, unless otherwise noted.
0
10
20
30
40
50
60
1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
VOU T
500mV/di
v.
VIN
10V/di
v.
VSW
10V/di
v.
IINDUC TOR
5A/di
v.
VOU T
500mV/di
v.
VIN
10V/di
v.
VSW
10V/di
v.
IINDUC TOR
5A/di
v.
VOU T
500mV/di
v.
VEN
5V/di
v.
VSW
5V/di
v.
IINDUC TOR
1A/di
v.
VOU T
500mV/di
v.
VEN
5V/di
v.
VSW
10V/di
v.
IINDUC TOR
5A/di
v.
VOU T
500mV/di
v.
VEN
5V/di
v.
VSW
5V/di
v.
IINDUC TOR
5A/di
v.
VOU T
500mV/di
v.
VEN
5V/di
v.
VSW
5V/di
v.
IINDUC TOR
5A/di
v.


Similar Part No. - MP9186

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9181 MPS-MP9181 Datasheet
815Kb / 19P
   High Efficiency, Fast Transient, 3A, 4.5V-20V Input Synchronous Step-down Converter in a Tiny 2mmx3mm QFN12 Package
MP9181DD MPS-MP9181DD Datasheet
815Kb / 19P
   High Efficiency, Fast Transient, 3A, 4.5V-20V Input Synchronous Step-down Converter in a Tiny 2mmx3mm QFN12 Package
MP9184 MPS-MP9184 Datasheet
913Kb / 20P
   17A, 600kHz, 20V, Wide Input Range, Synchronous Boost Converter in a Small 3mm x 4mm QFN Package
MP9184A MPS-MP9184A Datasheet
1Mb / 26P
   19A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter with Input Disconnect Function
MP9184A MPS-MP9184A Datasheet
1Mb / 8P
   19A, 600kHz 20V Wide Input Synchronous Boost Converter EV Board
More results

Similar Description - MP9186

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3216 EUTECH-EUP3216 Datasheet
785Kb / 1P
   6A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7298A RICHTEK-RT7298A Datasheet
323Kb / 21P
   6A, 18V, Synchronous Step-Down Converter
June 2019
RT2856H RICHTEK-RT2856H Datasheet
241Kb / 19P
   6A, 18V, Synchronous Step-Down Converter
June 2019
logo
Monolithic Power System...
MP28251 MPS-MP28251 Datasheet
634Kb / 15P
   20V, 4A Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9370B BELLING-BL9370B Datasheet
555Kb / 10P
   2A, 20V Synchronous Step-Down Converter
BL9320 BELLING-BL9320 Datasheet
652Kb / 11P
   2A, 20V Synchronous Step-Down Converter
logo
Linear Technology
LTC3636 LINER-LTC3636 Datasheet
927Kb / 28P
   Dual Channel 6A, 20V Monolithic Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP8765 MPS-MP8765 Datasheet
1Mb / 21P
   24V, 6A High Efficiency Synchronous Step-down Converter
logo
Richtek Technology Corp...
RT7271A RICHTEK-RT7271A Datasheet
218Kb / 14P
   6A, 17V, 500kHz CSP Synchronous Step-Down Converter
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
   6A, 2MHz, High Efficiency Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com