Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP18021HN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP18021HN
Description  100V High Frequency Half-Bridge Gate Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP18021HN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP18021HN Datasheet HTML 1Page - Monolithic Power Systems MP18021HN Datasheet HTML 2Page - Monolithic Power Systems MP18021HN Datasheet HTML 3Page - Monolithic Power Systems MP18021HN Datasheet HTML 4Page - Monolithic Power Systems MP18021HN Datasheet HTML 5Page - Monolithic Power Systems MP18021HN Datasheet HTML 6Page - Monolithic Power Systems MP18021HN Datasheet HTML 7Page - Monolithic Power Systems MP18021HN Datasheet HTML 8Page - Monolithic Power Systems MP18021HN Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MP18021
100V High Frequency
Half-Bridge Gate Driver
MP18021 Rev. 1.0
www.MonolithicPower.com
1
8/8/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP18021 is a high frequency, 100V half
bridge N-channel power MOSFET driver. Its low
side and high side driver channels are
independently controlled and matched with less
than 5ns in time delay. Under voltage lock-out on
both high side and low side supplies force their
outputs low in case of insufficient supply. The
integrated bootstrap diode reduces external
component count.
FEATURES
 Drives N-channel MOSFET half bridge
 100V VBST voltage range
 On-chip bootstrap diode
 Typical 16ns propagation delay time
 Less than 5ns gate drive matching
 Drive 1nF load with 12ns/9ns rise/fall times
with 12V VDD
 TTL compatible input
 Less than 150A quiescent current
 UVLO for both high side and low side
 In SOIC8 EPAD Package
APPLICATIONS
 Telecom half bridge power supplies
 Avionics DC-DC converters
 Two-switch forward converters
 Active clamp forward converters
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP18021
PWM
CONTROLLER
INH
VSS
INL
DRVL
SW
DRVH
VDD
BST
+12V
48V
DRIVE
LO
DRIVE
HI
ISOLATION
AND
FEEDBACK
SECONDARY
SIDE
CIRCUIT


Similar Part No. - MP18021HN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP18021HN-A MPS-MP18021HN-A Datasheet
507Kb / 13P
   100V, 2.5A, High Frequency Half-Bridge Gate Driver
More results

Similar Description - MP18021HN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
   100V, 4A, High Frequency Half-Bridge Gate Driver
MPQ18021A MPS-MPQ18021A Datasheet
480Kb / 12P
   100V, 2.5A, High-Frequency Half-Bridge Gate Driver
MPQ1924 MPS-MPQ1924 Datasheet
790Kb / 14P
   100V, 4A, High Frequency Half-Bridge Gate Driver
MP1907 MPS-MP1907 Datasheet
336Kb / 15P
   100V, 2.5A, High Frequency Half-bridge Gate Driver
MP1924A MPS-MP1924A Datasheet
562Kb / 16P
   100V, 4A, High Frequency Half-Bridge Gate Driver
MP1921A MPS-MP1921A Datasheet
553Kb / 17P
   100V, 2.5A, High Frequency Half-Bridge Gate Driver
MP1925 MPS-MP1925 Datasheet
578Kb / 14P
   100V, 4A, High-Frequency, Half-Bridge Gate Driver
Rev. 1.01 7/28/2020
MP18024 MPS-MP18024 Datasheet
406Kb / 12P
   100V, 4A, High Frequency Half-Bridge Gate Driver
MP18021A MPS-MP18021A Datasheet
507Kb / 13P
   100V, 2.5A, High Frequency Half-Bridge Gate Driver
EV18021A-N-00A MPS-EV18021A-N-00A Datasheet
393Kb / 6P
   100V, High Frequency Half-Bridge Gate Driver EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com