Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOV-07D121K Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # MOV-07D121K
Description  Metal Oxide Varistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MOV-07D121K Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  MOV-07D121K Datasheet HTML 1Page - Bourns Electronic Solutions MOV-07D121K Datasheet HTML 2Page - Bourns Electronic Solutions MOV-07D121K Datasheet HTML 3Page - Bourns Electronic Solutions MOV-07D121K Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CDDFN5-0504N-TVS/SteeringDiodeArray
Packaging Information
TAPE & REEL
Item
Symbol
7 mm Disc
Reel Outside Diameter
RD
355
(13.98)
Reel Inner Diameter
RD1
30
(1.181)
Tape Width
RW
47
(18.50)
Reel Width
RW1
53
(20.87)
Pitch of Component
P
12.7 ± 1.0
(0.50 ± 0.04)
Feed Hole Pitch
P0
12.7 ± 1.0
(0.50 ± 0.04)
Feed Hole Center to Pitch
P1
3.85 ± 0.7
(0.15 ± 0.03)
Feed Hole Center to Component
Center
P2
6.35 ± 1.0
(0.25 ± 0.04)
Lead to Lead Distance
F
5.00 ± 0.8
(0.20 ± 0.03)
Component Alignment
D
h
2.0 max.
(0.79) max.
Tape Width
W
18.0 ± 0.5
(0.71 ± 0.02)
Hole Down Tape Width
W0
12.0 ± 0.8
(0.47 ± 0.03)
Hole Position
W1
9.0 ± 0.5
(0.35 ± 0.02)
Hole Down Tape Position
W2
3.0 max.
(0.12) max.
Height From Center to
Component Base
H
19.0 ± 1.0
(0.75 ± 0.04)
Seating Plane Height
H0
16.0 ± 0.5
(0.63 ± 0.02)
Component Height
H1
32.0 max.
(1.26) max
Crimp Length
C
2.60 typ.
(0.10) max
Feed Hole Diameter
D0
4.0 ± 0.2
(0.16 ± 0.08)
Total Tape Thickness
t
0.6 ± 0.3
(0.02 ± 0.01)
Length of Clippped Height
L
1.0 max.
(0.04) max
Quantity per Reel
(07D180K – 07D391K)
-
2000
Quantity per Reel
(07D431K – 07D821K)
-
1500
REV. 10/12
Specificationsaresubjecttochangewithoutnotice.
Customersshouldverifyactualdeviceperformanceintheirspecificapplications.
MOV-07DxxxKSeries-MetalOxideVaristor
RD1
RD
RW
RW1
H1
H
W0
W1
t
F
P0
P1
D0
L
P2
P
h
W2
W
DIMENSIONS:
MM
(INCHES)
RD1
RD
RW
RW1
H1
H
W0
W1
t
F
P0
P1
D0
L
P2
P
h
W2
W
BULK
250.0
(9.84)
170.0
(6.69)
60.0
(2.36)
QUANTITY = 2000 PCS. PER BOX
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555
Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - MOV-07D121K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MOV-07D121K BOURNS-MOV-07D121K Datasheet
560Kb / 5P
   Metal Oxide Varistor
More results

Similar Description - MOV-07D121K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
logo
Bourns Electronic Solut...
MOV-14DXXXK BOURNS-MOV-14DXXXK Datasheet
309Kb / 4P
   Metal Oxide Varistor
logo
KOA Speer Electronics, ...
NV73AL KOA-NV73AL Datasheet
312Kb / 4P
   metal oxide varistor
NV73AL1JTTE8R2 KOA-NV73AL1JTTE8R2_11 Datasheet
503Kb / 4P
   metal oxide varistor
logo
List of Unclassifed Man...
JVT ETC-JVT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
G ETC2-G_V01 Datasheet
214Kb / 9P
   Metal Oxide Varistor
logo
Bourns Electronic Solut...
MOV-20D180K BOURNS-MOV-20D180K Datasheet
689Kb / 4P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
Z15D271 ETC2-Z15D271 Datasheet
1Mb / 7P
   METAL OXIDE VARISTOR
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K_V01 Datasheet
560Kb / 5P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
JVR ETC-JVR Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com