Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTVS6-058C Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PTVS6-058C
Description  PTVS6-xxxC Series High Current TVS Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTVS6-058C Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PTVS6-058C Datasheet HTML 1Page - Bourns Electronic Solutions PTVS6-058C Datasheet HTML 2Page - Bourns Electronic Solutions PTVS6-058C Datasheet HTML 3Page - Bourns Electronic Solutions PTVS6-058C Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
3312 - 2 mm SMD Trimming Potentiometer
-v
Quadrant I
+v
+i
V
(BR)
I
T
V
WM
-i
Quadrant III
V
C
I
D
V I
Characteristic
I
PPM
V
(BR)
I
T
V
WM
V
C
I
D
I
PPM
120
100
40
60
80
20
0
0
25
50
100
75
125
150
Ambient Temperature (°C)
16
6
8
10
12
14
0
2
4
-4
-6
-8
-40
-20
0
20
40
60
80 100 120 140 160
Junction Temperature (TJ) - °C
25 °C
PTVS6-xxxC Series High Current TVS Diodes
Performance Graphs
V-I Characteristic
Typical VBR vs. Junction Temperature
Typical Peak Power Derating
Application
A typical application for Power TVS products includes AC power line primary protection.


Similar Part No. - PTVS6-058C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTVS6-058C-SH BOURNS-PTVS6-058C-SH Datasheet
358Kb / 3P
   High Current TVS Diodes
PTVS6-058C-SH BOURNS-PTVS6-058C-SH Datasheet
357Kb / 3P
   PTVS6-xxxC-SH Series High Current TVS Diodes
01/15
PTVS6-058C-TH BOURNS-PTVS6-058C-TH Datasheet
230Kb / 3P
   High Current TVS Diodes
PTVS6-058C-TH BOURNS-PTVS6-058C-TH Datasheet
196Kb / 4P
   PTVS6-xxxC-TH Series High Current TVS Diodes
REV. 11/15
More results

Similar Description - PTVS6-058C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTVS6 BOURNS-PTVS6 Datasheet
265Kb / 4P
   PTVS6-xxxC Series High Current TVS Diodes
PTVS6-380C BOURNS-PTVS6-380C Datasheet
265Kb / 4P
   PTVS6-xxxC Series High Current TVS Diodes
PTVS6-XXXC-SH BOURNS-PTVS6-XXXC-SH Datasheet
357Kb / 3P
   PTVS6-xxxC-SH Series High Current TVS Diodes
01/15
PTVS6-XXXC-M BOURNS-PTVS6-XXXC-M_V01 Datasheet
252Kb / 5P
   PTVS6-xxxC-M Series High Current TVS Diodes
07/19
PTVS6-XXXC-TH BOURNS-PTVS6-XXXC-TH Datasheet
196Kb / 4P
   PTVS6-xxxC-TH Series High Current TVS Diodes
REV. 11/15
PTVS3 BOURNS-PTVS3 Datasheet
271Kb / 4P
   PTVS3-xxxC Series High Current TVS Diodes
PTVS10-058C BOURNS-PTVS10-058C Datasheet
264Kb / 4P
   PTVS10-xxxC Series High Current TVS Diodes
PTVS3-380C BOURNS-PTVS3-380C Datasheet
265Kb / 4P
   PTVS3-xxxC Series High Current TVS Diodes
PTVS10-058C BOURNS-PTVS10-058C_13 Datasheet
273Kb / 4P
   PTVS10-xxxC Series High Current TVS Diodes
PTVS3-058C BOURNS-PTVS3-058C Datasheet
307Kb / 4P
   PTVS3-xxxC Series High Current TVS Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com