Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOV-20D221K Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MOV-20D221K
Description  Metal Oxide Varistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MOV-20D221K Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MOV-20D221K Datasheet HTML 1Page - Bourns Electronic Solutions MOV-20D221K Datasheet HTML 2Page - Bourns Electronic Solutions MOV-20D221K Datasheet HTML 3Page - Bourns Electronic Solutions MOV-20D221K Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
n
Highvoltagerating
n
Highcurrentrating
n
Bidirectional
n
Surgeprotection
n
Fastresponsetime
n
RoHScompliant*
n
Agencylisting:
Applications
n
Powersupplies
n
Powersystems
n
Linevoltage
n
Telecomsystems
n
Whitegoods/appliances
MOV-20DxxxKSeries-MetalOxideVaristor
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
Specificationsaresubjecttochangewithoutnotice.
Customersshouldverifyactualdeviceperformanceintheirspecificapplications.
Industry Standard Compliance
Standard
UL 1449
File Number
E313168
General Information
The MOV-20DxxxK Series of 20 mm radial leaded varistor devices protects
against overvoltage transients such as lightning, power contact and power
induction. The metal oxide varistors offer a choice of varistor voltages from
18 V to 1800 V and Vrms voltages from 11 V to 1100 V.
The devices have a high current handling, high energy absorption capability
and fast response times to protect against transient faults up to rated limits.
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operating Temperature
TOPR
-40
25
+85
˚C
Storage Temperature
TSTG
-40
25
+125
˚C
Rated Wattage
Pw
1.00
Watt
Varistor Voltage Temperature Coefficient
VTC
0
0.1
0.05
% / ˚C
Response Time
Tr
10
25
ns
Varistor Voltage Tolerance
Vtol
-10
0
10
%
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Bourns Part No.
Max. Continuous
Voltage (V)
Voltage @ 1 mA DC
(V)
Voltage @ Class Current Max. Peak
Current
Max.
Energy
Max. Cap.
(8/20 μs)
(8/20 μs)
(J)
(pF)
r.m.s.
d.c.
Min.
Nom.
Max.
Class
Current
(A)
Max.
Clamping
Voltage (V)
One
Time
8/20 μs
1 kHz
MOV-20D180K
11
14
16
18
20
20
36
2000
11.0
28500
MOV-20D220K
14
18
20
22
24
20
43
2000
14.0
18500
MOV-20D270K
17
22
24
27
30
20
53
2000
18.0
13000
MOV-20D330K
20
26
30
33
36
20
65
2000
23.0
11500
MOV-20D390K
25
31
35
39
43
20
77
2000
26.0
8500
MOV-20D470K
30
38
42
47
52
20
93
2000
33.0
7400
MOV-20D560K
35
45
50
56
62
20
110
2000
41.0
6500
MOV-20D680K
40
56
61
68
75
20
135
2000
46.0
5800
MOV-20D820K
50
65
74
82
90
100
135
6500
38.0
4900
MOV-20D101K
60
85
90
100
110
100
165
6500
45.0
4000
MOV-20D121K
75
100
108
120
132
100
200
6500
55.0
3300
MOV-20D151K
95
125
135
150
165
100
250
6500
70.0
2700
MOV-20D181K
115
150
162
180
198
100
300
6500
85.0
2200
MOV-20D201K
130
170
185
200
225
100
340
6500
95.0
2000
MOV-20D221K
140
180
198
220
242
100
360
6500
100.0
1800
MOV-20D241K
150
200
216
240
264
100
395
6500
108.0
1650
MOV-20D271K
175
225
243
270
297
100
455
6500
127.0
1500
MOV-20D301K
190
250
270
300
330
100
500
6500
136.0
1300
MOV-20D331K
210
275
297
330
363
100
550
6500
150.0
1200
MOV-20D361K
230
300
324
360
396
100
595
6500
163.0
1100
MOV-20D391K
250
320
351
390
429
100
650
6500
180.0
1000
MOV-20D431K
275
350
387
430
473
100
710
6500
190.0
930
MOV-20D471K
300
385
423
470
517
100
775
6500
220.0
850
MOV-20D511K
320
415
459
510
561
100
845
6500
220.0
780
MOV-20D561K
350
460
504
560
616
100
925
6500
220.0
710
MOV-20D621K
385
505
558
620
682
100
1025
6500
220.0
650
MOV-20D681K
420
560
612
680
748
100
1120
6500
220.0
600
MOV-20D751K
460
615
675
750
825
100
1240
6500
230.0
530
MOV-20D781K
485
640
702
780
858
100
1290
6500
255.0
510
MOV-20D821K
510
670
738
820
902
100
1355
6500
265.0
500
MOV-20D911K
550
745
819
910
1001
100
1500
6500
282.0
440
MOV-20D102K
625
825
900
1000
1100
100
1650
6500
310.0
400
MOV-20D112K
680
895
990
1100
1210
100
1815
6500
342.0
360
MOV-20D152K
750
990
1080
1500
1320
100
1980
6500
383.0
320
MOV-20D182K
1100
1465
1620
1800
1980
100
2970
6500
625.0
220
20D201K
5


Similar Part No. - MOV-20D221K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MOV-20D221K BOURNS-MOV-20D221K Datasheet
689Kb / 4P
   High voltage rating
More results

Similar Description - MOV-20D221K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
logo
Bourns Electronic Solut...
MOV-14DXXXK BOURNS-MOV-14DXXXK Datasheet
309Kb / 4P
   Metal Oxide Varistor
logo
KOA Speer Electronics, ...
NV73AL KOA-NV73AL Datasheet
312Kb / 4P
   metal oxide varistor
NV73AL1JTTE8R2 KOA-NV73AL1JTTE8R2_11 Datasheet
503Kb / 4P
   metal oxide varistor
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K Datasheet
691Kb / 4P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
JVT ETC-JVT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
G ETC2-G_V01 Datasheet
214Kb / 9P
   Metal Oxide Varistor
Z15D271 ETC2-Z15D271 Datasheet
1Mb / 7P
   METAL OXIDE VARISTOR
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K_V01 Datasheet
560Kb / 5P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
JVR ETC-JVR Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com