Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP20046DN-F Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP20046DN-F
Description  Fast Transient Response, 2A Low Dropout Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20046DN-F Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP20046DN-F Datasheet HTML 6Page - Monolithic Power Systems MP20046DN-F Datasheet HTML 7Page - Monolithic Power Systems MP20046DN-F Datasheet HTML 8Page - Monolithic Power Systems MP20046DN-F Datasheet HTML 9Page - Monolithic Power Systems MP20046DN-F Datasheet HTML 10Page - Monolithic Power Systems MP20046DN-F Datasheet HTML 11Page - Monolithic Power Systems MP20046DN-F Datasheet HTML 12Page - Monolithic Power Systems MP20046DN-F Datasheet HTML 13Page - Monolithic Power Systems MP20046DN-F Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP20046 – FAST TRANSIENT RESPONSE, 2A, LOW DROPOUT VOLTAGE REGULATOR
MP20046 Rev. 1.1
www.MonolithicPower.com
11
10/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
OPERATION
The MP20046 is a low dropout linear regulator
supplying up to 2A current. It is intended for use
in devices that require very low dropout voltage,
low quiescent, low noise and high PSRR such
as wireless LAN, battery powered equipment
and hand-held equipment.
The MP20046 uses an internal PMOS as the
pass element and features internal thermal
shutdown and internal current limit circuit.
Dropout Voltage
Dropout voltage is the minimum input to output
differential voltage required for the regulator to
maintain an output voltage within 100mV of its
nominal value. Because the PMOS pass
element behaves as a low-value resistor, the
dropout voltage of MP20046 is very low.
Shutdown
The MP20046 can be switched ON or OFF by a
logic input at the EN pin. A high voltage at this
pin will turn the device off. When the EN pin is
low, the regulator output is on. The EN pin
should be tied to GND to keep the regulator
output always on if the application does not
require the shutdown feature. Do not float the
EN pin.
Current Limit
The MP20046 includes a current limit structure
which monitors and controls PMOS’s gate
voltage to limit the guaranteed maximum output
current to 3.3A.
Power Good
The power good pin is an open collector output
connected to OUT with a pull up resistor. It
monitors the output voltage, and if the output
voltage deceases below 83% of its regulation
point, the PG pin becomes low. Enlarging pull
up resistor or bypass capacitor will extend the
set up time of PG output.
Thermal Protection
Thermal protection turns off the PMOS when
the junction temperature exceeds +150ºC,
allowing the IC to cool. When the IC’s junction
temperature drops by 20ºC, the PMOS will be
turned on again. Thermal protection limits total
power dissipation in the MP20046. For reliable
operation, junction temperature should be
limited to 125 ºC maximum.
Load-Transient Considerations
The output response of load-transient consists
of a DC shift and transient response. Because
of the excellent load regulation of MP20046, the
DC shift is very small. For external circuit, the
output voltage transient depends on the output
capacitor’s value and the ESR. Increasing the
capacitance and decreasing the ESR will
improve the transient response.


Similar Part No. - MP20046DN-F

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20046DN-F MPS-MP20046DN-F Datasheet
114Kb / 4P
   Fast Transient Response, 2A Linear Regulator EV Board
More results

Similar Description - MP20046DN-F

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
ON Semiconductor
NCP59152 ONSEMI-NCP59152 Datasheet
168Kb / 11P
   Very Low-Dropout Fast Transient Response Regulator
May, 2014 ??Rev. 27
logo
Texas Instruments
UC285-1 TI1-UC285-1_16 Datasheet
876Kb / 18P
[Old version datasheet]   FAST TRANSIENT RESPONSE 5A LOW-DROPOUT REGULATOR
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LP38513-ADJ NSC-LP38513-ADJ Datasheet
382Kb / 12P
   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38511-ADJ NSC-LP38511-ADJ Datasheet
403Kb / 14P
   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38511-ADJ TI1-LP38511-ADJ_16 Datasheet
1Mb / 23P
[Old version datasheet]   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38513-ADJ TI1-LP38513-ADJ Datasheet
1Mb / 18P
[Old version datasheet]   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LP38512-ADJ NSC-LP38512-ADJ Datasheet
388Kb / 14P
   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com