Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOV-20D751K Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MOV-20D751K
Description  Metal Oxide Varistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MOV-20D751K Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MOV-20D751K Datasheet HTML 1Page - Bourns Electronic Solutions MOV-20D751K Datasheet HTML 2Page - Bourns Electronic Solutions MOV-20D751K Datasheet HTML 3Page - Bourns Electronic Solutions MOV-20D751K Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3312-2mmSMDTrimmingPotentiometer
10
1
100
1000
10-6
10-5
10-4
10-3
10-2
10-1
Current (A)
680
560
470
390
330
270
220
180
MAX. LEAKAGE CURRENT
TEST CURRENT WAVEFORM
10-6 TO 10-3 A: DIRECT CURRENT
10-1 TO 104 A: 8/20 S
MAX. CLAMPING VOLTAGE
10
100
1000
10000
10-6
10-5
10-4
10-3
10-2
10-1
100
101
102
103
104
100
101
102
103
104
Current (A)
MAX. LEAKAGE CURRENT
TEST CURRENT WAVEFORM
10-6 TO 10-3 A: DIRECT CURRENT
10-1 TO 104 A: 8/20 S
MAX. CLAMPING VOLTAGE
431
391
361
331
301
271
241
221
201
181
151
121
101
820
100
1000
10000
10-6
10-5
10-4
10-3
10-2
10-1
100
101
102
103
104
Current (A)
MAX. LEAKAGE CURRENT
TEST CURRENT WAVEFORM
10-6 TO 10-3 A: DIRECT CURRENT
10-1 TO 104 A: 8/20 S
MAX. CLAMPING VOLTAGE
182
152
112
102
911
821
781
751
681
621
561
511
471
MOV-20DxxxKSeries-MetalOxideVaristor
Performance Graphs
V-I Characteristics
MOV-20D180K to MOV-20D680K
MOV-20D820K to MOV-20D431K
MOV-20D471K to MOV-20D182K
Bourns
Part
Number
Bourns
Part
Marking
MOV-20D180K
20D180K
MOV-20D220K
20D220K
MOV-20D270K
20D270K
MOV-20D330K
20D330K
MOV-20D390K
20D390K
MOV-20D470K
20D470K
MOV-20D560K
20D560K
MOV-20D680K
20D680K
MOV-20D820K
20D820K
MOV-20D101K
20D101K
MOV-20D121K
20D121K
MOV-20D151K
20D151K
MOV-20D181K
20D181K
MOV-20D201K
20D201K
MOV-20D221K
20D221K
MOV-20D241K
20D241K
MOV-20D271K
20D271K
MOV-20D301K
20D301K
MOV-20D331K
20D331K
MOV-20D361K
20D361K
MOV-20D391K
20D391K
MOV-20D431K
20D431K
MOV-20D471K
20D471K
MOV-20D511K
20D511K
MOV-20D561K
20D561K
MOV-20D621K
20D621K
MOV-20D681K
20D681K
MOV-20D751K
20D751K
MOV-20D781K
20D781K
MOV-20D821K
20D821K
MOV-20D911K
20D821K
MOV-20D102K
20D102K
MOV-20D112K
20D112K
MOV-20D152K
20D152K
MOV-20D182K
20D182K
NOTE: The “5” marking on MOV products is for
traceability of production assembly for quality
assurance compliance.
Typical Part Marking


Similar Part No. - MOV-20D751K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MOV-20D751K BOURNS-MOV-20D751K Datasheet
689Kb / 4P
   High voltage rating
More results

Similar Description - MOV-20D751K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
logo
Bourns Electronic Solut...
MOV-14DXXXK BOURNS-MOV-14DXXXK Datasheet
309Kb / 4P
   Metal Oxide Varistor
logo
KOA Speer Electronics, ...
NV73AL KOA-NV73AL Datasheet
312Kb / 4P
   metal oxide varistor
NV73AL1JTTE8R2 KOA-NV73AL1JTTE8R2_11 Datasheet
503Kb / 4P
   metal oxide varistor
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K Datasheet
691Kb / 4P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
JVT ETC-JVT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
G ETC2-G_V01 Datasheet
214Kb / 9P
   Metal Oxide Varistor
Z15D271 ETC2-Z15D271 Datasheet
1Mb / 7P
   METAL OXIDE VARISTOR
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K_V01 Datasheet
560Kb / 5P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
JVR ETC-JVR Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com