Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24PCDEA6D Datasheet(PDF) 3 Page - Honeywell Accelerometers

Part # 24PCDEA6D
Description  Interactive Catalog Replaces Catalog Pages
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

24PCDEA6D Datasheet(HTML) 3 Page - Honeywell Accelerometers

  24PCDEA6D Datasheet HTML 1Page - Honeywell Accelerometers 24PCDEA6D Datasheet HTML 2Page - Honeywell Accelerometers 24PCDEA6D Datasheet HTML 3Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Pressure Sensors
24PC Series
Gage and Differential/Unamplified-Noncompensated
12
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
SENSOR SELECTION GUIDE
24
PC
A
F*
A
2
G
Product
Circuit
Pressure
Pressure
Type of
Type of
Termination
Pressure
Family
Type
Transducer
Range
Seal
Port
Style
Measurement
2 20PC
family
4 Noncom-
pensated
A 1 psi
B 5 psi
C 15 psi
D 30 psi
E 0.5 psi
E EPDM
F Fluorosilicone
N Neoprene
S Silicone
A Straight
B Barbed
C Luer
D Modular
H M5 Thread
F 100 psi
I 90° Port
G 250 psi
J Needle
K Reverse 98 Port
L 1/4 - 28 UNF w/Cable Lock
M 1/4 - 28 UNF w/o Cable Lock
S Manifold
1 1 x 4
(.400 )
2 2 x 2
6 1 x 4
(.600 )
G Gage
D Differential
Example: 24PCAFA2G
Standard, non-compensated 1 psi sensor with fluorosilicone seal, straight port, 2 x 2 terminals, and Gage pressure measurement.
*Other media seal materials may be available.
See Accessory Guide, page 27.
Not all combinations are established. Contact
800 number before final design.


Similar Part No. - 24PCDEA6D

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
24PCDEA6D HONEYWELL-ACC-24PCDEA6D Datasheet
199Kb / 3P
   Interactive Catalog Replaces Catalog Pages
24PCDEA6D HONEYWELL-ACC-24PCDEA6D Datasheet
199Kb / 3P
   Interactive Catalog Replaces Catalog Pages
24PCDEA6D HONEYWELL-ACC-24PCDEA6D Datasheet
199Kb / 3P
   Interactive Catalog Supplements Catalog PDFs
24PCDEA6D HONEYWELL-ACC-24PCDEA6D Datasheet
199Kb / 3P
   Interactive Catalog Replaces Catalog Pages
24PCDEA6D HONEYWELL-ACC-24PCDEA6D Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results

Similar Description - 24PCDEA6D

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
162PC01G HONEYWELL-ACC-162PC01G Datasheet
507Kb / 5P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
CSLA1CE HONEYWELL-CSLA1CE Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCAFA6G HONEYWELL-26PCAFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
26PCDFA6G HONEYWELL-26PCDFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com