Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24PCCEA6G Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # 24PCCEA6G
Description  Interactive Catalog Replaces Catalog Pages
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

24PCCEA6G Datasheet(HTML) 2 Page - Honeywell Accelerometers

  24PCCEA6G Datasheet HTML 1Page - Honeywell Accelerometers 24PCCEA6G Datasheet HTML 2Page - Honeywell Accelerometers 24PCCEA6G Datasheet HTML 3Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pressure Sensors
24PC Series
Gage and Differential/Unamplified-Noncompensated
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
11
Basic Sensors
FEATURES
Miniature package
Variety of gage pressure port config-
urations - easily and quickly modified
for your special needs
Operable after exposure to frozen
conditions
Ideal for wet/wet differential
applications
Choice of termination for gage sensors
2 mA constant current excitation signif-
icantly reduces sensitivity shift over
temperature*
Can be used to measure vacuum or
positive pressure
24PC SERIES PERFORMANCE CHARACTERISTICS at 10.0 ±0.01 VDC
Excitation, 25°C
Min.
Typ.
Max.
Units
Excitation
---
10
12
VDC
Null Offset
−30
0
+30
mV
Null Shift, 25° to 0°, 25° to 50°C
---
±2.0
---
mV
Linearity, P2 > P1, BFSL
---
±0.25
±1.0
%Span
Span Shift, 25° to 0°, 25° to 50°C
---
±5.0*
---
%Span
Repeatability & Hysteresis
---
±0.15
---
%Span
Response Time
---
---
1.0
msec
Input Resistance
4.0 K
5.0 K
6.0 K
ohms
Output Resistance
4.0 K
5.0 K
6.0 K
ohms
Stability over One Year
---
±0.5
---
%Span
Weight
---
2
---
grams
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
−40° to +85°C (−40° to +185°F)
Storage Temperature
−55° to +100°C (−67° to +212°F)
Shock
Qualification tested to 150 g
Vibration
Qualification tested to 0 to 2 kHz, 20 g sine
Media (P1 & P2)
Limited only to those media which will not attack
polyetherimide, silicon, fluorosilicone, silicone,
EPDM and neoprene seals.
24PC SERIES ORDER GUIDE
Span, mV
Catalog
Listing
Pressure
Range
psi
Min.
Typ.
Max.
Sensitivity
mV/psi
Typ.
Overpressure
psi Max.
24PCE Type
0.5
24
35
46
70
20
24PCA Type
1.0
30
45
60
45
20
24PCB Type
5.0
85
115
145
23
20
24PCC Type
15
165
225
285
15
45
24PCD Type
30
240
330
420
11
60
24PCF Type
100
156
225
294
2.25
200
24PCG Type
250
145
212
280
0.85
500
*Non-compensated pressure sensors, excited by constant current instead of
voltage, exhibit temperature compensation of Span. Application Note #1
briefly discusses current excitation.
Constant current excitation has an additional benefit of temperature mea-
surement. When driven by a constant current source, a silicon pressure
sensor’s terminal voltage will rise with increased temperature. The rise in
voltage not only compensates the Span, but is also an indication of die
temperature.
Constant Current Excitation Schematic


Similar Part No. - 24PCCEA6G

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
24PCCEA6G HONEYWELL-ACC-24PCCEA6G Datasheet
199Kb / 3P
   Interactive Catalog Replaces Catalog Pages
24PCCEA6G HONEYWELL-ACC-24PCCEA6G Datasheet
199Kb / 3P
   Interactive Catalog Replaces Catalog Pages
24PCCEA6G HONEYWELL-ACC-24PCCEA6G Datasheet
199Kb / 3P
   Interactive Catalog Replaces Catalog Pages
24PCCEA6G HONEYWELL-ACC-24PCCEA6G Datasheet
199Kb / 3P
   Interactive Catalog Supplements Catalog PDFs
24PCCEA6G HONEYWELL-ACC-24PCCEA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results

Similar Description - 24PCCEA6G

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
162PC01G HONEYWELL-ACC-162PC01G Datasheet
507Kb / 5P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
CSLA1CE HONEYWELL-CSLA1CE Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCAFA6G HONEYWELL-26PCAFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
26PCDFA6G HONEYWELL-26PCDFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com