Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMK063BJ222P Datasheet(PDF) 8 Page - Taiyo Yuden (U.S.A.), Inc

Part # TMK063BJ222P
Description  Notice for TAIYO YUDEN products Please read this notice before using the TAIYO YUDEN products.
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

TMK063BJ222P Datasheet(HTML) 8 Page - Taiyo Yuden (U.S.A.), Inc

Back Button TMK063BJ222P Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ222P Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ222P Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ222P Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ222P Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ222P Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ222P Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ222P Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ222P Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
10
12
mlcc01_e-01
REPRESENTATIVE PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
【Temperature Characteristic F:Y5V】
・0.8mm thickness(A)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK107 F104ZA
F/Y5V
0.1
+80/-20
7
0.8±0.1
R/W
200%
25V
TMK107 F474ZA
F/Y5V
0.47
+80/-20
7
0.8±0.1
R/W
200%
16V
EMK107 F224ZA
F/Y5V
0.22
+80/-20
7
0.8±0.1
R/W
200%
EMK107 F474ZA
F/Y5V
0.47
+80/-20
7
0.8±0.1
R/W
200%
EMK107 F105ZA
F/Y5V
1
+80/-20
16
0.8±0.1
R
200%
EMK107 F225ZA
F/Y5V
2.2
+80/-20
16
0.8±0.1
R
200%
10V
LMK107 F105ZA
F/Y5V
1
+80/-20
16
0.8±0.1
R
200%
LMK107 F225ZA
F/Y5V
2.2
+80/-20
16
0.8±0.1
R
200%
212TYPE
【Temperature Characteristic BJ:B/X5R】
・1.25mm thickness(G)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK212 BJ104□G
B/X5R*1
0.1
±10, ±20
3.5
1.25±0.1
R/W
200%
UMK212 BJ224□G
B/X5R*1
0.22
±10, ±20
3.5
1.25±0.1
R/W
150%
UMK212 BJ474□G
B/X5R*1
0.47
±10, ±20
3.5
1.25±0.1
R/W
150%
UMK212 BJ105□G
B/X5R
1
±10, ±20
5
1.25±0.1
R/W
150%
25V
TMK212 BJ225□G
B/X5R
2.2
±10, ±20
5
1.25±0.1
R
150%
TMK212 BJ475□G
TMK212ABJ475□G
X5R
4.7
±10, ±20
10
1.25+0.15/-0.05
R
150%
TMK212BBJ106MG
X5R
10
±20
10
1.25+0.2/-0
R
150%
16V
EMK212 BJ225□G
B/X5R*1
2.2
±10, ±20
5
1.25±0.1
R
200%
EMK212 BJ475□G
EMK212ABJ475□G
B/X5R*1
4.7
±10, ±20
5
1.25+0.15/-0.05
R
150%
EMK212 BJ106□G
EMK212ABJ106□G
X5R
10
±10, ±20
10
1.25+0.15/-0.05
R
150%
10V
LMK212 BJ225□G
B/X5R*1
2.2
±10, ±20
5
1.25±0.1
R
200%
LMK212 BJ475□G
LMK212ABJ475□G
B/X5R*1
4.7
±10, ±20
5
1.25+0.15/-0.05
R
200%
LMK212 BJ106□G
LMK212ABJ106□G
X5R
10
±10, ±20
10
1.25+0.15/-0.05
R
200%
LMK212 BJ226MG
LMK212BBJ226MG
X5R
22
±20
10
1.25+0.2/-0
R
150%
6.3V
JMK212 BJ475□G
JMK212ABJ475□G
B/X5R
4.7
±10, ±20
5
1.25+0.15/-0.05
R
200%
JMK212 BJ106□G
JMK212ABJ106□G
X5R*1
10
±10, ±20
10
1.25+0.15/-0.05
R
200%
JMK212 BJ226MG
JMK212ABJ226MG
X5R
22
±20
10
1.25+0.15/-0.05
R
150%
JMK212 BJ476MG
JMK212BBJ476MG
X5R
47
±20
10
1.25+0.2/-0
R
150%
・0.85mm thickness(D)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK212 BJ105□D
UMK212ABJ105□D
X5R
1
±10, ±20
10
0.85±0.1
R
150%
D
25V
TMK212 BJ474□D
B/X5R
0.47
±10, ±20
3.5
0.85±0.1
R
200%
TMK212 BJ105□D
B/X5R
1
±10, ±20
5
0.85±0.1
R
200%
TMK212 BJ225□D
TMK212ABJ225□D
B/X5R
2.2
±10, ±20
5
0.85±0.1
R
150%
TMK212 BJ475□D
TMK212BBJ475□D
X5R
4.7
±10, ±20
10
0.85±0.1
R
150%
D
16V
EMK212 BJ105□D
B/X5R*1
1
±10, ±20
5
0.85±0.1
R
200%
EMK212 BJ225□D
EMK212ABJ225□D
B/X5R*1
2.2
±10, ±20
5
0.85±0.1
R
200%
EMK212 BJ475□D
B/X5R
4.7
±10, ±20
10
0.85±0.1
R
150%
EMK212 BJ106□D
EMK212ABJ106□D
X5R
10
±10, ±20
10
0.85±0.1
R
150%
D
10V
LMK212 BJ105□D
B/X5R*1
1
±10, ±20
3.5
0.85±0.1
R
200%
LMK212 BJ225□D
B/X5R*1
2.2
±10, ±20
5
0.85±0.1
R
200%
LMK212 BJ475□D
B/X5R
4.7
±10, ±20
10
0.85±0.1
R
200%
LMK212 BJ106□D
LMK212ABJ106□D
X5R
10
±10, ±20
10
0.85±0.1
R
150%
6.3V
JMK212 BJ475□D
X5R
4.7
±10, ±20
10
0.85±0.1
R
200%
JMK212 BJ106□D
JMK212ABJ106□D
X5R
10
±10, ±20
10
0.85±0.1
R
200%
JMK212 BJ226MD
JMK212ABJ226MD
X5R
22
±20
10
0.85±0.1
R
150%
・0.45mm thickness(K)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
10V
LMK212 BJ475□K
LMK212ABJ475□K
X5R
4.7
±10, ±20
10
0.45±0.05
R
150%
6.3V
JMK212 BJ475□K
JMK212ABJ475□K
X5R
4.7
±10, ±20
10
0.45±0.05
R
150%
JMK212 BJ106MK
JMK212ABJ106MK
X5R
10
±20
10
0.45±0.05
R
150%
Capacitance tolerance code is applied to □ of part number.
*1 We may provide X7R for some itemes according to the individual specification.


Similar Part No. - TMK063BJ222P

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK063BJ222P-F TAIYO-YUDEN-TMK063BJ222P-F Datasheet
2Mb / 27P
   Please read this notice before using the TAIYO YUDEN products.
TMK063BJ222P-F TAIYO-YUDEN-TMK063BJ222P-F Datasheet
805Kb / 28P
   Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - TMK063BJ222P

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR8040T150M TAIYO-YUDEN-NR8040T150M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LBC2518T331M TAIYO-YUDEN-LBC2518T331M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL10TB122J TAIYO-YUDEN-LHL10TB122J Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
NR5040T6R8M TAIYO-YUDEN-NR5040T6R8M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LB2012T101M TAIYO-YUDEN-LB2012T101M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL13TB151K TAIYO-YUDEN-LHL13TB151K Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2518T470M TAIYO-YUDEN-LB2518T470M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products
LHL08TB1R5M TAIYO-YUDEN-LHL08TB1R5M Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2016T330M TAIYO-YUDEN-LB2016T330M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
JMK105BJ474KV-F TAIYO-YUDEN-JMK105BJ474KV-F Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com