Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1120 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # AAT1120
Description  500mA Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT1120 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button AAT1120 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT1120 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT1120 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT1120 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT1120 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT1120 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT1120 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT1120 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT1120 Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AAT1120
500mA Step-Down Converter
DATA SHEET
8
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201973B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 15, 2013
Typical Characteristics
Output Ripple
(VIN = 3.6V; VOUT = 1.8V; IOUT = 1mA)
Time (2µs/div)
-20
0
20
40
-0.01
0.00
0.01
0.02
0.03
0.04
VO
IL
Output Ripple
(VIN = 3.6V; VOUT = 1.8V; IOUT = 500mA)
Time (200ns/div)
-120
-100
-80
-60
-40
-20
0
20
40
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VO
ILX


Similar Part No. - AAT1120

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1120 ANALOGICTECH-AAT1120 Datasheet
717Kb / 20P
   500mA Step-Down Converter
AAT1120IES-0.6-T1 ANALOGICTECH-AAT1120IES-0.6-T1 Datasheet
717Kb / 20P
   500mA Step-Down Converter
More results

Similar Description - AAT1120

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1120 ANALOGICTECH-AAT1120 Datasheet
717Kb / 20P
   500mA Step-Down Converter
logo
Diodes Incorporated
AP8801_0912 DIODES-AP8801_0912 Datasheet
154Kb / 11P
   500mA LED Step-down Converter
AP8801 Rev. 4
AP8801 DIODES-AP8801 Datasheet
158Kb / 11P
   500mA LED Step-Down Converter
AP8801 Rev. 1
logo
Advanced Analogic Techn...
AAT2120 ANALOGICTECH-AAT2120 Datasheet
1Mb / 20P
   500mA Low Noise Step-Down Converter
AAT2120 ANALOGICTECH-AAT2120_08 Datasheet
684Kb / 19P
   500mA Low Noise Step-Down Converter
logo
National Semiconductor ...
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
   500mA Step-Down DC-DC Converter
logo
Advanced Analogic Techn...
AAT1130 ANALOGICTECH-AAT1130 Datasheet
3Mb / 19P
   2.5MHz 500mA Step-Down DC/DC Converter
logo
Linear Technology
LTC3630A LINER-LTC3630A_15 Datasheet
344Kb / 26P
   High Efficiency, 76V 500mA Synchronous Step-Down Converter
logo
National Semiconductor ...
LM2619 NSC-LM2619_03 Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
logo
Linear Technology
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com