Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1126 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # AAT1126
Description  600mA, 1MHz Step-Down Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT1126 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button AAT1126 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT1126 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT1126 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT1126 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT1126 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT1126 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT1126 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT1126 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT1126 Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
AAT1126
600mA, 1MHz Step-Down Converter
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201976B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 15, 2013
Functional Description
The AAT1126 is a high performance 600mA 1MHz mono-
lithic step-down converter. It has been designed with the
goal of minimizing external component size and optimiz-
ing efficiency over the complete load range. Apart from
the small bypass input capacitor, only a small L-C filter is
required at the output. Typically, a 4.7μH inductor and a
10μF ceramic capacitor are recommended (see Table of
Values).
The fixed output version requires only three external
power components (CIN, COUT, and L). The adjustable ver-
sion can be programmed with external feedback to any
voltage, ranging from 0.6V to the input voltage. An addi-
tional feed-forward capacitor can also be added to the
external feedback to provide improved transient response
(see Figure 1).
At dropout, the converter duty cycle increases to 100%
and the output voltage tracks the input voltage minus
the RDSON drop of the P-channel high-side MOSFET.
The input voltage range is 2.7V to 5.5V. The converter
efficiency has been optimized for all load conditions,
ranging from no load to heavy load.
The internal error amplifier and compensation provides
excellent transient response, load, and line regulation.
Soft start eliminates any output voltage overshoot when
the enable or the input voltage is applied.
Functional Block Diagram
EN
LX
Err
.
Amp
Logic
DH
DL
GND
VIN
OUT
Voltage
Reference
INPUT
See note
Note: For adjustable version, the internal feedback divider is omitted and the OUT pin is tied directly
to the internal error amplifier.


Similar Part No. - AAT1126

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1126 ANALOGICTECH-AAT1126 Datasheet
554Kb / 20P
   600mA, 1MHz Step-Down Converter
AAT1126IGV-0.6-T1 ANALOGICTECH-AAT1126IGV-0.6-T1 Datasheet
554Kb / 20P
   600mA, 1MHz Step-Down Converter
More results

Similar Description - AAT1126

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1126 ANALOGICTECH-AAT1126 Datasheet
554Kb / 20P
   600mA, 1MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2511 SKYWORKS-AAT2511 Datasheet
1Mb / 19P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2511 ANALOGICTECH-AAT2511 Datasheet
471Kb / 20P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
AAT2511_0605 ANALOGICTECH-AAT2511_0605 Datasheet
591Kb / 20P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1123 ANALOGICTECH-AAT1123 Datasheet
558Kb / 20P
   1MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1123 ANALOGICTECH-AAT1123_07 Datasheet
577Kb / 20P
   1MHz Step-Down Converter
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
   600mA Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
   600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com