Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1126IGV-0.6-T1 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # AAT1126IGV-0.6-T1
Description  600mA, 1MHz Step-Down Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT1126IGV-0.6-T1 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button AAT1126IGV-0.6-T1 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT1126IGV-0.6-T1 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT1126IGV-0.6-T1 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT1126IGV-0.6-T1 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT1126IGV-0.6-T1 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT1126IGV-0.6-T1 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT1126IGV-0.6-T1 Datasheet HTML 12Page - Skyworks Solutions Inc. AAT1126IGV-0.6-T1 Datasheet HTML 13Page - Skyworks Solutions Inc. AAT1126IGV-0.6-T1 Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
AAT1126
600mA, 1MHz Step-Down Converter
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201976B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 15, 2013
Applications Information
Inductor Selection
The step-down converter uses peak current mode control
with slope compensation to maintain stability for duty
cycles greater than 50%. The output inductor value must
be selected so the inductor current down slope meets the
internal slope compensation requirements. The internal
slope compensation for the adjustable and low-voltage
fixed versions of the AAT1126 is 0.24A/μsec. This
equates to a slope compensation that is 75% of the
inductor current down slope for a 1.5V output and 4.7μH
inductor.
0.75
⋅ V
O
m =
=
= 0.24
L
0.75
⋅ 1.5V
4.7µH
A
µs
This is the internal slope compensation for the adjustable
(0.6V) version or low-voltage fixed versions. When
externally programming the 0.6V version to 2.5V, the
calculated inductance is 7.5μH.
0.75
⋅ V
O
L =
=
3
⋅ V
O
= 3
⋅ 2.5V = 7.5µH
m
0.75
⋅ V
O
0.24A
µs
A
µs
A
A
µs
In this case, a standard 10μH value is selected.
For high-voltage fixed versions (2.5V and above), m =
0.48A/μs. Table 1 displays inductor values for the
AAT1126 fixed and adjustable options.
Manufacturer’s specifications list both the inductor DC
current rating, which is a thermal limitation, and the
peak current rating, which is determined by the satura-
tion characteristics. The inductor should not show any
appreciable saturation under normal load conditions.
Some inductors may meet the peak and average current
ratings yet result in excessive losses due to a high DCR.
Always consider the losses associated with the DCR and
its effect on the total converter efficiency when selecting
an inductor.
The 4.7μH CDRH3D16 series inductor selected from
Sumida has a 105m DCR and a 900mA DC current rat-
ing. At full load, the inductor DC loss is 17mW which gives
a 2.8% loss in efficiency for a 400mA, 1.5V output.
Input Capacitor
Select a 4.7μF to 10μF X7R or X5R ceramic capacitor for
the input. To estimate the required input capacitor size,
determine the acceptable input ripple level (VPP) and
solve for C. The calculated value varies with input volt-
age and is a maximum when VIN is double the output
voltage.
⎛⎞
· 1 -
⎝⎠
V
O
V
IN
C
IN =
V
O
V
IN
⎛⎞
- ESR
·
F
S
⎝⎠
V
PP
I
O
⎛⎞
· 1 -
=
for V
IN = 2 · VO
⎝⎠
V
O
V
IN
V
O
V
IN
1
4
C
IN(MIN) =
1
⎛⎞
- ESR
·
4 · F
S
⎝⎠
V
PP
I
O
Always examine the ceramic capacitor DC voltage coef-
ficient characteristics when selecting the proper value.
For example, the capacitance of a 10μF, 6.3V, X5R
ceramic capacitor with 5.0V DC applied is actually about
6μF.
Configuration
Output
Voltage Inductor
Slope
Compensation
0.6V Adjustable
With External
Resistive Divider
0.6V to
2.0V
4.7μH
0.24A/μs
2.5V to
3.3V
10μH
0.24A/μs
Fixed Output
0.6V to
2.0V
4.7μH
0.24A/μs
2.5V to
3.3V
4.7μH
0.48A/μs
Table 1: Inductor Values.
The maximum input capacitor RMS current is:
⎛⎞
I
RMS = IO ·
· 1 -
⎝⎠
V
O
V
IN
V
O
V
IN
The input capacitor RMS ripple current varies with the
input and output voltage and will always be less than or
equal to half of the total DC load current.
⎛⎞
· 1 -
=
D · (1 - D) =
0.52 =
⎝⎠
V
O
V
IN
V
O
V
IN
1
2


Similar Part No. - AAT1126IGV-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1126IGV-0.6-T1 ANALOGICTECH-AAT1126IGV-0.6-T1 Datasheet
554Kb / 20P
   600mA, 1MHz Step-Down Converter
More results

Similar Description - AAT1126IGV-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1126 ANALOGICTECH-AAT1126 Datasheet
554Kb / 20P
   600mA, 1MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2511 SKYWORKS-AAT2511 Datasheet
1Mb / 19P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2511 ANALOGICTECH-AAT2511 Datasheet
471Kb / 20P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
AAT2511_0605 ANALOGICTECH-AAT2511_0605 Datasheet
591Kb / 20P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1123 ANALOGICTECH-AAT1123 Datasheet
558Kb / 20P
   1MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1123 ANALOGICTECH-AAT1123_07 Datasheet
577Kb / 20P
   1MHz Step-Down Converter
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
   600mA Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
   600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com