Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1130 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # AAT1130
Description  2.5MHz 400mA Step-Down DC/DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT1130 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button AAT1130 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT1130 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT1130 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT1130 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT1130 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT1130 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT1130 Datasheet HTML 12Page - Skyworks Solutions Inc. AAT1130 Datasheet HTML 13Page - Skyworks Solutions Inc. AAT1130 Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
AAT1130
2.5MHz 400mA Step-Down DC/DC Converter
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201977B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 15, 2013
Functional Description
The AAT1130 is a high performance 400mA 2.5MHz
(maximum switching frequency during steady-state
operation) monolithic step-down converter. It minimizes
external component size, enabling the use of a tiny 0603
inductor that is only 1mm tall, and optimizes efficiency
over the complete load range. Apart from the small
bypass input capacitor, only a small L-C filter is required
at the output. Typically, a 1μH inductor and a 4.7μF
ceramic capacitor are recommended for <1.2V output
voltage applications (see table of values).
Only three external power components (CIN, COUT, and L)
are required. Output voltage is programmed with exter-
nal feedback resistors, ranging from 0.6V to 1.8V. An
additional feed-forward capacitor can also be added to
the external feedback to provide improved transient
response (see Figure 1).
The input voltage range is 2.7V to 5.5V. The converter
efficiency has been optimized for all load conditions,
ranging from no load to 400mA.
The internal error comparator and incorporated compen-
sation provide excellent transient response, load, and line
regulation. Soft-start eliminates any output voltage over-
shoot when the enable or the input voltage is applied.
Control Loop
The AAT1130 uses a current-mode control scheme that
allows it to operate at very high switching frequencies.
The current-mode control scheme operates with a pre-
dicted on-time for a given output to input voltage ratio.
The on-time varies inversely proportional to the input
voltage and proportional to the output voltage giving the
regulator a fixed switching frequency when in steady-
state. This allows the use of very small external inductor
and capacitor. The small size coupled with the low quies-
Functional Block Diagram
Shoot
Through
Protection
Error
Comparator
+
-
Current
Limit
Comparator
EN
Current
Sense
Amplifier
Soft-Start
Control and
FET Driver
Logic Circuitry
VOUT
FB
VCC
VP
VREF
VILIM
GND
GND
LX


Similar Part No. - AAT1130

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1130 ANALOGICTECH-AAT1130 Datasheet
3Mb / 19P
   2.5MHz 500mA Step-Down DC/DC Converter
AAT1130IJQ-0.6 ANALOGICTECH-AAT1130IJQ-0.6 Datasheet
3Mb / 19P
   2.5MHz 500mA Step-Down DC/DC Converter
AAT1130IJQ-1.8 ANALOGICTECH-AAT1130IJQ-1.8 Datasheet
3Mb / 19P
   2.5MHz 500mA Step-Down DC/DC Converter
More results

Similar Description - AAT1130

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1130 ANALOGICTECH-AAT1130 Datasheet
3Mb / 19P
   2.5MHz 500mA Step-Down DC/DC Converter
AAT2510 ANALOGICTECH-AAT2510_06 Datasheet
744Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
logo
Skyworks Solutions Inc.
AAT2510 SKYWORKS-AAT2510 Datasheet
1Mb / 19P
   Dual 400mA, 1MHz Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2510 ANALOGICTECH-AAT2510 Datasheet
614Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM630BA ELM-TECH-ELM630BA Datasheet
769Kb / 7P
   1.5A 5.5V 2.5MHz Synchronous step down DC/DC converter
logo
Richtek Technology Corp...
RT8025 RICHTEK-RT8025 Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Torex Semiconductor
XC9244 TOREX-XC9244 Datasheet
585Kb / 24P
   400mA Synchronous Step-Down DC/DC Converters
logo
ELM Technology Corporat...
ELM601BA ELM-TECH-ELM601BA Datasheet
1Mb / 7P
   ELM601BA 1.5A 2.5MHz high efficiency synchronous PWM step-down DC/DC converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com