Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1141IGV-1.2-T1 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # AAT1141IGV-1.2-T1
Description  Fast Transient 600mA Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT1141IGV-1.2-T1 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  AAT1141IGV-1.2-T1 Datasheet HTML 1Page - Skyworks Solutions Inc. AAT1141IGV-1.2-T1 Datasheet HTML 2Page - Skyworks Solutions Inc. AAT1141IGV-1.2-T1 Datasheet HTML 3Page - Skyworks Solutions Inc. AAT1141IGV-1.2-T1 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT1141IGV-1.2-T1 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT1141IGV-1.2-T1 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT1141IGV-1.2-T1 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT1141IGV-1.2-T1 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT1141IGV-1.2-T1 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
AAT1141
FastTransient 600mA Step-Down Converter
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201979B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 15, 2013
Pin Descriptions
Pin #
Symbol
Function
1
IN
Input supply voltage for the converter.
2
GND
Ground pin. Connect to the output and input capacitor return.
3
EN
Enable pin.
4
OUT
Feedback input pin. This pin is connected either directly to the converter output or to an external
resistive divider for an adjustable output.
5LX
Switching node. Connect the inductor to this pin. It is internally connected to the drains of both
high- and low-side MOSFETs.
Pin Configuration
SOT23-5
(Top View)
GND
LX
OUT
EN
IN 1
2
3
4
5


Similar Part No. - AAT1141IGV-1.2-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1141IGV-1.2-T1 ANALOGICTECH-AAT1141IGV-1.2-T1 Datasheet
1Mb / 21P
   Fast Transient 600mA Step-Down Converter
AAT1141IGV-1.2-T1 ANALOGICTECH-AAT1141IGV-1.2-T1 Datasheet
1Mb / 20P
   Fast Transient 600mA Step-Down Converter
More results

Similar Description - AAT1141IGV-1.2-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1141 ANALOGICTECH-AAT1141 Datasheet
954Kb / 19P
   Fast Transient 600mA Step-Down Converter
AAT1140 ANALOGICTECH-AAT1140 Datasheet
1Mb / 19P
   Fast Transient 600mA Step-Down Converter
APS1056 ANALOGICTECH-APS1056 Datasheet
629Kb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141_0810 ANALOGICTECH-AAT1141_0810 Datasheet
1Mb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141 ANALOGICTECH-AAT1141_08 Datasheet
1Mb / 21P
   Fast Transient 600mA Step-Down Converter
AAT2146 ANALOGICTECH-AAT2146 Datasheet
1Mb / 19P
   Low Noise, Fast Transient 600mA Step-Down Converter
AAT2146 ANALOGICTECH-AAT2146_08 Datasheet
1Mb / 19P
   Low Noise, Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2146W SKYWORKS-AAT2146W Datasheet
2Mb / 18P
   Low-Noise, Fast Transient 600mA Step-Down Converter
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
   600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com