Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D3V-6 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D3V-6
Description  Reliable Basic Switch with External Lever
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3V-6 Datasheet(HTML) 4 Page - Omron Electronics LLC

  D3V-6 Datasheet HTML 1Page - Omron Electronics LLC D3V-6 Datasheet HTML 2Page - Omron Electronics LLC D3V-6 Datasheet HTML 3Page - Omron Electronics LLC D3V-6 Datasheet HTML 4Page - Omron Electronics LLC D3V-6 Datasheet HTML 5Page - Omron Electronics LLC D3V-6 Datasheet HTML 6Page - Omron Electronics LLC D3V-6 Datasheet HTML 7Page - Omron Electronics LLC D3V-6 Datasheet HTML 8Page - Omron Electronics LLC D3V-6 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
76
Miniature Basic Switch
D3V
11 A (OF: 100 gf)
11 A (OF: 50 gf)
6 A (OF: 100 gf)
• The
@ in the model number is for the terminal code.
A:
Solder/quick-connect terminals (#187)
C2:
Quick-connect terminals (#187)
C:
Quick-connect terminals (#250)
C6
RAST5 terminals (#250)
• The
● in the model number is for the enclosure material
None: Standard
T:
High Temperature (200
°C for D3V-6/-01, 155°C for D3V-11)
W2:
EN60695-2-11/-12 conformity with PTI=250
• The
Δ in the model number is for the mounting hole size.
None: 3.1 mm
K:
2.9 mm
• The
∇ in the model number is for the special code
None: Standard
H:
High Temperature (125
°C)
E:
Special rating of 21A (8)A (for D3V-21 only)
Actuator
Hinge position
(far from plunger)
Contact form
SPDT
SPST-NC
SPST-NO
---
D3V-11-1
@4-
●-D-Ñ
D3V-11-2
@4-
●-D-Ñ
D3V-11-3
@4-
●-D-Ñ
Internal
D3V-111-1
@4-
●-D-Ñ
D3V-111-2
@4-
●-D-Ñ
D3V-111-3
@4-
●-D-Ñ
External (M)
D3V-111M-1
@4-
●-D-Ñ
D3V-111M-2
@4-
●-D-Ñ
D3V-111M-3
@4-
●-D-Ñ
Internal
D3V-112-1
@4-
●-D-Ñ
D3V-112-2
@4-
●-D-Ñ
D3V-112-3
@4-
●-D-Ñ
External (M)
D3V-112M-1
@4-
●-D-Ñ
D3V-112M-2
@4-
●-D-Ñ
D3V-112M-3
@4-
●-D-Ñ
Internal
D3V-113-1
@4-
●-D-Ñ
D3V-113-2
@4-
●-D-Ñ
D3V-113-3
@4-
●-D-Ñ
External (M)
D3V-113M-1
@4-
●-D-Ñ
D3V-113M-2
@4-
●-D-Ñ
D3V-113M-3
@4-
●-D-Ñ
Internal
D3V-114-1
@4-
●-D-Ñ
D3V-114-2
@4-
●-D-Ñ
D3V-114-3
@4-
●-D-Ñ
External (M)
D3V-114M-1
@4-
●-D-Ñ
D3V-114M-2
@4-
●-D-Ñ
D3V-114M-3
@4-
●-D-Ñ
Internal
D3V-115-1
@4-
●-D-Ñ
D3V-115-2
@4-
●-D-Ñ
D3V-115-3
@4-
●-D-Ñ
External (M)
D3V-115M-1
@4-
●-D-Ñ
D3V-115M-2
@4-
●-D-Ñ
D3V-115M-3
@4-
●-D-Ñ
Internal
D3V-116-1
@4-
●-D-Ñ
D3V-116-2
@4-
●-D-Ñ
D3V-116-3
@4-
●-D-Ñ
External (M)
D3V-116M-1
@4-
●-D-Ñ
D3V-116M-2
@4-
●-D-Ñ
D3V-116M-3
@4-
●-D-Ñ
Actuator
Hinge position
(far from plunger)
Contact form
SPDT
SPST-NC
SPST-NO
---
D3V-11G-1
@3-
●-D-Ñ
D3V-11G-2
@3-
●-D-Ñ
D3V-11G-3
@3-
●-D-Ñ
Internal
D3V-11G1-1
@3-
●-D-Ñ
D3V-11G1-2
@3-
●-D-Ñ
D3V-11G1-3
@3-
●-D-Ñ
External (M)
D3V-11G1M-1
@3-
●-D-Ñ D3V-11G1M-2@3-●-D-Ñ D3V-11G1M-3@3-●-D-Ñ
Internal
D3V-11G2-1
@3-
●-D-Ñ
D3V-11G2-2
@3-
●-D-Ñ
D3V-11G2-3
@3-
●-D-Ñ
External (M)
D3V-11G2M-1
@3-
●-D-Ñ D3V-11G2M-2@3-●-D-Ñ D3V-11G2M-3@3-●-D-Ñ
Internal
D3V-11G3-1
@3-
●-D-Ñ
D3V-11G3-2
@3-
●-D-Ñ
D3V-11G3-3
@3-
●-D-Ñ
External (M)
D3V-11G3M-1
@3-
●-D-Ñ D3V-11G3M-2@3-●-D-Ñ D3V-11G3M-3@3-●-D-Ñ
Internal
D3V-11G4-1
@3-
●-D-Ñ
D3V-11G4-2
@3-
●-D-Ñ
D3V-11G4-3
@3-
●-D-Ñ
External (M)
D3V-11G4M-1
@3-
●-D-Ñ D3V-11G4M-2@3-●-D-Ñ D3V-11G4M-3@3-●-D-Ñ
Internal
D3V-11G5-1
@3-
●-D-Ñ
D3V-11G5-2
@3-
●-D-Ñ
D3V-11G5-3
@3-
●-D-Ñ
External (M)
D3V-11G5M-1
@3-
●-D-Ñ D3V-11G5M-2@3-●-D-Ñ D3V-11G5M-3@3-●-D-Ñ
Internal
D3V-11G6-1
@3-
●-D-Ñ
D3V-11G6-2
@3-
●-D-Ñ
D3V-11G6-3
@3-
●-D-Ñ
External (M)
D3V-11G6M-1
@3-
●-D-Ñ D3V-11G6M-2@3-●-D-Ñ D3V-11G6M-3@3-●-D-Ñ
Actuator
Hinge position
(far from plunger)
Contact form
SPDT
SPST-NC
SPST-NO
---
D3V-6-1
@4-
●-D-Ñ
D3V-6-2
@4-
●-D-Ñ
D3V-6-3
@4-
●-D-Ñ
Internal
D3V-61-1
@4-
●-D-Ñ
D3V-61-2
@4-
●-D-Ñ
D3V-61-3
@4-
●-D-Ñ
External (M)
D3V-61M-1
@4-
●-D-Ñ
D3V-61M-2
@4-
●-D-Ñ
D3V-61M-3
@4-
●-D-Ñ
Internal
D3V-62-1
@4-
●-D-Ñ
D3V-62-2
@4-
●-D-Ñ
D3V-62-3
@4-
●-D-Ñ
External (M)
D3V-62M-1
@4-
●-D-Ñ
D3V-62M-2
@4-
●-D-Ñ
D3V-62M-3
@4-
●-D-Ñ
Internal
D3V-63-1
@4-
●-D-Ñ
D3V-63-2
@4-
●-D-Ñ
D3V-63-3
@4-
●-D-Ñ
External (M)
D3V-63M-1
@4-
●-D-Ñ
D3V-63M-2
@4-
●-D-Ñ
D3V-63M-3
@4-
●-D-Ñ
Internal
D3V-64-1
@4-
●-D-Ñ
D3V-64-2
@4-
●-D-Ñ
D3V-64-3
@4-
●-D-Ñ
External (M)
D3V-64M-1
@4-
●-D-Ñ
D3V-64M-2
@4-
●-D-Ñ
D3V-64M-3
@4-
●-D-Ñ
Internal
D3V-65-1
@4-
●-D-Ñ
D3V-65-2
@4-
●-D-Ñ
D3V-65-3
@4-
●-D-Ñ
External (M)
D3V-65M-1
@4-
●-D-Ñ
D3V-65M-2
@4-
●-D-Ñ
D3V-65M-3
@4-
●-D-Ñ
Internal
D3V-66-1
@4-
●-D-Ñ
D3V-66-2
@4-
●-D-Ñ
D3V-66-3
@4-
●-D-Ñ
External (M)
D3V-66M-1
@4-
●-D-Ñ
D3V-66M-2
@4-
●-D-Ñ
D3V-66M-3
@4-
●-D-Ñ
Pin plunger
Short hinge lever
Hinge lever
Long hinge lever
Simulated roller lever
Short hinge roller lever
Hinge roller lever
Pin plunger
Short hinge lever
Hinge lever
Long hinge lever
Simulated roller lever
Short hinge roller lever
Hinge roller lever
Pin plunger
Short hinge lever
Hinge lever
Long hinge lever
Simulated roller lever
Short hinge roller lever
Hinge roller lever


Similar Part No. - D3V-6

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3V-11G1MK-1A4-TKE OMRON-D3V-11G1MK-1A4-TKE Datasheet
1Mb / 18P
   Miniature Basic Switch
D3V-11G1MK-1A4-TKH OMRON-D3V-11G1MK-1A4-TKH Datasheet
1Mb / 18P
   Miniature Basic Switch
D3V-11G1MK-1A4-W2KE OMRON-D3V-11G1MK-1A4-W2KE Datasheet
1Mb / 18P
   Miniature Basic Switch
D3V-11G1MK-1A4-W2KH OMRON-D3V-11G1MK-1A4-W2KH Datasheet
1Mb / 18P
   Miniature Basic Switch
D3V-11G1MK-1A4A-TKE OMRON-D3V-11G1MK-1A4A-TKE Datasheet
1Mb / 18P
   Miniature Basic Switch
More results

Similar Description - D3V-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
V7-7B17D8-048 HONEYWELL-V7-7B17D8-048 Datasheet
100Kb / 1P
   SWITCH-BASIC
V7-7B17D8-201 HONEYWELL-V7-7B17D8-201 Datasheet
36Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com