Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V0402MHS22N Datasheet(PDF) 5 Page - Littelfuse

Part # V0402MHS22N
Description  Varistor Products Surface Mount Multilayer Varistors (MLVs) > MHS Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V0402MHS22N Datasheet(HTML) 5 Page - Littelfuse

  V0402MHS22N Datasheet HTML 1Page - Littelfuse V0402MHS22N Datasheet HTML 2Page - Littelfuse V0402MHS22N Datasheet HTML 3Page - Littelfuse V0402MHS22N Datasheet HTML 4Page - Littelfuse V0402MHS22N Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
29
Varistor Products
Revision: July 16, 2009
©2009 Littelfuse, Inc.
MHS Varistor Series
Surface Mount Multilayer Varistors (MLVs) > MHS Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/MHS.html for current information.
Part Numbering System
V 0402
PACKING OPTIONS (See quantities in Packaging section)
DEVICE FAMILY
Littelfuse TVSS Device
H
DEVICE SIZE
i.e. 40Mil x 20Mil
(1.0mm x 0.5mm)
MHS 03 N
CAPACITANCE DESIGNATION
03 = 3pF
12 = 12pF
END TERMINATION OPTION
N: Nickel Barrier (Ni/Sn)
SERIES DESIGNATOR
Multilayer Hi-Speed
22 = 22pF
T: 13in (330mm) Diameter Reel, Plastic Carrier Tape (0603)
H: 7in (178mm) Diameter Reel, Plastic Carrier Tape
R: 7in (178mm) Diameter Reel, Paper Carrier Tape
Packaging*
Quantity
Device Size
13 Inch Reel
("T" Option)
7 Inch Reel
("H" Option)
7 Inch Reel
("R" Option)
0603
10,000
4,000
0402
10,000
K0
T1
D0
P0
D1
P1
A0
P2
B0
F
E
W
T
Tape and Reel Specifications
Symbol
Description
Dimensions in Millimeters
0402 Size
0603 Size
A
0
Width of Cavity
B
0
Length of Cavity
K
0
Depth of Cavity
W
Width of Tape
F
E
P
1
P
2
P
0
D
0
Drive Hole Diameter
D
1
T
1
Top Tape Thickness
0.1 Max
0.1 Max
T
Nominal Carrier Tape Thickness
1.1
1.1
Notes:


Similar Part No. - V0402MHS22N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V0402MHS22N LITTELFUSE-V0402MHS22N Datasheet
221Kb / 5P
   Surface Mount Multilayer Varistors
V0402MHS22N LITTELFUSE-V0402MHS22N Datasheet
416Kb / 5P
   Surface Mount Multilayer Varistors (MLVs)
V0402MHS22N LITTELFUSE-V0402MHS22N Datasheet
836Kb / 5P
   Surface Mount Multilayer Varistors (MLVs) > MHS Series
V0402MHS22N LITTELFUSE-V0402MHS22N Datasheet
836Kb / 5P
   Surface Mount Multilayer Varistors (MLVs)
V0402MHS22N LITTELFUSE-V0402MHS22N Datasheet
430Kb / 6P
   MHS Varistor Series
More results

Similar Description - V0402MHS22N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V0603MHS03NH LITTELFUSE-V0603MHS03NH Datasheet
836Kb / 5P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MHS Series
V14MLA0805NH LITTELFUSE-V14MLA0805NH Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA1206H LITTELFUSE-V18MLA1206H Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA1206H LITTELFUSE-V26MLA1206H Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA0805H LITTELFUSE-V18MLA0805H Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V5-5MLA0603NH LITTELFUSE-V5-5MLA0603NH Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V9MLN41206WH LITTELFUSE-V9MLN41206WH Datasheet
587Kb / 6P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLN Series
V14MLA0603NR LITTELFUSE-V14MLA0603NR Datasheet
380Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V55MLA0402LNR LITTELFUSE-V55MLA0402LNR Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA1210NT LITTELFUSE-V18MLA1210NT Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com