Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLLG5401 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TLLG5401
Description  Low Current LED in Ø 5 mm Tinted Diffused Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLLG5401 Datasheet(HTML) 6 Page - Vishay Siliconix

  TLLG5401 Datasheet HTML 1Page - Vishay Siliconix TLLG5401 Datasheet HTML 2Page - Vishay Siliconix TLLG5401 Datasheet HTML 3Page - Vishay Siliconix TLLG5401 Datasheet HTML 4Page - Vishay Siliconix TLLG5401 Datasheet HTML 5Page - Vishay Siliconix TLLG5401 Datasheet HTML 6Page - Vishay Siliconix TLLG5401 Datasheet HTML 7Page - Vishay Siliconix TLLG5401 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TLLR540., TLLY540., TLLG540.
www.vishay.com
Rev. 1.7, 29-Apr-13
6
Document Number: 83030
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
REEL
Fig. 18 - Reel Dimensions
AS12 = cathode leaves tape first
TAPE
Fig. 19 - LED in Tape
A
C
1.1 ± 0.25
0.5
+ 0.15
- 0.05
Ø 5 ± 0.15
2.54 nom.
0.5 + 0.15
- 0.05
Area not plane
technical drawings
according to DIN
specifications
R 2.49 (sphere)
6.544-5258.02-4
Issue: 7; 23.07.10
95 10916
Identification label:
355
90
30
48
45
52 max.
948641
Vishay/type/group/tape code/production code/quantity
Paper
Adhesive tape
Identification label
Reel
Tape
Diodes: anode before cathode
Phototransistors: emitter before collector
Code 21
Diodes:
cathode before anode
Phototransistors:
collector before emitter
Code 12
94 8671


Similar Part No. - TLLG5401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLG5401 VISHAY-TLLG5401 Datasheet
115Kb / 6P
   Low Current LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
More results

Similar Description - TLLG5401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLG540 VISHAY-TLLG540_V02 Datasheet
115Kb / 6P
   Low Current LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLLG4401 VISHAY-TLLG4401 Datasheet
1,004Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
Rev. 1.8, 24-Apr-13
TLLY440 VISHAY-TLLY440_V02 Datasheet
197Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLL440 VISHAY-TLL440 Datasheet
97Kb / 7P
   Low Current LED in ø 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
logo
STMicroelectronics
TLL540 STMICROELECTRONICS-TLL540 Datasheet
97Kb / 7P
   Low Current LED in 5 mm Tinted Diffused Package
logo
Vishay Siliconix
TLHG640 VISHAY-TLHG640_V02 Datasheet
200Kb / 9P
   High Efficiency LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLPG5600V02 VISHAY-TLPG5600V02 Datasheet
210Kb / 9P
   Side View LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHG540 VISHAY-TLHG540_V02 Datasheet
198Kb / 9P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLLG542 VISHAY-TLLG542 Datasheet
195Kb / 6P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLDR6400 VISHAY-TLDR6400_V02 Datasheet
480Kb / 5P
   High Intensity LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com