Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A14V15A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # A14V15A
Description  Accelerator Series FPGAs ??ACT 3 Family
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A14V15A Datasheet(HTML) 1 Page - Microsemi Corporation

  A14V15A Datasheet HTML 1Page - Microsemi Corporation A14V15A Datasheet HTML 2Page - Microsemi Corporation A14V15A Datasheet HTML 3Page - Microsemi Corporation A14V15A Datasheet HTML 4Page - Microsemi Corporation A14V15A Datasheet HTML 5Page - Microsemi Corporation A14V15A Datasheet HTML 6Page - Microsemi Corporation A14V15A Datasheet HTML 7Page - Microsemi Corporation A14V15A Datasheet HTML 8Page - Microsemi Corporation A14V15A Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
January 2012
I
© 2012 Microsemi Corporation
Accelerator Series FPGAs – ACT 3 Family
Features
• Up to 10,000 Gate Array Equivalent Gates (up to 25,000
equivalent PLD Gates)
• Highly Predictable Performance with 100% Automatic Place-
and-Route
• As Low as 9.0 ns Clock-to-Output Times (–1 Speed Grade)
• Up to 186 MHz On-Chip Performance (–1 Speed Grade)
• Up to 228 User-Programmable I/O Pins
• Four Fast, Low-Skew Clock Networks
• More than 500 Macro Functions
• Replaces up to Twenty 32 Macro-Cell CPLDs
• Replaces up to One Hundred 20-Pin PAL® Packages
• Up to 1,153 Dedicated Flip-Flops
• VQFP, TQFP, BGA, and PQFP Packages
• Nonvolatile, User Programmable
• Fully Tested Prior to Shipment
• 5.0 V and 3.3 V Versions
• Optimized for Logic Synthesis Methodologies
• Low Power CMOS Technology
Table 1 • ACT 3 Family Product Information
Device
A1415
A1425
A1440
A1460
A14100
Capacity
Gate Array Equivalent Gates
1,500
2,500
4,000
6,000
10,000
PLD Equivalent Gates
3,750
6,250
10,000
15,000
25,000
TTL Equivalent Package (40 gates)
40
60
100
150
250
20-Pin PAL Equivalent Packages (100 gates)
15
25
40
60
100
Logic Modules
200
310
564
848
1,377
S-Module
104
160
288
432
697
C-Module
96
150
276
416
680
Dedicated Flip-Flops1
264
360
568
768
1,153
User I/Os (maximum)
80
100
140
168
228
Maximum Performance2 (worst-case commercial, –1 speed grade)
Chip-to-Chip3 (MHz)
80
80
80
78
76
Accumulators (16-bit, MHz)
47
47
47
47
47
Loadable Counter (16-bit, MHz)
82
82
82
82
78
Prescaled Loadable Counters (16-bit, MHz)
186
186
186
150
150
Datapath, Shift Registers (MHz)
186
186
186
150
150
Clock-to-Output (pad-to-pad, ns)
9.0
9.0
9.5
10.0
10.5
Packages4 (by pin count)
CPGA
PLCC
PQFP
RQFP
VQFP
TQFP
BGA
CQFP
PG1005
PL84
PQ100
VQ100
PG1335
PL84
PQ100, PQ160
VQ100
CQ132
PG1755
PL84
PQ160
VQ100
TQ176
PG207
PQ160, PQ208
TQ176
BG2255
CQ196
PG257
RQ208
BG313
CQ256
Notes:
1. One flip-flop per S0Module, two flip-flops per I/O Module.
2. Based on A1415A-1, A1425A-1, A1440A-1, A1460A-1, and A14100A-1.
3. Clock-to-Output (pad-to-pad) + assumed trace delay + setup time. Refer to the "System Performance Model" on page 1-1 and
Table 1-1 on page 1-2.
4. See the "Product Plan" table on page III for package availability.
5. Discontinued device and package combination.
6. –2 and –3 speed grades have been discontinued. For more information about discontinued devices, refer to the Product
Discontinuation Notices (PDNs) listed below, available on the Microsemi SoC Products Group website:
PDN March 2001, PDN 0104, PDN 0203, PDN 0604, PDN 1004
Revision 3


Similar Part No. - A14V15A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A14V15AA-1BG208B ACTEL-A14V15AA-1BG208B Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
A14V15AA-1BG208C ACTEL-A14V15AA-1BG208C Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
A14V15AA-1BG208I ACTEL-A14V15AA-1BG208I Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
A14V15AA-1BG208M ACTEL-A14V15AA-1BG208M Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
A14V15AA-1CQ208B ACTEL-A14V15AA-1CQ208B Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
More results

Similar Description - A14V15A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A14100A-RQ208C ACTEL-A14100A-RQ208C Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-1PQ160I MICROSEMI-A1280A-1PQ160I Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-CQ172B MICROSEMI-A1280A-CQ172B Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com