Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN2A4TTE101F Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # CN2A4TTE101F
Description  concave termination with square corners resistor array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CN2A4TTE101F Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  CN2A4TTE101F Datasheet HTML 1Page - KOA Speer Electronics, Inc. CN2A4TTE101F Datasheet HTML 2Page - KOA Speer Electronics, Inc. CN2A4TTE101F Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
66
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/27/10
CN
concave termination with square corners
resistor array
features
Manufactured to type RK73 standards
Less board space than individual chips
Isolated resistor elements
Marking: Marked with resistance value
1E, no marking
Products with lead-free terminations meet EU RoHS
requirements. EU RoHS regulation is not intended for
Pb-glass contained in electrode, resistor element and glass.
For further information on packaging,
please refer to Appendix A.
ordering information
F: ±1%
G: ±2%
J: ±5%
T: Sn
(Other termination
styles may be
available, please
contact factory
for options)
2 significant
figures + 1
multiplier for
±2 & ±5%
3 significant
figures + 1
multiplier
for ±1%
2
4
8
1E
1J
2A
2B
TE: 7" embossed plastic
TD: 7" paper tape
TED: 10" embossed plastic
TDD: 10" paper tape
CN
Type
Size
Elements
Nominal
Resistance
Tolerance
Termination
Material
Packaging
New Part #
4
TD
101
J
T
1J
dimensions and construction
t
W
a
L
C
d
b
p
Protective
Coating
Resistive
Film
Ceramic
Substrate
Inner
Electrode
Electrode
a
Size
Code
.063±.008
(1.6±0.2)
.126±.008
(3.2±0.2)
.063±.008
(1.6±0.2)
.012±.008
(0.3±0.2)
.016±.004
(0.4±0.1)
.020±.004
(0.5±0.1)
.022±.004
(0.55±0.1)
.031±.004
(0.8±0.1)
.016±.008
(0.4±0.2)
.024±.004
(0.6±0.1)
.006±.004
(0.15±0.1)
.003±.002
(0.07±0.05)
.031
(0.8)
.050
(1.27)
.020±.012
(0.5±0.3)
.079±.008
(2.0±0.2)
.126±.008
(3.2±0.2)
.252±.008
(6.4±0.2)
0.1±.008
(2.54±0.2)
0.2±.008
(5.08±0.2)
0.1±.008
(2.54±0.2)
0.4±.008
(10.16±0.2)
0.2±.008
(5.08±0.2)
0.4±.008
(10.16±0.2)
1J2
1J4
1J8
2A2
2A4
2A8
2B2
2B4
2B8
p (ref.)
b
a (top)
t
d
C
W
L
Dimensions inches
(mm)
.039±.004
(1.0±0.1)
.079±.004
(2.0±0.1)
.014±.004
(0.35±0.1)
.018±.004
(0.45±0.1)
1E2
1E4
.016±.006
(0.4±0.15)
.039±.004
(1.0±0.1)
.008±.004
(0.2±0.1)
.010±.004
(0.25±0.1)
.012±.004
(0.3±0.1)
.020
(0.5)
.012±.006
(0.3±0.1)
.030±.006
(0.75±0.15)
a (bot.)
EU


Similar Part No. - CN2A4TTE101F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN2A4TTE101F KOA-CN2A4TTE101F Datasheet
288Kb / 3P
   concave termination with square corners resistor array
More results

Similar Description - CN2A4TTE101F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN1J4TTD101J KOA-CN1J4TTD101J Datasheet
260Kb / 2P
   concave termination with square corners resistor array
CN2B4TTE103J KOA-CN2B4TTE103J Datasheet
288Kb / 3P
   concave termination with square corners resistor array
CN KOA-CN Datasheet
399Kb / 2P
   concave termination with square corners resistor array
CN1H2K KOA-CN1H2K Datasheet
108Kb / 2P
   convex termination with square corners resistor array
CN-K-N KOA-CN-K-N Datasheet
349Kb / 2P
   convex termination with square corners resistor array
CN1J4KTTD101J KOA-CN1J4KTTD101J Datasheet
257Kb / 2P
   convex termination with square corners resistor array
CNB2B9ZTTE103J KOA-CNB2B9ZTTE103J Datasheet
235Kb / 2P
   bussed concave termination square corner resistor array
CNB KOA-CNB Datasheet
376Kb / 2P
   bussed concave termination square corner resistor array
CN-A KOA-CN-A Datasheet
390Kb / 2P
   convex termination with scalloped corners resistor array
CN1J4ATTD101J KOA-CN1J4ATTD101J Datasheet
242Kb / 2P
   convex termination with scalloped corners resistor array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com