Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06FFS-SP-TF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 06FFS-SP-TF
Description  Because of its small pitch and its ability to be surface mounted, this connector meets the demand for high-density packaging.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

06FFS-SP-TF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  06FFS-SP-TF Datasheet HTML 1Page - List of Unclassifed Manufacturers 06FFS-SP-TF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Connector –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
B
A
(1.9)
1.25
5.3
(6.5)
1.2
Circuits
Model No.
Dimensions (mm)
AB
Q'ty /
reel
Material and Finish
4
5
6
8
15
21
26
04FFS-SP-TF
05FFS-SP-TF
06FFS-SP-TF
08FFS-SP-TF
15FFS-SP-TF
21FFS-SP-TF
26FFS-SP-TF
3.75
5.00
6.25
8.75
17.50
25.00
31.25
7.55
8.80
10.05
12.55
21.30
28.80
35.05
1,000
1,000
1,000
1,000
1,000
1,000
2,000
Contact: Phosphor bronze, copper-undercoated, tin-plated (reflow treatment)
Housing: PPS, UL94V-0
Solder tab: Brass, copper-undercoated, tin-plated (reflow treatment)
Note: The products listed above are supplied on embossed tape.
FFS CONNECTOR
RoHS compliance This product displays (LF)(SN) on a label.
Note: N --- Number of circuits
1.25
±0.05
0.7min.
2.7
±0.1
FFC
(6.5)
5.3
1.2
Lead section dimensions of FFC ––––––––––––––––––––––––––––––––––––––––––––
Base layer
Conductor
1.25x(N-1)
±0.15
1.25x(N+1)
±0.2
Reinforcing layer
Film cover layer
1.25
±0.2
1.25
±0.1
1.25
±0.2
0.8
±0.1
0.3
±0.05
PC board layout (viewed from component side) and Assembly layout ––––––––––––––––––
Note:
1. Tolerances are non-cumulative: ±0.05mm for all centers.
2. The dimensions above should serve as a guideline.
Contact JST for details.


Similar Part No. - 06FFS-SP-TF

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
06FDB DEC-06FDB Datasheet
256Kb / 1P
   6 AMP FAST RECOVERY BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
06FE-BT-VK-N ETC2-06FE-BT-VK-N Datasheet
119Kb / 2P
   1.25mm pitch Connectors for FFC
06FE-ST-VK-N ETC2-06FE-ST-VK-N Datasheet
119Kb / 2P
   1.25mm pitch Connectors for FFC
06FLT-SM2-TB ETC2-06FLT-SM2-TB Datasheet
119Kb / 2P
   FLT CONNECTOR 0.5mm pitch/Connectors for FPC
06FLZ-RSM1-TB ETC2-06FLZ-RSM1-TB Datasheet
133Kb / 5P
   Connectors for FFC and FPC
More results

Similar Description - 06FFS-SP-TF

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
HRL12150W CSB-BATTERY-HRL12150W Datasheet
870Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
HRL12200W CSB-BATTERY-HRL12200W_13 Datasheet
775Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
HRL12540W CSB-BATTERY-HRL12540W Datasheet
1Mb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
XHRL12475W CSB-BATTERY-XHRL12475W_15 Datasheet
890Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
UPS12580 CSB-BATTERY-UPS12580 Datasheet
873Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
HRL12110W CSB-BATTERY-HRL12110W_12 Datasheet
873Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
UPS123607 CSB-BATTERY-UPS123607_12 Datasheet
937Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
XHRL12410W CSB-BATTERY-XHRL12410W_15 Datasheet
836Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
HR1290W CSB-BATTERY-HR1290W_15 Datasheet
695Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
UPS122406 CSB-BATTERY-UPS122406 Datasheet
828Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com