Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08FLT-SM2-TB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 08FLT-SM2-TB
Description  FLT CONNECTOR 0.5mm pitch/Connectors for FPC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

08FLT-SM2-TB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  08FLT-SM2-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers 08FLT-SM2-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.5mmピッチ
1
Specifications –––––––––––––––––––
• Current rating:
0.5A AC, DC
• Voltage rating:
50V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/50m
Ω max.
After environmental testing/20m
Ω max.
(variation from initial value)
• Insulation resistance:
500M
Ω min.
• Withstanding voltage:
200V AC/minute
• Applicable FPC: Conductor pitch/0.5mm
Conductor width/0.35mm
Mating part thickness/0.3
±0.05mm
Note: FPC to be actually used should be checked for applicability.
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
FLT CONNECTOR
0.5mm pitch/Connectors for FPC
0.5mmピッチ
Emboss Tape
NON-
• Heat resisting design suitable for surface
mounting
• Staggered surface mount tails
• Embossed tape for automatic mounting
• FPC insertion is easy
• Compact design
2.95
0.5
±
0.05
1.0
±
0.05
0.5
Circuit No.1
Note: 1. Tolerances are non-cumulative:
±0.05mm for all centers.
2. The dimensions above should serve as a guide line. Contact JST for details.
PC board layout (viewed from component side) and Assembly layout


Similar Part No. - 08FLT-SM2-TB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
08FLZ-RSM1-TB ETC2-08FLZ-RSM1-TB Datasheet
133Kb / 5P
   Connectors for FFC and FPC
08FLZ-RSM2-TB ETC2-08FLZ-RSM2-TB Datasheet
84Kb / 2P
   FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
08FLZ-SM1-TB ETC2-08FLZ-SM1-TB Datasheet
133Kb / 5P
   Connectors for FFC and FPC
08FLZ-SM2-TB ETC2-08FLZ-SM2-TB Datasheet
84Kb / 2P
   FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
More results

Similar Description - 08FLT-SM2-TB

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
FHY JST-FHY Datasheet
72Kb / 2P
   FHY CONNECTOR 0.5mm pitch/Connectors for FPC
logo
Hirose Electric
FH17-10S-0.5SH HIROSE-FH17-10S-0.5SH Datasheet
345Kb / 10P
   Low Profile 0.5mm Pitch Connectors For FPC
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
List of Unclassifed Man...
28FLZ-RSM2-TB(LF)(SN) ETC2-28FLZ-RSM2-TB(LF)(SN) Datasheet
84Kb / 2P
   FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
   0.5mm Pitch FPC Connector
logo
List of Unclassifed Man...
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com