Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL22V10D-10QP Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # GAL22V10D-10QP
Description  All Devices Discontinued
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL22V10D-10QP Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button GAL22V10D-10QP Datasheet HTML 7Page - Lattice Semiconductor GAL22V10D-10QP Datasheet HTML 8Page - Lattice Semiconductor GAL22V10D-10QP Datasheet HTML 9Page - Lattice Semiconductor GAL22V10D-10QP Datasheet HTML 10Page - Lattice Semiconductor GAL22V10D-10QP Datasheet HTML 11Page - Lattice Semiconductor GAL22V10D-10QP Datasheet HTML 12Page - Lattice Semiconductor GAL22V10D-10QP Datasheet HTML 13Page - Lattice Semiconductor GAL22V10D-10QP Datasheet HTML 14Page - Lattice Semiconductor GAL22V10D-10QP Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Specifications GAL22V10
9
tpd
A
Input or I/O to Comb. Output
1
10
3
15
3
20
3
25
ns
tco
A
Clock to Output Delay
1
7
2
8
2
10
2
15
ns
tcf2
Clock to Feedback Delay
2.5
2.5
8
13
ns
tsu
Setup Time, Input or Fdbk before Clk↑
6
10
12
15
ns
th
Hold Time, Input or Fdbk after Clk↑
0—
0—
0
0
ns
A
Maximum Clock Frequency with
83.3
55.5
41.6
33.3
MHz
External Feedback, 1/(tsu + tco)
fmax3
A
Maximum Clock Frequency with
110
80
45.4
35.7
MHz
Internal Feedback, 1/(tsu + tcf)
A
Maximum Clock Frequency with
125
83.3
50
38.5
MHz
No Feedback
twh
Clock Pulse Duration, High
4
6
10
13
ns
twl
Clock Pulse Duration, Low
4
6
10
13
ns
ten
B
Input or I/O to Output Enabled
1
10
3
15
3
20
3
25
ns
tdis
C
Input or I/O to Output Disabled
1
9
3
15
3
20
3
25
ns
tar
A
Input or I/O to Asynch. Reset of Reg.
1
13
3
20
3
25
3
25
ns
tarw
Asynch. Reset Pulse Duration
8
15
20
25
ns
tarr
Asynch. Reset to Clk↑ Recovery Time
8
10
20
25
ns
tspr
Synch. Preset to Clk↑ Recovery Time
8
10
14
15
ns
Specifications GAL22V10D
-10
MIN. MAX.
-25
MIN. MAX.
-20
MIN. MAX.
-15
MIN. MAX.
Over Recommended Operating Conditions
UNITS
1) Refer to Switching Test Conditions section.
2) Calculated from fmax with internal feedback. Refer to fmax Description section.
3) Refer to fmax Description section.
SYMBOL
PARAMETER
MAXIMUM*
UNITS
TEST CONDITIONS
C
I
Input Capacitance
8
pF
V
CC = 5.0V, VI = 2.0V
C
I/O
I/O Capacitance
8
pF
V
CC = 5.0V, VI/O = 2.0V
*Characterized but not 100% tested.
PARAM.
TEST
COND.1
DESCRIPTION
COM / IND
IND
COM / IND
COM / IND
Capacitance (T
A = 25
°C, f = 1.0 MHz)
AC Switching Characteristics


Similar Part No. - GAL22V10D-10QP

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL22V10D-10QP LATTICE-GAL22V10D-10QP Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
GAL22V10D-10QP LATTICE-GAL22V10D-10QP Datasheet
718Kb / 23P
   Product Change Notifications (PCNs) have been issued to discontinue all devices in this data sheet.
GAL22V10D-10QP LATTICE-GAL22V10D-10QP Datasheet
718Kb / 23P
   All Devices Discontinued
GAL22V10D-10QP LATTICE-GAL22V10D-10QP Datasheet
718Kb / 23P
   GAL 22V10 Device Datasheet
GAL22V10D-10QPN LATTICE-GAL22V10D-10QPN Datasheet
718Kb / 23P
   Product Change Notifications (PCNs) have been issued to discontinue all devices in this data sheet.
More results

Similar Description - GAL22V10D-10QP

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL22V10D-10LPN LATTICE-GAL22V10D-10LPN Datasheet
718Kb / 23P
   All Devices Discontinued
GAL16V8D-25LJN LATTICE-GAL16V8D-25LJN Datasheet
767Kb / 26P
   All Devices Discontinued
logo
PHOENIX CONTACT
CRIMPFOX-ZA-6-3 PHOENIX-CRIMPFOX-ZA-6-3 Datasheet
75Kb / 2P
   Discontinued item
CRIMPFOX-UD-10-4 PHOENIX-CRIMPFOX-UD-10-4 Datasheet
77Kb / 2P
   Discontinued item
CRIMPFOX-UC-6 PHOENIX-CRIMPFOX-UC-6 Datasheet
73Kb / 2P
   Discontinued item
CRIMPFOX-50 PHOENIX-CRIMPFOX-50 Datasheet
79Kb / 3P
   Discontinued item
logo
Freescale Semiconductor...
KL14 FREESCALE-KL14 Datasheet
298Kb / 20P
   Supports all KL14 and KL15 devices
MKL04Z16VFK4 FREESCALE-MKL04Z16VFK4 Datasheet
300Kb / 20P
   Supports all KL04 and KL05 devices
logo
Sonardyne sound in dept...
7801 SONARDYNE-7801 Datasheet
86Kb / 2P
   Compatt Mk4 EHF (Discontinued)
7800 SONARDYNE-7800 Datasheet
86Kb / 2P
   Compatt Mk4 MF (Discontinued)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com