Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL22V10D-10QP Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # GAL22V10D-10QP
Description  All Devices Discontinued
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL22V10D-10QP Datasheet(HTML) 3 Page - Lattice Semiconductor

  GAL22V10D-10QP Datasheet HTML 1Page - Lattice Semiconductor GAL22V10D-10QP Datasheet HTML 2Page - Lattice Semiconductor GAL22V10D-10QP Datasheet HTML 3Page - Lattice Semiconductor GAL22V10D-10QP Datasheet HTML 4Page - Lattice Semiconductor GAL22V10D-10QP Datasheet HTML 5Page - Lattice Semiconductor GAL22V10D-10QP Datasheet HTML 6Page - Lattice Semiconductor GAL22V10D-10QP Datasheet HTML 7Page - Lattice Semiconductor GAL22V10D-10QP Datasheet HTML 8Page - Lattice Semiconductor GAL22V10D-10QP Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Specifications GAL22V10
1
228
I
I
I
I
I
I
NC
NC
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
426
25
19
18
21
23
16
14
12
11
9
7
5
Features
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
— 4 ns Maximum Propagation Delay
— Fmax = 250 MHz
— 3.5 ns Maximum from Clock Input to Data Output
— UltraMOS® Advanced CMOS Technology
• ACTIVE PULL-UPS ON ALL PINS
• COMPATIBLE WITH STANDARD 22V10 DEVICES
— Fully Function/Fuse-Map/Parametric Compatible
with Bipolar and UVCMOS 22V10 Devices
• 50% to 75% REDUCTION IN POWER VERSUS BIPOLAR
— 90mA Typical Icc on Low Power Device
— 45mA Typical Icc on Quarter Power Device
•E2 CELL TECHNOLOGY
— Reconfigurable Logic
— Reprogrammable Cells
— 100% Tested/100% Yields
— High Speed Electrical Erasure (<100ms)
— 20 Year Data Retention
• TEN OUTPUT LOGIC MACROCELLS
— Maximum Flexibility for Complex Logic Designs
• PRELOAD AND POWER-ON RESET OF REGISTERS
— 100% Functional Testability
• APPLICATIONS INCLUDE:
— DMA Control
— State Machine Control
— High Speed Graphics Processing
— Standard Logic Speed Upgrade
• ELECTRONIC SIGNATURE FOR IDENTIFICATION
• LEAD-FREE PACKAGE OPTIONS
ESCRIPTION
Description
The GAL22V10, at 4ns maximum propagation delay time, combines
a high performance CMOS process with Electrically Erasable (E2)
floating gate technology to provide the highest performance avail-
able of any 22V10 device on the market. CMOS circuitry allows
the GAL22V10 to consume much less power when compared to
bipolar 22V10 devices. E2 technology offers high speed (<100ms)
erase times, providing the ability to reprogram or reconfigure the
device quickly and efficiently.
The generic architecture provides maximum design flexibility by
allowing the Output Logic Macrocell (OLMC) to be configured by
the user. The GAL22V10 is fully function/fuse map/parametric com-
patible with standard bipolar and CMOS 22V10 devices.
Unique test circuitry and reprogrammable cells allow complete AC,
DC, and functional testing during manufacture. As a result, Lat-
tice Semiconductor delivers 100% field programmability and func-
tionality of all GAL products. In addition, 100 erase/write cycles and
data retention in excess of 20 years are specified.
GAL22V10
High Performance E2CMOS PLD
Generic Array Logic™
Copyright © 2006 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject
to change without notice.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A.
December 2006
Tel. (503) 268-8000; 1-800-LATTICE; FAX (503) 268-8556; http://www.latticesemi.com
GAL22V10
Top View
PLCC
1
12
13
24
I/CLK
I
I
I
I
I
I
I
I
I
I
GND
Vcc
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I
6
18
GAL
22V10
DIP
22v10_12
Functional Block Diagram
Pin Configuration
SOIC
GAL22V10
Top View
Lead-Free
Package
Options
Available!
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I
I/CLK
I
I
I
I
I
I
I
I
I
I
RESET
PRESET
8
10
12
14
16
16
14
12
10
8
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC


Similar Part No. - GAL22V10D-10QP

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL22V10D-10QP LATTICE-GAL22V10D-10QP Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
GAL22V10D-10QP LATTICE-GAL22V10D-10QP Datasheet
718Kb / 23P
   Product Change Notifications (PCNs) have been issued to discontinue all devices in this data sheet.
GAL22V10D-10QP LATTICE-GAL22V10D-10QP Datasheet
718Kb / 23P
   All Devices Discontinued
GAL22V10D-10QP LATTICE-GAL22V10D-10QP Datasheet
718Kb / 23P
   GAL 22V10 Device Datasheet
GAL22V10D-10QPN LATTICE-GAL22V10D-10QPN Datasheet
718Kb / 23P
   Product Change Notifications (PCNs) have been issued to discontinue all devices in this data sheet.
More results

Similar Description - GAL22V10D-10QP

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL22V10D-10LPN LATTICE-GAL22V10D-10LPN Datasheet
718Kb / 23P
   All Devices Discontinued
GAL16V8D-25LJN LATTICE-GAL16V8D-25LJN Datasheet
767Kb / 26P
   All Devices Discontinued
logo
PHOENIX CONTACT
CRIMPFOX-ZA-6-3 PHOENIX-CRIMPFOX-ZA-6-3 Datasheet
75Kb / 2P
   Discontinued item
CRIMPFOX-UD-10-4 PHOENIX-CRIMPFOX-UD-10-4 Datasheet
77Kb / 2P
   Discontinued item
CRIMPFOX-UC-6 PHOENIX-CRIMPFOX-UC-6 Datasheet
73Kb / 2P
   Discontinued item
CRIMPFOX-50 PHOENIX-CRIMPFOX-50 Datasheet
79Kb / 3P
   Discontinued item
logo
Freescale Semiconductor...
KL14 FREESCALE-KL14 Datasheet
298Kb / 20P
   Supports all KL14 and KL15 devices
MKL04Z16VFK4 FREESCALE-MKL04Z16VFK4 Datasheet
300Kb / 20P
   Supports all KL04 and KL05 devices
logo
Sonardyne sound in dept...
7801 SONARDYNE-7801 Datasheet
86Kb / 2P
   Compatt Mk4 EHF (Discontinued)
7800 SONARDYNE-7800 Datasheet
86Kb / 2P
   Compatt Mk4 MF (Discontinued)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com