Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3C04A1-03P Datasheet(PDF) 4 Page - Anaren Microwave

Part # X3C04A1-03P
Description  30 dB Directional Coupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C04A1-03P Datasheet(HTML) 4 Page - Anaren Microwave

  X3C04A1-03P Datasheet HTML 1Page - Anaren Microwave X3C04A1-03P Datasheet HTML 2Page - Anaren Microwave X3C04A1-03P Datasheet HTML 3Page - Anaren Microwave X3C04A1-03P Datasheet HTML 4Page - Anaren Microwave X3C04A1-03P Datasheet HTML 5Page - Anaren Microwave X3C04A1-03P Datasheet HTML 6Page - Anaren Microwave X3C04A1-03P Datasheet HTML 7Page - Anaren Microwave X3C04A1-03P Datasheet HTML 8Page - Anaren Microwave X3C04A1-03P Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model X3C26P1-30S
Rev A
Typical Performance (-55°C, 25°C and 95°C):
2300-2900 MHz
2300
2400
2500
2600
2700
2800
2900
-70
-60
-50
-40
-30
-20
-10
0
Frequency (Mhz)
Return Loss for X3C26P1-30S(Feeding port1)
25ºC
-55ºC
95ºC
2300
2400
2500
2600
2700
2800
2900
-70
-60
-50
-40
-30
-20
-10
0
Frequency (Mhz)
Return Loss for X3C26P1-30S(Feeding port2)
25ºC
-55ºC
95ºC
2300
2400
2500
2600
2700
2800
2900
-70
-60
-50
-40
-30
-20
-10
0
Frequency (Mhz)
Return Loss for X3C26P1-30S(Feeding port3)
25ºC
-55ºC
95ºC
2300
2400
2500
2600
2700
2800
2900
-70
-60
-50
-40
-30
-20
-10
0
Frequency (Mhz)
Return Loss for X3C26P1-30S(Feeding port4)
25ºC
-55ºC
95ºC


Similar Part No. - X3C04A1-03P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C04A1-03S ANAREN-X3C04A1-03S Datasheet
2Mb / 26P
   Hybrid Coupler 3 dB, 90
More results

Similar Description - X3C04A1-03P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C19P2-30S ANAREN-X3C19P2-30S Datasheet
697Kb / 22P
   30 dB Directional Coupler
X3C26P1-30S ANAREN-X3C26P1-30S_14 Datasheet
671Kb / 23P
   30 dB Directional Coupler
XC2100B-30S ANAREN-XC2100B-30S Datasheet
651Kb / 22P
   30 dB Directional Coupler
XC0900B-30S ANAREN-XC0900B-30S Datasheet
635Kb / 22P
   30 dB Directional Coupler
XC2100A-30 ANAREN-XC2100A-30 Datasheet
613Kb / 22P
   30 dB Directional Coupler
X3C09P2-30S ANAREN-X3C09P2-30S Datasheet
650Kb / 23P
   30 dB Directional Coupler
logo
Tyco Electronics
DCG-10-4 MACOM-DCG-10-4 Datasheet
111Kb / 2P
   11 dB Directional Coupler 30 - 1000 MHz
logo
API Technologies Corp
C753E-10 APITECH-C753E-10 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C752E-30 APITECH-C752E-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C751-30 APITECH-C751-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com