Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12HR-6S-P-N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 12HR-6S-P-N
Description  2.5mm pitch/Disconnectable Insulation displacement connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

12HR-6S-P-N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  12HR-6S-P-N Datasheet HTML 1Page - List of Unclassifed Manufacturers 12HR-6S-P-N Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
HR CONNECTOR
2.5mm pitch/Disconnectable Insulation displacement connectors
Radial Tape
JST
5
2.5
±0.05
2.5 min
φ0.9
+0.1
 0
4.1
2.5
±0.05
2.5min
φ0.9
+0.1
 0
13.5
6.7
2.5
±0.05
2.5 min
φ0.9
+0.1
 0
4.4
This 2.5mm pitch connector for printed
circuit boards has a thin construction. The
in-line method provides high-density
capability to the end user.
• Twin U-slot insulation displacement section
• Thin design
• High reliability
• Strain relief
• Interchangeability
Specifications –––––––––––––––––––
• Current rating:
2A AC, DC (AWG #24)
• Voltage rating:
250V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/10m
Ω max.
After environmental testing/20m
Ω max.
• Insulation resistance:
1,000M
Ω min.
• Withstanding voltage:
1,000V AC/minute
• Applicable wire: UL1007(Contact JST for details regarding other UL
styles.)
AWG #28, #26, #24
Conductor/7 strands, tin-coated
Insulation O.D./1.0 to 1.5mm
• Applicable PC board thickness: 0.8 to 1.6mm
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
2R50082349
Note: 1. Tolerances are non-cumulative:
±0.05mm for all centers.
2. Hole dimensions differ according to the kind of PC board and piercing method. If PC boards made of hard material are used, the hole dimensions should be
larger. The dimensions above should serve as a guideline. Contact JST for details.
Top entry type on radial-tape
PC board layout (viewed from soldering side) and Assembly layout
Top entry type
Side entry type


Similar Part No. - 12HR-6S-P-N

ManufacturerPart #DatasheetDescription
logo
Power-One
12H1001-2R POWER-ONE-12H1001-2R Datasheet
141Kb / 4P
   50 Watt DC-DC Converters
12H1301-2R POWER-ONE-12H1301-2R Datasheet
141Kb / 4P
   50 Watt DC-DC Converters
12H1501-2R POWER-ONE-12H1501-2R Datasheet
141Kb / 4P
   50 Watt DC-DC Converters
12H1601-2R POWER-ONE-12H1601-2R Datasheet
141Kb / 4P
   50 Watt DC-DC Converters
12H1901-2R POWER-ONE-12H1901-2R Datasheet
141Kb / 4P
   50 Watt DC-DC Converters
More results

Similar Description - 12HR-6S-P-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSR ETC2-SSR Datasheet
89Kb / 3P
   Disconnectable Insulation displacement connectors
BM02B-SRSS-TB ETC1-BM02B-SRSS-TB Datasheet
71Kb / 3P
   Disconnectable Insulation displacement connectors
SM02B-SURS-TF ETC2-SM02B-SURS-TF Datasheet
84Kb / 2P
   0.8mm pitch/Disconnectable Insulation displacement connectors
logo
JST Mfg. Co., Ltd.
KRW JST-KRW Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
logo
List of Unclassifed Man...
S6B-XH-A ETC2-S6B-XH-A Datasheet
214Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-03-S ETC2-HRP-03-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
XADRP-14V ETC2-XADRP-14V Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SEH-001T-P0.6 JST-SEH-001T-P0.6 Datasheet
169Kb / 4P
   2.5mm pitch/Disconnectable Crimp style connectors
XH-CONNECTOR JST-XH-CONNECTOR Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B08B-XADSS-N ETC2-B08B-XADSS-N Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com